データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UC3525AQ データシート(PDF) 8 Page - Texas Instruments

部品番号 UC3525AQ
部品情報  REGULATING PULSE WIDTH MODULATORS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

UC3525AQ データシート(HTML) 8 Page - Texas Instruments

Back Button UC3525AQ Datasheet HTML 4Page - Texas Instruments UC3525AQ Datasheet HTML 5Page - Texas Instruments UC3525AQ Datasheet HTML 6Page - Texas Instruments UC3525AQ Datasheet HTML 7Page - Texas Instruments UC3525AQ Datasheet HTML 8Page - Texas Instruments UC3525AQ Datasheet HTML 9Page - Texas Instruments UC3525AQ Datasheet HTML 10Page - Texas Instruments UC3525AQ Datasheet HTML 11Page - Texas Instruments UC3525AQ Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
www.ti.com
13
12
Q2
Q1
+VC
A
B
UC1525A
GND
+VSUPPLY
Return
R1
30 W
R2
C1
T1
11
14
D1, D2: UC3611
C2
VREF
RT
CT
16
Q1
Q5
Q8
7.4 kW
Q3
6
5
Q6 Q9
2 kW
14 kW
Ramp To PWM
Blanking To Outout
Q12
Q10
Q11
Q13
3 kW
250 kW
Clock
Q14
25 kW
1 kW
2 kW
400 mA
5 pF
Q7
Q4
Q2
1 kW
3
7
12
SYNC
DISCHARGE
GND
23 kW
UC1525A, UC1527A
UC2525A, UC2527A
UC3525A, UC3527A
SLUS191C – FEBRUARY 1997 – REVISED JANUARY 2008
PRINCIPLES OF OPERATION AND TYPICAL CHARACTERISTICS (continued)
Figure 6. Low Power Transformers
Low power transformers can be driven by the UC1525A. Automatic reset occurs during dead time, when both
ends of the primary winding are switched to ground.
Figure 7. UC1525A Oscillator Schematic
8
Submit Documentation Feedback
Copyright © 1997–2008, Texas Instruments Incorporated
Product Folder Link(s): UC1525A, UC1527A UC2525A, UC2527A UC3525A, UC3527A


同様の部品番号 - UC3525AQ

メーカー部品番号データシート部品情報
logo
Texas Instruments
UC3525AQ TI-UC3525AQ Datasheet
440Kb / 9P
[Old version datasheet]   Regulating Pulse Width Modulators
UC3525AQ TI1-UC3525AQ Datasheet
747Kb / 17P
[Old version datasheet]   REGULATING PULSE WIDTH MODULATORS
UC3525AQG3 TI1-UC3525AQG3 Datasheet
747Kb / 17P
[Old version datasheet]   REGULATING PULSE WIDTH MODULATORS
UC3525AQTR TI-UC3525AQTR Datasheet
440Kb / 9P
[Old version datasheet]   Regulating Pulse Width Modulators
More results

同様の説明 - UC3525AQ

メーカー部品番号データシート部品情報
logo
Seme LAB
IP1524 SEME-LAB-IP1524 Datasheet
59Kb / 6P
   REGULATING PULSE WIDTH MODULATORS
IP1525A SEME-LAB-IP1525A Datasheet
63Kb / 6P
   REGULATING PULSE WIDTH MODULATORS
logo
STMicroelectronics
SG2524 STMICROELECTRONICS-SG2524 Datasheet
93Kb / 9P
   REGULATING PULSE WIDTH MODULATORS
SG2525AP013TR STMICROELECTRONICS-SG2525AP013TR Datasheet
939Kb / 12P
   REGULATING PULSE WIDTH MODULATORS
logo
Texas Instruments
SG2524 TI-SG2524_1 Datasheet
829Kb / 24P
[Old version datasheet]   REGULATING PULSE-WIDTH MODULATORS
UC1525B TI-UC1525B Datasheet
653Kb / 14P
[Old version datasheet]   Regulating Pulse Width Modulators
logo
STMicroelectronics
SG2525A STMICROELECTRONICS-SG2525A Datasheet
117Kb / 12P
   REGULATING PULSE WIDTH MODULATORS
logo
Linear Technology
LT1525A LINER-LT1525A Datasheet
536Kb / 8P
   Regulating Pulse Width Modulators
logo
Seme LAB
IP1P125 SEME-LAB-IP1P125 Datasheet
28Kb / 4P
   REGULATING PULSE WIDTH MODULATORS
logo
Texas Instruments
UC1525A TI-UC1525A Datasheet
440Kb / 9P
[Old version datasheet]   Regulating Pulse Width Modulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com