データシートサーチシステム
Selected language   Japanese  ▼
品番検索
         詳細検索


TLV2471QDBVRQ1 データシート(Datasheet) 10 Page - Texas Instruments

Click here to check the latest version.
部品番号. TLV2471QDBVRQ1
部品情報  FAMILY OF 600-uA.CH 2.8-HHz RAIL-TO-RAIL INPUT-OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS
ダウンロード  34 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo 

 10 page
background image
TLV247xQ1, TLV247xAQ1
FAMILY OF 600 µA/Ch 2.8MHz RAILTORAIL INPUT/OUTPUT
HIGHDRIVE OPERATIONAL AMPLIFIERS
SGLS180B − AUGUST 2003 − REVISED APRIL 2008
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 10
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
VDD − Supply Voltage − V
AV= 1
SHDN= VDD
Per Channel
SUPPLY CURRENT
vs
SUPPLY VOLTAGE
TA=125°C
TA=85°C
TA=25°C
TA=−40°C
30
40
50
60
70
80
90
100
POWER SUPPLY REJECTION RATIO
vs
FREQUENCY
f − Frequency − Hz
10
100
1k
10k
100k
1M
10M
VDD=3 & 5 V
RF=5 kΩ
RI=50 Ω
TA=25°C
PSRR+
PSRR−
Figure 11
Figure 12
50
60
70
80
90
100
110
120
130
COMMON-MODE REJECTION RATIO
vs
FREQUENCY
f − Frequency − Hz
100
1k
10k
100k
1M
10M
VDD=5 V
VIC=2.5 V
VDD=3 V
VIC=1.5 V
Figure 13
0
10
20
30
40
50
60
70
80
EQUIVALENT NOISE VOLTAGE
vs
FREQUENCY
f − Frequency − Hz
1k
10k
100k
10
100
VDD=3 & 5 V
AV= 10
VIN= VDD/2
TA=25°C
Figure 14
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
MAXIMUM PEAK-TO-PEAK
OUTPUT VOLTAGE
vs
FREQUENCY
f − Frequency − Hz
1M
10k
100k
VO(PP)=5 V
VO(PP)=3 V
THD+N
≤ 2.0%
RL=10 kΩ
TA=25°C
Figure 15
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
MAXIMUM PEAK-TO-PEAK
OUTPUT VOLTAGE
vs
FREQUENCY
f − Frequency − Hz
1M
10k
100k
VO(PP)=3 V
VO(PP)=5 V
THD+N
≤ 2.0%
RL=600 Ω
TA=25°C
Figure 16
DIFFERENTIAL VOLTAGE GAIN AND PHASE
vs
FREQUENCY
Frequency − Hz
100
1k
10k
100k
20
0
−40
−20
60
40
80
100
−135
−180
−270
−225
−45
−90
0
45
1M
10M
100M
VDD=±3
RL=600 Ω
CL=0
TA=25°C
Figure 17
DIFFERENTIAL VOLTAGE GAIN AND PHASE
vs
FREQUENCY
Frequency − Hz
100
1k
10k
100k
20
0
−40
−20
60
40
80
100
−135
−180
−270
−225
−45
−90
0
45
1M
10M
100M
VDD=±5
RL=600 Ω
CL=0
TA=25°C




Html ページ

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34 


Datasheet Download




リンク URL

ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ]  

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl