データシートサーチシステム
Selected language   Japanese  ▼
品番検索
         詳細検索


TLV2474QDRQ1 データシート(Datasheet) 9 Page - Texas Instruments

Click here to check the latest version.
部品番号. TLV2474QDRQ1
部品情報  FAMILY OF 600-uA.CH 2.8-HHz RAIL-TO-RAIL INPUT-OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS
ダウンロード  34 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo 

 9 page
background image
TLV247xQ1, TLV247xAQ1
FAMILY OF 600 µA/Ch 2.8MHz RAILTORAIL INPUT/OUTPUT
HIGHDRIVE OPERATIONAL AMPLIFIERS
SGLS180B − AUGUST 2003 − REVISED APRIL 2008
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 1
−800
−600
−400
−200
0
200
400
600
−0.5 0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
INPUT OFFSET VOLTAGE
vs
COMMON-MODE INPUT VOLTAGE
VDD=3 V
TA=25° C
VICR − Common-Mode Input Voltage − V
Figure 2
−800
−600
−400
−200
0
200
400
600
−0.5
0.5
1.5
2.5
3.5
4.5
5.5
VDD=5 V
TA=25 °C
INPUT OFFSET VOLTAGE
vs
COMMON-MODE INPUT VOLTAGE
VICR − Common-Mode Input Voltage − V
Figure 3
−10
0
10
20
30
40
50
−55 −35 −15
5
25
45
65
85 105 125
INPUT BIAS AND INPUT OFFSET
CURRENTS
vs
FREE-AIR TEMPERATURE
TA − Free-Air Temperature − °C
IIB
IIO
VDD=3 V
Figure 4
−10
0
10
20
30
40
50
−55 −35 −15
5
25
45
65
85 105 125
INPUT BIAS AND INPUT OFFSET
CURRENTS
vs
FREE-AIR TEMPERATURE
TA − Free-Air Temperature − °C
IIB
IIO
VDD=5 V
Figure 5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
102030405060
HIGH-LEVEL OUTPUT VOLTAGE
vs
HIGH-LEVEL OUTPUT CURRENT
IOH − High-Level Output Current − mA
VDD=3 V
TA=125°C
TA=85°C
TA=25°C
TA=−40°C
Figure 6
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
1020304050
LOW-LEVEL OUTPUT VOLTAGE
vs
LOW-LEVEL OUTPUT CURRENT
IOL − Low-Level Output Current − mA
VDD=3 V
TA=125°C
TA=85°C
TA=25°C
TA=−40°C
Figure 7
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0
20
40
60
80
100 120 140 160
HIGH-LEVEL OUTPUT VOLTAGE
vs
HIGH-LEVEL OUTPUT CURRENT
IOH − High-Level Output Current − mA
VDD=5 V
TA=125°C
TA=85°C
TA=25°C
TA=−40°C
Figure 8
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
20
40
60
80
100
120
140
LOW-LEVEL OUTPUT VOLTAGE
vs
LOW-LEVEL OUTPUT CURRENT
IOL − Low-Level Output Current − mA
VDD=5 V
TA=125°C
TA=85°C
TA=25°C
TA=−40°C
Figure 9
OUTPUT IMPEDANCE
vs
FREQUENCY
f − Frequency − Hz
100
1k
10k
100k
1M
10M
0.1
0.01
1000
10
1
100
AV=10
VDD=3 & 5 V
TA=25°C
AV=100
AV=1




Html ページ

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34 


Datasheet Download




リンク URL

ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ]  

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl