データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLV0834C データシート(PDF) 1 Page - Texas Instruments

部品番号 TLV0834C
部品情報  3-VOLT 8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TLV0834C データシート(HTML) 1 Page - Texas Instruments

  TLV0834C Datasheet HTML 1Page - Texas Instruments TLV0834C Datasheet HTML 2Page - Texas Instruments TLV0834C Datasheet HTML 3Page - Texas Instruments TLV0834C Datasheet HTML 4Page - Texas Instruments TLV0834C Datasheet HTML 5Page - Texas Instruments TLV0834C Datasheet HTML 6Page - Texas Instruments TLV0834C Datasheet HTML 7Page - Texas Instruments TLV0834C Datasheet HTML 8Page - Texas Instruments TLV0834C Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
TLV0834C, TLV0834I, TLV0838C, TLV0838I
3-VOLT 8-BIT ANALOG-TO-DIGITAL CONVERTERS
WITH SERIAL CONTROL
SLAS147B – SEPTEMBER 1996 – REVISED OCTOBER 2000
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D 8-Bit Resolution
D 2.7-V to 3.6-V VCC
D Easy Microprocessor Interface or
Stand-Alone Operation
D Operates Ratiometrically or With VCC
Reference
D 4- or 8-Channel Multiplexer Options With
Address Logic
D Input Range 0 V to VCC With VCC Reference
D Remote Operation With Serial Data Link
D Inputs and Outputs Are Compatible With
TTL and MOS
D Conversion Time of 32 µs at
f(CLK) = 250 kHz
D Functionally Equivalent to the ADC0834
and ADC0838 at 3-V Supply Without the
Internal Zener Regulator Network
D Total Unadjusted Error . . . ±1 LSB
description
These devices are 8-bit successive-approximation analog-to-digital converters, each with an input-configurable
multichannel multiplexer and serial input/output. The serial input/output is configured to interface with standard
shift registers or microprocessors. Detailed information on interfacing with most popular microprocessors is
readily available from the factory.
The TLV0834 (4-channel) and TLV0838 (8-channel) multiplexer is software-configured for single-ended or
differential inputs as well as pseudodifferential input assignments. The differential analog voltage input allows
for common-mode rejection or offset of the analog zero input voltage value. In addition, the voltage reference
input can be adjusted to allow encoding of any smaller analog voltage span to the full 8 bits of resolution.
The TLV0834C and TLV0838C are characterized for operation from 0
°C to 70°C. The TLV0834I and TLV0838I
are characterized for operation from – 40
°C to 85°C.
1
2
3
4
5
6
7
14
13
12
11
10
9
8
NC
CS
CH0
CH1
CH2
CH3
DGTL GND
VCC
DI
CLK
SARS
DO
REF
ANLG GND
TLV0834 ...D OR N PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
NC
CS
CH0
CH1
CH2
CH3
DGTL GND
NC
VCC
DI
CLK
SARS
DO
REF
ANLG GND
NC
NC – No internal connection
TLV0834 . . . PW PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
CH0
CH1
CH2
CH3
CH4
CH5
CH6
CH7
COM
DGTL GND
VCC
NC
CS
DI
CLK
SARS
DO
SE
REF
ANLG GND
TLV0838 ...PW, DW, OR N PACKAGE
(TOP VIEW)
AVAILABLE OPTIONS
PACKAGE
TA
SMALL
OUTLINE
(D)
SMALL
OUTLINE
(DW)
PLASTIC DIP
(N)
TSSOP
(PW)
0
°C to 70°C
TLV0834CD
TLV0838CDW
TLV0834CN
TLV0838CN
TLV0834CPW
TLV0838CPW
–40
°C to 85°C
TLV0834ID
TLV0838IDW
TLV0834IN
TLV0838IN
TLV0834IPW
TLV0838IPW
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
© 2000, Texas Instruments Incorporated


同様の部品番号 - TLV0834C

メーカー部品番号データシート部品情報
logo
Texas Instruments
TLV0834C TI-TLV0834C Datasheet
239Kb / 16P
[Old version datasheet]   3-VOLT 8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLV0834C TI1-TLV0834C Datasheet
1Mb / 27P
[Old version datasheet]   3-VOLT 8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLV0834CD TI-TLV0834CD Datasheet
239Kb / 16P
[Old version datasheet]   3-VOLT 8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLV0834CD TI1-TLV0834CD Datasheet
847Kb / 26P
[Old version datasheet]   3-VOLT 8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLV0834CDG4 TI1-TLV0834CDG4 Datasheet
847Kb / 26P
[Old version datasheet]   3-VOLT 8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
More results

同様の説明 - TLV0834C

メーカー部品番号データシート部品情報
logo
Texas Instruments
TLV0831C TI1-TLV0831C_16 Datasheet
903Kb / 19P
[Old version datasheet]   3-VOLT 8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLV0831C TI-TLV0831C Datasheet
194Kb / 12P
[Old version datasheet]   3-VOLT 8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLV0834 TI1-TLV0834 Datasheet
847Kb / 26P
[Old version datasheet]   3-VOLT 8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLV0834C TI1-TLV0834C_14 Datasheet
1Mb / 27P
[Old version datasheet]   3-VOLT 8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLV0834C TI-TLV0834C Datasheet
239Kb / 16P
[Old version datasheet]   3-VOLT 8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC548C TI-TLC548C Datasheet
167Kb / 12P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0831C TI-TLC0831C Datasheet
206Kb / 14P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0831C TI1-TLC0831C_14 Datasheet
915Kb / 21P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0834C TI1-TLC0834C_14 Datasheet
794Kb / 20P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0831 TI1-TLC0831 Datasheet
656Kb / 19P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com