データシートサーチシステム |
|
TLV2262QDR データシート(PDF) 11 Page - Texas Instruments |
|
TLV2262QDR データシート(HTML) 11 Page - Texas Instruments |
11 / 64 page TLV226x, TLV226xA Advanced LinCMOS RAILTORAIL OPERATIONAL AMPLIFIERS SLOS186C − FEBRUARY 1997 − REVISED AUGUST 2006 11 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TLV2264I electrical characteristics at specified free-air temperature, VDD = 3 V (unless otherwise noted) (continued) PARAMETER TEST CONDITIONS TA† TLV2264I TLV2264AI UNIT PARAMETER TEST CONDITIONS TA† MIN TYP MAX MIN TYP MAX UNIT IDD Supply current (four amplifiers) VO = 1.5 V, No load 25 °C 0.8 1 0.8 1 mA IDD Supply current (four amplifiers) VO = 1.5 V, No load Full range 1 1 mA † Full range is − 40°C to 125°C. TLV2264I operating characteristics at specified free-air temperature, VDD = 3 V PARAMETER TEST CONDITIONS TA† TLV2264I TLV2264AI UNIT PARAMETER TEST CONDITIONS TA† MIN TYP MAX MIN TYP MAX UNIT 25 °C 0.35 0.55 0.35 0.55 Slew rate at unity VO = 0.7 V to 1.7 V, RL = 50 kΩ‡, 25 °C 0.35 0.55 0.35 0.55 SR Slew rate at unity gain VO = 0.7 V to 1.7 V, CL = 100 pF‡ RL = 50 kΩ‡, Full 0.3 0.3 V/ µs SR gain CL = 100 pF‡ Full range 0.3 0.3 V/ µs Vn Equivalent input f = 10 Hz 25 °C 43 43 nV/ √Hz Vn Equivalent input noise voltage f = 1 kHz 25 °C 12 12 nV/ √Hz VN(PP) Peak-to-peak equivalent input f = 0.1 Hz to 1 Hz 25 °C 0.6 0.6 V VN(PP) equivalent input noise voltage f = 0.1 Hz to 10 Hz 25 °C 1 1 µV In Equivalent input noise current 25 °C 0.6 0.6 fA / √Hz THD + N Total harmonic distortion plus VO = 0.5 V to 2.5 V, f = 20 kHz, AV = 1 25 °C 0.03% 0.03% THD + N distortion plus noise O f = 20 kHz, RL = 50 kΩ ‡ AV = 10 25 °C 0.05% 0.05% Gain-bandwidth f = 1 kHz, RL = 50 kΩ ‡, 25 °C 0.67 0.67 MHz Gain-bandwidth product f = 1 kHz, CL = 100 pF ‡ RL = 50 kΩ ‡, 25 °C 0.67 0.67 MHz BOM Maximum output-swing VO(PP) = 1 V, ‡, AV = 1, ‡ 25 °C 395 395 kHz BOM output-swing bandwidth VO(PP) = 1 V, RL = 50 kΩ ‡, AV = 1, CL = 100 pF ‡ 25 °C 395 395 kHz AV = −1, To 0.1% 5.6 5.6 ts Settling time AV = −1, Step = 1 V to 2 V, ‡, To 0.1% 25 °C 5.6 5.6 s ts Settling time Step = 1 V to 2 V, RL = 50 kΩ ‡, C = 100 pF ‡ To 0.01% 25 °C 12.5 12.5 µs RL = 50 kΩ ‡, CL = 100 pF ‡ To 0.01% 12.5 12.5 φm Phase margin at unity gain RL = 50 kΩ‡, CL = 100 pF ‡ 25 °C 55 ° 55 ° Gain margin RL = 50 kΩ‡, CL = 100 pF ‡ 25 °C 11 11 dB † Full range is − 40°C to 125°C. ‡ Referenced to 1.5 V |
同様の部品番号 - TLV2262QDR |
|
同様の説明 - TLV2262QDR |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |