データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLV2262M データシート(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
部品番号 TLV2262M
部品情報  Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2262M データシート(HTML) 9 Page - Texas Instruments

Back Button TLV2262M Datasheet HTML 5Page - Texas Instruments TLV2262M Datasheet HTML 6Page - Texas Instruments TLV2262M Datasheet HTML 7Page - Texas Instruments TLV2262M Datasheet HTML 8Page - Texas Instruments TLV2262M Datasheet HTML 9Page - Texas Instruments TLV2262M Datasheet HTML 10Page - Texas Instruments TLV2262M Datasheet HTML 11Page - Texas Instruments TLV2262M Datasheet HTML 12Page - Texas Instruments TLV2262M Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 43 page
background image
TLV2264A ELECTRICAL CHARACTERISTICS
TLV2262A-Q1, TLV2264A-Q1
www.ti.com ........................................................................................................................................................................................... SGLS193 – DECEMBER 2008
VDD = 3 V, over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
25°C
300
950
VIO
Input offset voltage
VDD± = ±1.5 V, VIC = 0, VO = 0, RS = 50 Ω
mV
Full range
1500
Temperature coefficient
α
VIO
VDD± = ±1.5 V, VIC = 0, VO = 0, RS = 50 Ω
25°C to 125°C
2
µV/°C
of input offset voltage
Input offset voltage long-term
VDD± = ±1.5 V, VIC = 0, VO = 0, RS = 50 Ω
25°C
0.003
µV/mo
drift(1)
25°C
0.5
60
IIO
Input offset current
VDD± = ±1.5 V, VIC = 0, VO = 0, RS = 50 Ω
pA
125°C
800
25°C
1
60
IIB
Input bias current
VDD± = ±1.5 V, VIC = 0, VO = 0, RS = 50 Ω
pA
125°C
800
0
–0.3
25°C
to 2
to 2.2
Common-mode input voltage
VICR
RS = 50 Ω, | VIO | ≤ 5 mV
V
range
0
Full range
to 1.7
IOH = –20 µA
25°C
2.99
25°C
2.85
IOH = –100 µA
VOH
High-level output voltage
Full range
2.82
V
25°C
2.7
IOH = –400 µA
Full range
2.6
IOL = 50 µA
25°C
10
25°C
100
150
IOL = 500 µA
VOL
Low-level output voltage
VIC = 1.5 V
Full range
150
mV
25°C
200
300
IOL = 1 mA
Full range
300
25°C
60
100
RL = 50 kΩ
(2)
Large-signal differential
AVD
VIC = 1.5 V, VO = 1 V to 2 V
Full range
25
V/mV
voltage amplification
RL = 1 MΩ
(2)
25°C
100
ri(d)
Differential input resistance
25°C
1012
Common-mode input
ri(c)
25°C
1012
resistance
Common-mode input
ci(c)
f = 10 kHz
25°C
8
pF
capacitance
Closed-loop output
zo
f = 100 kHz, AV = 10
25°C
270
impedance
25°C
65
77
Common-mode rejection
CMRR
VIC = 0 to 1.7 V, VO = 1.5 V, RS = 50 Ω
dB
ratio
Full range
60
25°C
80
100
Supply voltage rejection ratio
kSVR
VDD = 2.7 V to 8 V, VIC = VDD/2, No load
dB
(
ΔVDD/ΔVIO)
Full range
80
25°C
0.8
1
IDD
Supply current
VO = 1.5 V, No load
mA
Full range
1
(1)
Typical values are based on the input offset voltage shift observed through 500 hours of operating life test at TA = 150°C extrapolated to
TA = 25°C using the Arrhenius equation and assuming an activation energy of 0.96 eV.
(2)
Referenced to 1.5 V
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TLV2262A-Q1 TLV2264A-Q1


同様の部品番号 - TLV2262M

メーカー部品番号データシート部品情報
logo
Texas Instruments
TLV2262M TI1-TLV2262M Datasheet
2Mb / 64P
[Old version datasheet]   Advanced LinCMOSE RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV2262MFK TI-TLV2262MFK Datasheet
817Kb / 51P
[Old version datasheet]   Advanced LinCMOSE RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TLV2262MFK STMICROELECTRONICS-TLV2262MFK Datasheet
1Mb / 55P
   ADVANCED LINCOMS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TLV2262MFK TI-TLV2262MFK Datasheet
1Mb / 57P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV2262MFK TI1-TLV2262MFK Datasheet
2Mb / 64P
[Old version datasheet]   Advanced LinCMOSE RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
More results

同様の説明 - TLV2262M

メーカー部品番号データシート部品情報
logo
Texas Instruments
TLC2272A-Q1 TI-TLC2272A-Q1 Datasheet
1Mb / 44P
[Old version datasheet]   ADVANCED LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV226X TI-TLV226X_07 Datasheet
1Mb / 58P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV226X TI-TLV226X_08 Datasheet
1Mb / 57P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV2262-Q1 TI1-TLV2262-Q1 Datasheet
694Kb / 39P
[Old version datasheet]   Advanced LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2272 TI1-TLC2272 Datasheet
2Mb / 63P
[Old version datasheet]   Advanced LinCMOS Rail-to-Rail Operational Amplifiers
TLC226X TI-TLC226X Datasheet
932Kb / 59P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2274A TI-TLC2274A Datasheet
619Kb / 33P
[Old version datasheet]   ADVANCED LINCMOS RAIL TO RAIL OPERATIONAL AMPLIFIERS
TLC227X-EP TI1-TLC227X-EP Datasheet
1Mb / 40P
[Old version datasheet]   ADVANCED LINCMOS RAIL TO RAIL OPERATIONAL AMPLIFIERS
TLC227X TI-TLC227X_07 Datasheet
1Mb / 67P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2272A-EP TI1-TLC2272A-EP Datasheet
993Kb / 39P
[Old version datasheet]   Advanced LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com