データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLV2332 データシート(PDF) 11 Page - Texas Instruments

部品番号 TLV2332
部品情報  LinCMOSE LOW-VOLTAGE MEDIUM-POWER OPERATIONAL AMPLIFIERS
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2332 データシート(HTML) 11 Page - Texas Instruments

Back Button TLV2332_16 Datasheet HTML 7Page - Texas Instruments TLV2332_16 Datasheet HTML 8Page - Texas Instruments TLV2332_16 Datasheet HTML 9Page - Texas Instruments TLV2332_16 Datasheet HTML 10Page - Texas Instruments TLV2332_16 Datasheet HTML 11Page - Texas Instruments TLV2332_16 Datasheet HTML 12Page - Texas Instruments TLV2332_16 Datasheet HTML 13Page - Texas Instruments TLV2332_16 Datasheet HTML 14Page - Texas Instruments TLV2332_16 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
TLV2332, TLV2332Y, TLV2334, TLV2334Y
LinCMOS
™ LOW-VOLTAGE MEDIUM-POWER
OPERATIONAL AMPLIFIERS
SLOS189 – FEBRUARY 1997
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TLV2334Y electrical characteristics, TA = 25°C
TLV2334Y
PARAMETER
TEST CONDITIONS
VDD = 3 V
VDD = 5 V
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
VIO
Input offset voltage
VO = 1 V,
RS = 50 Ω,
VIC = 1 V
RL = 100 kΩ
0.6
1.1
mV
IIO
Input offset current (see Note 4)
VO = 1 V,
VIC = 1 V
0.1
0.1
pA
IIB
Input bias current (see Note 4)
VO = 1 V,
VIC = 1 V
0.6
0.6
pA
VICR
Common-mode input voltage
range (see Note 5)
– 0.3
to
2.3
– 0.3
to
4.2
V
VOH
High-level output voltage
VIC = 1 V,
IOH = – 1 mA
VID = 100 mV,
1.9
3.9
V
VOL
Low-level output voltage
VIC = 1 V,
IOL = 1 mA
VID = – 100 mV,
115
95
mV
AVD
Large-signal differential voltage
amplification
VIC = 1 V,
See Note 6
RL = 100 kΩ,
83
170
V/mV
CMRR
Common-mode rejection ratio
VO = 1 V,
RS = 50 Ω
VIC = VICRmin,
92
91
dB
kSVR
Supply-voltage rejection ratio
(
∆VDD/∆VID)
VIC = 1 V,
RS = 50 Ω
VO = 1 V,
94
94
dB
IDD
Supply current
VO = 1 V,
No load
VIC = 1 V,
320
420
µA
NOTES:
4. The typical values of input bias current offset current below 5 pA are determined mathematically.
5. This range also applies to each input individually.
6. At VDD = 5 V, VO = 0.25 V to 2 V; at VDD = 3 V, VO = 0.5 V to 1.5 V.


同様の部品番号 - TLV2332_16

メーカー部品番号データシート部品情報
logo
Texas Instruments
TLV2332ID TI-TLV2332ID Datasheet
500Kb / 33P
[Old version datasheet]   LinCMOSE LOW-VOLTAGE MEDIUM-POWER OPERATIONAL AMPLIFIERS
TLV2332IDR TI-TLV2332IDR Datasheet
500Kb / 33P
[Old version datasheet]   LinCMOSE LOW-VOLTAGE MEDIUM-POWER OPERATIONAL AMPLIFIERS
TLV2332IP TI-TLV2332IP Datasheet
500Kb / 33P
[Old version datasheet]   LinCMOSE LOW-VOLTAGE MEDIUM-POWER OPERATIONAL AMPLIFIERS
TLV2332IPWLE TI-TLV2332IPWLE Datasheet
500Kb / 33P
[Old version datasheet]   LinCMOSE LOW-VOLTAGE MEDIUM-POWER OPERATIONAL AMPLIFIERS
TLV2332Y TI-TLV2332Y Datasheet
500Kb / 33P
[Old version datasheet]   LinCMOSE LOW-VOLTAGE MEDIUM-POWER OPERATIONAL AMPLIFIERS
More results

同様の説明 - TLV2332_16

メーカー部品番号データシート部品情報
logo
Texas Instruments
TLV2332 TI-TLV2332 Datasheet
500Kb / 33P
[Old version datasheet]   LinCMOSE LOW-VOLTAGE MEDIUM-POWER OPERATIONAL AMPLIFIERS
TLV2322 TI-TLV2322 Datasheet
502Kb / 33P
[Old version datasheet]   LinCMOSE LOW-VOLTAGE LOW-POWER OPERATIONAL AMPLIFIERS
TLV2322 TI1-TLV2322_12 Datasheet
769Kb / 33P
[Old version datasheet]   LinCMOSE LOW-VOLTAGE LOW-POWER OPERATIONAL AMPLIFIERS
TLC27L1 TI-TLC27L1 Datasheet
520Kb / 32P
[Old version datasheet]   LinCMOSE LOW-POWER OPERATIONAL AMPLIFIERS
TLC27L1 TI1-TLC27L1_08 Datasheet
519Kb / 32P
[Old version datasheet]   LinCMOSE LOW-POWER OPERATIONAL AMPLIFIERS
TLV2341 TI-TLV2341 Datasheet
748Kb / 51P
[Old version datasheet]   LinCMOSE PROGRAMMABLE LOW-VOLTAGE OPERATIONAL AMPLIFIERS
TLV2341 TI1-TLV2341_16 Datasheet
745Kb / 53P
[Old version datasheet]   LinCMOSE PROGRAMMABLE LOW-VOLTAGE OPERATIONAL AMPLIFIERS
TLC251 TI-TLC251 Datasheet
273Kb / 18P
[Old version datasheet]   LinCMOSE PROGRAMMABLE LOW-POWER OPERATIONAL AMPLIFIERS
TLC271 TI-TLC271 Datasheet
1Mb / 74P
[Old version datasheet]   LinCMOSE PROGRAMMABLE LOW-POWER OPERATIONAL AMPLIFIERS
TLC271 TI-TLC271_01 Datasheet
1Mb / 82P
[Old version datasheet]   LinCMOSE PROGRAMMABLE LOW-POWER OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com