データシートサーチシステム |
|
TLV2470AIP データシート(PDF) 5 Page - Texas Instruments |
|
|
TLV2470AIP データシート(HTML) 5 Page - Texas Instruments |
5 / 64 page www.ti.com ELECTRICAL CHARACTERISTICS TLV2470,, TLV2471 TLV2472, TLV2473 TLV2474, TLV2475, TLV247xA SLOS232E – JUNE 1999 – REVISED JULY 2007 At specified free-air temperature, VDD = 3V, unless otherwise noted. PARAMETER TEST CONDITIONS TA (1) MIN TYP MAX UNIT +25 °C 250 2200 TLV247x Full range 2400 VIO Input offset voltage μV +25 °C 250 1600 TLV247xA Full range 1800 Temperature coefficient of αVIO 0.4 μV/ °C VIC = VDD/2, input offset voltage VO = VDD/2, RS = 50Ω 25 °C 1.5 50 IIO Input offset current TLV247xC Full range 100 TLV247xI Full range 300 pA +25 °C 2 50 IIB Input bias current TLV247xC Full range 100 TLV247xI Full range 300 +25 °C 2.85 2.94 IOH = –2.5mA Full range 2.8 VOH High-level output voltage VIC = VDD/2 V +25 °C 2.6 2.74 IOH = –10mA Full range 2.5 +25 °C 0.07 0.15 IOL = 2.5mA Full range 0.2 VOL Low-level output voltage VIC = VDD/2 V +25 °C 0.2 0.35 IOL = 10mA Full range 0.5 +25 °C 30 Sourcing Full range 20 IOS Short-circuit output current mA +25 °C 30 Sinking Full range 20 IO Output current VO = 0.5V from rail +25 °C ±22 mA +25 °C 90 116 Large-signal differential AVD VO(PP) = 1V, RL = 10kΩ dB voltage amplification Full range 88 ri(d) Differential input resistance +25 °C 1012 Ω Common-mode input CIC f = 10kHz +25 °C 19.3 pF capacitance Closed-loop output zo f = 10kHz, AV = 10 +25 °C 2 Ω impedance +25 °C 61 78 CMRR Common-mode rejection ratio TLV247xC Full range 59 dB VIC = 0V to 3V, RS = 50Ω TLV247xI Full range 58 (1) Full range is 0 °C to +70°C for C-suffix and –40°C to +125°C for I-suffix. If not specified, full range is –40°C to +125°C. 5 Submit Documentation Feedback |
同様の部品番号 - TLV2470AIP |
|
同様の説明 - TLV2470AIP |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |