データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UC1726 データシート(PDF) 5 Page - Texas Instruments

部品番号 UC1726
部品情報  Isolated Drive Transmitter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

UC1726 データシート(HTML) 5 Page - Texas Instruments

  UC1726_12 Datasheet HTML 1Page - Texas Instruments UC1726_12 Datasheet HTML 2Page - Texas Instruments UC1726_12 Datasheet HTML 3Page - Texas Instruments UC1726_12 Datasheet HTML 4Page - Texas Instruments UC1726_12 Datasheet HTML 5Page - Texas Instruments UC1726_12 Datasheet HTML 6Page - Texas Instruments UC1726_12 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
UC1726
UC2726
UC3726
TYPICAL APPLICATION
UNITRODE INTEGRATED CIRCUITS
7 CONTINENTAL BLVD.
•• MERRIMACK, NH 03054
TEL. (603) 424-2410
•• FAX (603) 424-3460
IF FAULT LOGIC NOT USED, GROUND FAULT PIN.
UDG-94006
The chip operating frequency is determined by the values
of components connected to the RT and CT pins. A resis-
tor connected between RT and ground sets the charge
current to ICT = VL / 4RT. The operating frequency varies
slightly depending on the VCC and VL voltages. The fol-
lowing equations approximate the one shot pulse width at
operating frequency when VCC = 20V.
TPW = 1.1RT(CT + 50pF)
FO
=
1
3.3
RT
(CT + 50pF)
The 50pF additional capacity represents internal chip ca-
pacitance at the CT input.
OPERATING FREQUENCY:
5


同様の部品番号 - UC1726_12

メーカー部品番号データシート部品情報
logo
Texas Instruments
UC1726 TI-UC1726 Datasheet
333Kb / 6P
[Old version datasheet]   Isolated Drive Transmitter
More results

同様の説明 - UC1726_12

メーカー部品番号データシート部品情報
logo
Texas Instruments
UC1724 TI-UC1724 Datasheet
264Kb / 4P
[Old version datasheet]   Isolated Drive Transmitter
UC1726 TI-UC1726 Datasheet
333Kb / 6P
[Old version datasheet]   Isolated Drive Transmitter
UC1724 TI1-UC1724_08 Datasheet
291Kb / 5P
[Old version datasheet]   Isolated Drive Transmitter
logo
MORNSUN Science& Techno...
T1130DS MORNSUN-T1130DS Datasheet
341Kb / 4P
   Isolated Transmitter
TM1130P MORNSUN-TM1130P Datasheet
312Kb / 3P
   Isolated Transmitter
T6S60L-6.25 MORNSUN-T6S60L-6.25 Datasheet
325Kb / 3P
   Isolated Transmitter
T5130AP MORNSUN-T5130AP Datasheet
196Kb / 3P
   Isolated Transmitter
TA100PW MORNSUN-TA100PW Datasheet
345Kb / 5P
   Isolated Transmitter
TP210 MORNSUN-TP210 Datasheet
226Kb / 4P
   Isolated Transmitter
T1130P MORNSUN-T1130P Datasheet
226Kb / 4P
   Isolated Transmitter
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com