データシートサーチシステム |
|
UC2843AQ データシート(PDF) 10 Page - Texas Instruments |
|
|
UC2843AQ データシート(HTML) 10 Page - Texas Instruments |
10 / 19 page UC2842AQ, UC2843AQ, UC2844AQ, UC2845AQ CURRENT-MODE PWM CONTROLLER SGLS164 – APRIL 2003 10 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 APPLICATION INFORMATION Power Supply Specifications 1. Input Voltage 95VAC to 130VAC (50Hz/60Hz) 2. Line Isolation 3750V 3. Switching Frequency 40 kHz 4. Efficiency, Full Load 70% 5. Output Voltage: A. +5V, ±5%; 1A to 4A Load B. +12V, ±3%; 0.1A to 0.3A Load Ripple voltage: 100 mV P-P Max C. –12V, ±3%; 0.1A to 0.3A Load Ripple voltage: 100 mV P-P Max Figure 9. Off-Line Flyback Regulator |
同様の部品番号 - UC2843AQ |
|
同様の説明 - UC2843AQ |