データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UC19431J データシート(PDF) 3 Page - Texas Instruments

部品番号 UC19431J
部品情報  Precision Adjustable Shunt Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

UC19431J データシート(HTML) 3 Page - Texas Instruments

  UC19431J Datasheet HTML 1Page - Texas Instruments UC19431J Datasheet HTML 2Page - Texas Instruments UC19431J Datasheet HTML 3Page - Texas Instruments UC19431J Datasheet HTML 4Page - Texas Instruments UC19431J Datasheet HTML 5Page - Texas Instruments UC19431J Datasheet HTML 6Page - Texas Instruments UC19431J Datasheet HTML 7Page - Texas Instruments UC19431J Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
UC19431
UC29431
UC39431
UC39431B
COLL: The collector of the output transistor with a maxi-
mum voltage of 36V.
This pin is the output of the
transconductance amplifier. The overall open loop volt-
age gain of the transconductance amplifier is gm • RL,
where gm is designed to be –140mS ±30mS and RL rep-
resents the output load.
COMP: The output of the error amplifier and the input to
the transconductance amplifier. This pin is available to
compensate the high frequency gain of the error ampli-
fier. It is internally voltage limited to approximately 2.0V.
GND: The reference and power ground for the device.
The power ground of the output transistor is isolated on
the chip from the substrate ground used to bias the re-
mainder of the device.
R1, R2, R3: Connection points to the three internal resis-
tors.
SENSE: The inverting terminal of the error amplifier used
as both the voltage sense input to the error amplifier and
its other compensation point. The error amplifier uses the
SENSE input to compare against the 1.3V on-chip refer-
ence.
The SENSE pin is also used as the undervoltage lockout
(UVLO). It is intended to keep the chip from operating un-
til the internal reference is properly biased. The thresh-
old is approximately 1V. It is important that once the
UVLO is released, the error amplifier can drive the
transconductance amplifier to stabilize the loop. If a ca-
pacitor is connected between the SENSE and COMP
pins to create a pole, it will limit the slew rate of the error
amplifier. To increase the bandwidth and ensure startup
at low load current, it is recommended to create a zero
along with the pole as shown in the shunt regulator appli-
cation. The error amplifier must slew 2.0V to drive the
transconductance amplifier initially on.
VCC: The power connection for the device. The minimum
to maximum operating voltage is 2.2V to 36.0V. The qui-
escent current is typically 0.50mA.
PIN DESCRIPTIONS (cont.)
Figure 1. Typical 5.1V shunt regulator application.
UDG-95088


同様の部品番号 - UC19431J

メーカー部品番号データシート部品情報
logo
Texas Instruments
UC19431 TI-UC19431 Datasheet
137Kb / 7P
[Old version datasheet]   Precision Adjustable Shunt Regulator
More results

同様の説明 - UC19431J

メーカー部品番号データシート部品情報
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
   Adjustable Precision shunt Regulator
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Sipex Corporation
SPX431 SIPEX-SPX431 Datasheet
158Kb / 8P
   Precision Adjustable Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
   Adjustable Precision Shunt Regulator
logo
E-CMOS Corporation
EC432L E-CMOS-EC432L Datasheet
343Kb / 7P
   Adjustable Precision Shunt Regulator
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
   Adjustable Precision Shunt Regulator
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
   Adjustable Precision Shunt Regulator
VER 1.2
logo
List of Unclassifed Man...
SE431 ETC-SE431 Datasheet
215Kb / 8P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Anpec Electronics Corop...
APL1431 ANPEC-APL1431 Datasheet
460Kb / 12P
   Adjustable Precision Shunt Regulator
logo
Ceramate Technical
CP432 CERAMATE-CP432 Datasheet
367Kb / 10P
   Adjustable Precision Shunt Regulator
logo
Toshiba Semiconductor
TA76431AS TOSHIBA-TA76431AS Datasheet
242Kb / 7P
   ADJUSTABLE PRECISION SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com