データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UC2842DTR データシート(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
部品番号 UC2842DTR
部品情報  Current-Mode PWM Controllers
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

UC2842DTR データシート(HTML) 4 Page - Texas Instruments

  UC2842DTR Datasheet HTML 1Page - Texas Instruments UC2842DTR Datasheet HTML 2Page - Texas Instruments UC2842DTR Datasheet HTML 3Page - Texas Instruments UC2842DTR Datasheet HTML 4Page - Texas Instruments UC2842DTR Datasheet HTML 5Page - Texas Instruments UC2842DTR Datasheet HTML 6Page - Texas Instruments UC2842DTR Datasheet HTML 7Page - Texas Instruments UC2842DTR Datasheet HTML 8Page - Texas Instruments UC2842DTR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 56 page
background image
IOUTPUT = Qg × fSW
f
OSC
=
1.72
R
RT
× C
CT
4
UC1842, UC2842, UC3842, UC1843, UC2843, UC3843
UC1844, UC2844, UC3844, UC1845, UC2845, UC3845
SLUS223D – APRIL 1997 – REVISED AUGUST 2016
www.ti.com
Product Folder Links: UC1842 UC2842 UC3842 UC1843 UC2843 UC3843 UC1844 UC2844 UC3844 UC1845
UC2845 UC3845
Submit Documentation Feedback
Copyright © 1997–2016, Texas Instruments Incorporated
Pin Functions
PIN
TYPE
DESCRIPTION
NAME
SOIC,
CDIP,
PDIP
(8)
SOIC,
CFP
(14)
LCCC
(20)
COMP
1
1
2
O
Error amplifier compensation pin. Connect external compensation
components to this pin to modify the error amplifier output. The error
amplifier is internally current-limited so the user can command zero
duty cycle by externally forcing COMP to GROUND.
GROUND
5
9
13
G
Analog ground. For device packages without PWRGND, GROUND
functions as both power ground and analog ground.
PWRGND
8
12
G
Power ground. For device packages without PWRGND, GROUND
functions as both power ground and analog ground
ISENSE
3
5
7
I
Primary-side current sense pin. Connect to current sensing resistor.
The PWM uses this signal to terminate the OUTPUT switch
conduction. A voltage ramp can be applied to this pin to run the
device with a voltage-mode control configuration.
NC
2, 4, 6, 13
1, 3, 4, 6,
8, 9, 11,
14, 16, 19
Do not connect
OUTPUT
6
10
15
O
OUTPUT is the gate drive for the external MOSFET. OUTPUT is the
output of the on-chip driver stage intended to directly drive a
MOSFET. Peak currents of up to 1 A are sourced and sunk by this
pin. OUTPUT is actively held low when VCC is below the turnon
threshold.
RT/CT
4
7
10
I/O
Fixed frequency oscillator set point. Connect timing resistor, RRT, to
VREF and timing capacitor, CCT, to GROUND from this pin to set the
switching frequency. For best performance, keep the timing capacitor
lead to the device GROUND as short and direct as possible. If
possible, use separate ground traces for the timing capacitor and all
other functions.
The frequency of the oscillator can be estimated with the following
equations:
(1)
where fOSC is in Hertz, RRT is in Ohms and CCT is in Farads. Never
use a timing resistor less than 5 kΩ. The frequency of the OUTPUT
gate drive of the UCx842 and UCx843, fSW, is equal to fOSC at up to
100% duty cycle; the frequency of the UCx844 and UCx845 is equal
to half of the fOSC frequency at up to 50% duty cycle.
VC
11
17
I
Bias supply input for the output gate drive. For PWM controllers that
do not have this pin, the gate driver is biased from the VCC pin. VC
must have a bypass capacitor at least 10 times greater than the gate
capacitance of the main switching FET used in the design.
VCC
7
12
18
I
Analog controller bias input that provides power to the device. Total
VCC current is the sum of the quiescent VCC current and the
average OUTPUT current. Knowing the switching frequency and the
MOSFET gate charge, Qg, the average OUTPUT current can be
calculated from:
(2)
A bypass capacitor, typically 0.1 µF, connected directly to GROUND
with minimal trace length, is required on this pin. An additional
bypass capacitor at least 10 times greater than the gate capacitance
of the main switching FET used in the design is also required on
VCC.
VFB
2
3
5
I
Inverting input to the internal error amplifier. VFB is used to control
the power converter voltage-feedback loop for stability.


同様の部品番号 - UC2842DTR

メーカー部品番号データシート部品情報
logo
Texas Instruments
UC2842DTR TI-UC2842DTR Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
UC2842DTR TI-UC2842DTR Datasheet
720Kb / 24P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC2842DTR TI1-UC2842DTR Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC2842DTR TI1-UC2842DTR Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC2842DTR TI-UC2842DTR Datasheet
693Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
More results

同様の説明 - UC2842DTR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TL284X TI-TL284X Datasheet
171Kb / 12P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
TL284X TI-TL284X_10 Datasheet
577Kb / 21P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
TL284X TI-TL284X_07 Datasheet
400Kb / 18P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
TL284X_101 TI-TL284X_101 Datasheet
534Kb / 21P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
logo
IMP, Inc
IMP38C4X IMP-IMP38C4X Datasheet
160Kb / 10P
   BiCMOS Current-Mode PWM Controllers
logo
Microchip Technology
MIC38C42 MICROCHIP-MIC38C42 Datasheet
1Mb / 24P
   BiCMOS Current-Mode PWM Controllers
09/14/21
logo
TelCom Semiconductor, I...
TC18C43 TELCOM-TC18C43 Datasheet
83Kb / 7P
   BiCMOS CURRENT MODE PWM CONTROLLERS
logo
Micrel Semiconductor
MIC38C42A MICREL-MIC38C42A Datasheet
127Kb / 9P
   BiCMOS Current-Mode PWM Controllers
MIC38C43XYM MICREL-MIC38C43XYM Datasheet
354Kb / 11P
   BiCMOS Current-Mode PWM Controllers
MIC38C45YM MICREL-MIC38C45YM Datasheet
348Kb / 11P
   BiCMOS Current-Mode PWM Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com