データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UC3842N データシート(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
部品番号 UC3842N
部品情報  Current-Mode PWM Controllers
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

UC3842N データシート(HTML) 3 Page - Texas Instruments

  UC3842N Datasheet HTML 1Page - Texas Instruments UC3842N Datasheet HTML 2Page - Texas Instruments UC3842N Datasheet HTML 3Page - Texas Instruments UC3842N Datasheet HTML 4Page - Texas Instruments UC3842N Datasheet HTML 5Page - Texas Instruments UC3842N Datasheet HTML 6Page - Texas Instruments UC3842N Datasheet HTML 7Page - Texas Instruments UC3842N Datasheet HTML 8Page - Texas Instruments UC3842N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 56 page
background image
9 10 11 12 13
3
2
1 20 19
18
17
16
15
14
4
5
6
7
8
VCC
VC
NC
OUTPUT
NC
NC
VFB
NC
ISENSE
NC
1
2
3
4
5
6
7
14
13
12
11
10
9
8
VCC
VC
PWRGND
COMP
NC
VFB
NC
ISENSE
NC
RT/CT
GROUND
OUTPUT
VREF
NC
OUTPUT
VCC
VREF
GROUND
VFB
COMP
ISENSE
RT/CT
1
2
3
4
8
7
6
5
3
UC1842, UC2842, UC3842, UC1843, UC2843, UC3843
UC1844, UC2844, UC3844, UC1845, UC2845, UC3845
www.ti.com
SLUS223D – APRIL 1997 – REVISED AUGUST 2016
Product Folder Links: UC1842 UC2842 UC3842 UC1843 UC2843 UC3843 UC1844 UC2844 UC3844 UC1845
UC2845 UC3845
Submit Documentation Feedback
Copyright © 1997–2016, Texas Instruments Incorporated
5 Device Comparison Table
UVLO
TEMPERATURE RANGE
MAX DUTY CYCLE
TURNON AT 16 V
TURNOFF AT 10 V
SUITABLE FOR OFF-LINE
APPLICATIONS
TURNON AT 8.4 V
TURNOFF AT 7.6 V
SUITABLE FOR DC-DC
APPLICATIONS
UC1842
UC1843
–55°C to 125°C
Up to 100%
UC2842
UC2843
–40°C to 85°C
UC3842
UC3843
0°C to 70°C
UC1844
UC1845
–55°C to 125°C
Up to 50%
UC2844
UC2845
–40°C to 85°C
UC3844
UC3845
0°C to 70°C
6 Pin Configuration and Functions
D, JG, and P Packages
8-Pin SOIC, CDIP, and PDIP
Top View
D and W Packages
14-Pin SOIC and CFP
Top View
FK Package
20-Pin LCCC
Top View


同様の部品番号 - UC3842N

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
UC3842N PHILIPS-UC3842N Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
STMicroelectronics
UC3842N STMICROELECTRONICS-UC3842N Datasheet
96Kb / 11P
   CURRENTMODE PWM CONTROLLER
logo
Fairchild Semiconductor
UC3842N FAIRCHILD-UC3842N Datasheet
127Kb / 12P
   SMPS Controller
logo
Texas Instruments
UC3842N TI-UC3842N Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
UC3842N TI-UC3842N Datasheet
720Kb / 24P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
More results

同様の説明 - UC3842N

メーカー部品番号データシート部品情報
logo
Texas Instruments
TL284X TI-TL284X Datasheet
171Kb / 12P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
TL284X TI-TL284X_10 Datasheet
577Kb / 21P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
TL284X TI-TL284X_07 Datasheet
400Kb / 18P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
TL284X_101 TI-TL284X_101 Datasheet
534Kb / 21P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
logo
IMP, Inc
IMP38C4X IMP-IMP38C4X Datasheet
160Kb / 10P
   BiCMOS Current-Mode PWM Controllers
logo
Microchip Technology
MIC38C42 MICROCHIP-MIC38C42 Datasheet
1Mb / 24P
   BiCMOS Current-Mode PWM Controllers
09/14/21
logo
TelCom Semiconductor, I...
TC18C43 TELCOM-TC18C43 Datasheet
83Kb / 7P
   BiCMOS CURRENT MODE PWM CONTROLLERS
logo
Micrel Semiconductor
MIC38C42A MICREL-MIC38C42A Datasheet
127Kb / 9P
   BiCMOS Current-Mode PWM Controllers
MIC38C43XYM MICREL-MIC38C43XYM Datasheet
354Kb / 11P
   BiCMOS Current-Mode PWM Controllers
MIC38C45YM MICREL-MIC38C45YM Datasheet
348Kb / 11P
   BiCMOS Current-Mode PWM Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com