データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UC1844A データシート(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
部品番号 UC1844A
部品情報  Current-Mode PWM Controller
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

UC1844A データシート(HTML) 9 Page - Texas Instruments

Back Button UC1844A Datasheet HTML 5Page - Texas Instruments UC1844A Datasheet HTML 6Page - Texas Instruments UC1844A Datasheet HTML 7Page - Texas Instruments UC1844A Datasheet HTML 8Page - Texas Instruments UC1844A Datasheet HTML 9Page - Texas Instruments UC1844A Datasheet HTML 10Page - Texas Instruments UC1844A Datasheet HTML 11Page - Texas Instruments UC1844A Datasheet HTML 12Page - Texas Instruments UC1844A Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 45 page
background image
S(max)
S
1 V
I
R
´
VREF
5 V
VC
OUTPUT
GND
PWM
Latch
Current
Sense
Comparator
1 V
R
2R
Error
Amp
ISENSE
COMP
FB
RT/CT
GND
VCC
34 V
2.5 V
UVLO
+
T
S
R
VREF
Good
Logic
Internal
Bias
5 V
REF
S/R
OSC
Copyright © 2016, Texas Instruments Incorporated
9
UC1842A, UC1843A, UC1844A, UC1845A
UC2842A, UC2843A, UC2844A, UC2845A
UC3842A, UC3843A, UC3844A, UC3845A
www.ti.com
SLUS224E – SEPTEMBER 1994 – REVISED JULY 2016
Product Folder Links: UC1842A UC1843A UC1844A UC1845A UC2842A UC2843A UC2844A UC2845A UC3842A
UC3843A UC3844A UC3845A
Submit Documentation Feedback
Copyright © 1994–2016, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The UCx84xA family of fixed-frequency pulse-width-modulator (PWM) controllers are designed to operate at
switching frequencies of 500 kHz. These controllers are designed for peak current mode (PCM) and can be used
in isolated and non-isolated power supply designs. These controllers can drive FETs directly from the output,
which is capable of sourcing and sinking up to 1 A of gate driver current. These devices also have a built-in low-
impedance amplifier that can be used in non-isolated designs to control the power supply output voltage and
feedback loop.
8.2 Functional Block Diagram
8.3 Feature Description
8.3.1 Pulse-by-Pulse Current Limiting
Pulse-by-pulse limiting is inherent in the current mode control scheme. An upper limit on the peak current can be
established by simply clamping the error voltage. Accurate current limiting allows optimization of magnetic and
power semiconductor elements while ensuring reliable supply operation.
8.3.2 Current Sense Circuit
Peak current (IS) is determined by Equation 1:
(1)
A small RC filter may be required to suppress switch transients.


同様の部品番号 - UC1844A

メーカー部品番号データシート部品情報
logo
Texas Instruments
UC1844A TI-UC1844A Datasheet
517Kb / 11P
[Old version datasheet]   Current Mode PWM Controller
logo
Microsemi Corporation
UC1844A MICROSEMI-UC1844A Datasheet
227Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC1844A TI-UC1844A Datasheet
425Kb / 11P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLER
UC1844A TI-UC1844A Datasheet
517Kb / 7P
[Old version datasheet]   Current Mode PWM Controller
UC1844A TI1-UC1844A Datasheet
3Mb / 29P
[Old version datasheet]   Current Mode PWM Controller
More results

同様の説明 - UC1844A

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP3842C BCDSEMI-AP3842C Datasheet
359Kb / 14P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1843 TI-UC1843 Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
UC2846J TI-UC2846J Datasheet
463Kb / 8P
[Old version datasheet]   Current Mode PWM Controller
logo
List of Unclassifed Man...
AMC3842B ETC-AMC3842B Datasheet
365Kb / 10P
   CURRENT MODE PWM CONTROLLER
CM3842 ETC-CM3842 Datasheet
638Kb / 12P
   CURRENT MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com