データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UC2844ANG4 データシート(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
部品番号 UC2844ANG4
部品情報  Current-Mode PWM Controller
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

UC2844ANG4 データシート(HTML) 4 Page - Texas Instruments

  UC2844ANG4 Datasheet HTML 1Page - Texas Instruments UC2844ANG4 Datasheet HTML 2Page - Texas Instruments UC2844ANG4 Datasheet HTML 3Page - Texas Instruments UC2844ANG4 Datasheet HTML 4Page - Texas Instruments UC2844ANG4 Datasheet HTML 5Page - Texas Instruments UC2844ANG4 Datasheet HTML 6Page - Texas Instruments UC2844ANG4 Datasheet HTML 7Page - Texas Instruments UC2844ANG4 Datasheet HTML 8Page - Texas Instruments UC2844ANG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 45 page
background image
4
UC1842A, UC1843A, UC1844A, UC1845A
UC2842A, UC2843A, UC2844A, UC2845A
UC3842A, UC3843A, UC3844A, UC3845A
SLUS224E – SEPTEMBER 1994 – REVISED JULY 2016
www.ti.com
Product Folder Links: UC1842A UC1843A UC1844A UC1845A UC2842A UC2843A UC2844A UC2845A UC3842A
UC3843A UC3844A UC3845A
Submit Documentation Feedback
Copyright © 1994–2016, Texas Instruments Incorporated
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
CDIP (8),
PDIP (8),
SOIC (8)
LCCC (20),
PLCC (20)
SOIC (14)
SOIC (16)
COMP
1
2
1
3
O
Outputs the low impedance 1-MHz internal error amplifier that is also
the input to the peak current limit or PWM comparator, with an open-
loop gain (AVOL) of 80 dB. This pin is capable of sinking a maximum
of 6 mA and is not internally current limited.
FB
2
5
3
4
I
Input to the error amplifier that can be used to control the power
converter voltage-feedback loop for stability.
GND
5
13
9
11
This is the controller signal ground.
ISENSE
3
7
5
5
I
Input to the peak current limit, PWM comparator of the UCx84xA
controllers. When used in conjunction with a current sense resistor,
the error amplifier output voltage controls the power systems cycle-
by-cycle peak current limit. The maximum peak current sense signal
is internally clamped to 1 V. See Functional Block Diagram.
OUTPUT
6
15
10
12
O
Output of 1-A totem pole gate driver. This pin can sink and source
up to 1 A of gate driver current. A gate driver resistor must be used
to limit the gate driver current.
PGND
12
8
10
Power ground and the gate driver return. For devices that have this
pin, star grounding techniques can be used to redirect the gate
driver current away from the signal ground pin (GND). This
technique can reduce PWM controller instabilities caused by gate
driver return current.
RT/CT
4
10
7
6
I
Input to the internal oscillator that is programmed with an external
timing resistor (RT) and timing capacitor (CT). See Oscillator for
information on properly selecting these timing components. TI
recommends using capacitance values from 470 pF to 4.7 nF. TI
also recommends that the timing resistor values chosen be from
5 kΩ to 100 kΩ.
VC
17
11
I
Bias input to the gate driver. For PWM controllers that do not have
this pin, the gate driver is biased from the VCC pin. This pin must
have a biasing capacitor that is at least 10 times greater than the
gate capacitance of the main switching FET used in the design.
VCC
7
18
12
13, 14
I
Bias input to the gate driver. This pin must have a biasing capacitor
that is at least 10 times greater than the gate capacitance of the
main switching FET used in the design.
VREF
8
20
14
15
O
Reference voltage output of the PWM controller. This pin must
supply no more than 10 mA under normal operation. This output is
short-circuit protected at roughly 100 mA. This reference is also used
for internal comparators and needs a high frequency bypass
capacitor of 1 µF. The VCC capacitor also must be at least 10 times
greater than the capacitor on the VREF pin.
NC
1, 3, 4, 6, 8,
9, 11, 14,
16, 19
2, 4, 6, 13
1, 2, 7, 8,
9, 16
No connection


同様の部品番号 - UC2844ANG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
UC2844ANG4 TI1-UC2844ANG4 Datasheet
3Mb / 29P
[Old version datasheet]   Current Mode PWM Controller
More results

同様の説明 - UC2844ANG4

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP3842C BCDSEMI-AP3842C Datasheet
359Kb / 14P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1843 TI-UC1843 Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
UC2846J TI-UC2846J Datasheet
463Kb / 8P
[Old version datasheet]   Current Mode PWM Controller
logo
List of Unclassifed Man...
AMC3842B ETC-AMC3842B Datasheet
365Kb / 10P
   CURRENT MODE PWM CONTROLLER
CM3842 ETC-CM3842 Datasheet
638Kb / 12P
   CURRENT MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com