データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UC3842ADW データシート(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
部品番号 UC3842ADW
部品情報  Current-Mode PWM Controller
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

UC3842ADW データシート(HTML) 10 Page - Texas Instruments

Back Button UC3842ADW Datasheet HTML 6Page - Texas Instruments UC3842ADW Datasheet HTML 7Page - Texas Instruments UC3842ADW Datasheet HTML 8Page - Texas Instruments UC3842ADW Datasheet HTML 9Page - Texas Instruments UC3842ADW Datasheet HTML 10Page - Texas Instruments UC3842ADW Datasheet HTML 11Page - Texas Instruments UC3842ADW Datasheet HTML 12Page - Texas Instruments UC3842ADW Datasheet HTML 13Page - Texas Instruments UC3842ADW Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 45 page
background image
10
UC1842A, UC1843A, UC1844A, UC1845A
UC2842A, UC2843A, UC2844A, UC2845A
UC3842A, UC3843A, UC3844A, UC3845A
SLUS224E – SEPTEMBER 1994 – REVISED JULY 2016
www.ti.com
Product Folder Links: UC1842A UC1843A UC1844A UC1845A UC2842A UC2843A UC2844A UC2845A UC3842A
UC3843A UC3844A UC3845A
Submit Documentation Feedback
Copyright © 1994–2016, Texas Instruments Incorporated
Feature Description (continued)
Figure 3. Current Sense Circuit Diagram
8.3.3 Error Amplifier Configuration
The error amplifier can source up to 0.8 mA, and sink up to 6 mA.
Figure 4. Error Amplifier Configuration Diagram
8.3.4 Undervoltage Lockout
The UCx84xA devices feature undervoltage lockout protection circuits for controlled operation during power-up
and power-down sequences. Undervoltage lockout thresholds for the UCx842A, UCx843A, UCx844A, and
UCx845A devices are optimized for two groups of applications: off-line power supplies and DC-DC converters.
With a wider VCCON to VCCOFF range, the UCx842A and UCx844A devices are ideally suited to off-line AC input
applications. The UCx843A and UCx845A controllers have a much narrower VCCON to VCCOFF hysteresis and
may be used in DC to DC applications where the input is considered regulated.
During UVLO the IC draws typically 0.3 mA of supply current. This VCC current is considerable less than the
UCx84x family and results in lower power drawn from the line. The reduced start-up current is of particular
concern in off-line supplies where the IC is powered-up from the high-voltage DC rail, then bootstrapped to an
auxiliary winding on the main transformer. Power is then dissipated in the start-up resistor which is sized by the
IC’s start-up current. Lowering this by 50% in the UCx84xA version family, as compared to the UCx84x family,
reduces the resistors power loss by the same percentage. Once crossing the turnon threshold the IC supply
current increases typically to about 11 mA, During undervoltage lockout, the UCx84xA series of devices prevent
the power MOSFET from parasitically turning on due to the Miller effect at power-up. This improved design to the
lower totem-pole transistor’s operation during undervoltage lockout allows the IC to sink higher currents, up to 10
mA, at saturation voltages as low as 0.7 V, compared to the UCx84x devices which would only sink up to 0.2 mA
under the same conditions.


同様の部品番号 - UC3842ADW

メーカー部品番号データシート部品情報
logo
Texas Instruments
UC3842ADW TI-UC3842ADW Datasheet
517Kb / 11P
[Old version datasheet]   Current Mode PWM Controller
UC3842ADW TI1-UC3842ADW Datasheet
3Mb / 29P
[Old version datasheet]   Current Mode PWM Controller
UC3842ADWG4 TI1-UC3842ADWG4 Datasheet
3Mb / 29P
[Old version datasheet]   Current Mode PWM Controller
UC3842ADWTR TI-UC3842ADWTR Datasheet
517Kb / 11P
[Old version datasheet]   Current Mode PWM Controller
More results

同様の説明 - UC3842ADW

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP3842C BCDSEMI-AP3842C Datasheet
359Kb / 14P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1843 TI-UC1843 Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
UC2846J TI-UC2846J Datasheet
463Kb / 8P
[Old version datasheet]   Current Mode PWM Controller
logo
List of Unclassifed Man...
AMC3842B ETC-AMC3842B Datasheet
365Kb / 10P
   CURRENT MODE PWM CONTROLLER
CM3842 ETC-CM3842 Datasheet
638Kb / 12P
   CURRENT MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com