データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLV803R データシート(PDF) 5 Page - Texas Instruments

部品番号 TLV803R
部品情報  3-Pin Voltage Supervisors with Active-Low, Open-Drain Reset
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TLV803R データシート(HTML) 5 Page - Texas Instruments

  TLV803R Datasheet HTML 1Page - Texas Instruments TLV803R Datasheet HTML 2Page - Texas Instruments TLV803R Datasheet HTML 3Page - Texas Instruments TLV803R Datasheet HTML 4Page - Texas Instruments TLV803R Datasheet HTML 5Page - Texas Instruments TLV803R Datasheet HTML 6Page - Texas Instruments TLV803R Datasheet HTML 7Page - Texas Instruments TLV803R Datasheet HTML 8Page - Texas Instruments TLV803R Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
1.2
1
0.8
0.6
0.4
0.2
0
0
1
2
3
4
I
(mA)
OL
5
+125 C
°
+85 C
°
+25 C
°
0 C
°
-
°
40 C
V
=2.5V
DD
25
20
15
10
5
0
0
1
2
3
5
V
(V)
DD
6
+125 C
°
+85 C
°
+25 C
°
0 C
°
-
°
40 C
4
1.001
1
0.999
0.998
0.997
0.996
0.995
0.994
-40
-25
-10
5
20
35
50
65
80
95
110
Temperature( C)
°
125
1.6
1.4
1.2
1
0.8
0.6
0.4
0.2
0
0
0.5
1
1.5
2
(V
)
V
IT
DD
-
-
(V)
2.5
+125 C
°
+85 C
°
+25 C
°
0 C
°
-
°
40 C
220
210
200
190
180
170
160
-40
-25
-10
5
20
35
50
65
80
95
110
Temperature( C)
°
125
TLV803M
TLV803Z
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
0
0.25
0.5
0.75
1.25
V
(V)
DD
1.5
1
+125 C
°
+85 C
°
+25 C
°
0 C
°
-
°
40 C
RESET PulledUptoV
with22.1-k
Resistor
DD
W
TLV803M, TLV803R
TLV803S, TLV803Z
www.ti.com
SBVS157A
– APRIL 2011 – REVISED JUNE 2011
TYPICAL CHARACTERISTICS
At TA = +25°C, VIT– = 4.38 V, and VDD = 5.0 V, unless otherwise noted.
LOW-LEVEL OUTPUT VOLTAGE
SUPPLY CURRENT
vs LOW-LEVEL OUTPUT CURRENT
vs SUPPLY VOLTAGE
Figure 1.
Figure 2.
MINIMUM PULSE DURATION AT VDD
NORMALIZED TO +25
°C NEGATIVE-GOING INPUT
THRESHOLD VOLTAGE vs TEMPERATURE
vs OVERDRIVE VOLTAGE
Figure 3.
Figure 4.
DELAY TIME
POWER-UP LOW-LEVEL OUTPUT VOLTAGE
vs TEMPERATURE
vs SUPPLY VOLTAGE
Figure 5.
Figure 6.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TLV803M TLV803R TLV803S TLV803Z


同様の部品番号 - TLV803R

メーカー部品番号データシート部品情報
logo
Texas Instruments
TLV803R TI1-TLV803R Datasheet
1Mb / 22P
[Old version datasheet]   3-Pin Voltage Supervisors with Active-Low, Open-Drain Reset
TLV803RDBZR TI1-TLV803RDBZR Datasheet
607Kb / 16P
[Old version datasheet]   3-Pin Voltage Supervisors with Active-Low, Open-Drain Reset
TLV803RDBZR TI1-TLV803RDBZR Datasheet
1Mb / 22P
[Old version datasheet]   3-Pin Voltage Supervisors with Active-Low, Open-Drain Reset
TLV803RDBZT TI1-TLV803RDBZT Datasheet
607Kb / 16P
[Old version datasheet]   3-Pin Voltage Supervisors with Active-Low, Open-Drain Reset
TLV803RDBZT TI1-TLV803RDBZT Datasheet
1Mb / 22P
[Old version datasheet]   3-Pin Voltage Supervisors with Active-Low, Open-Drain Reset
More results

同様の説明 - TLV803R

メーカー部品番号データシート部品情報
logo
Texas Instruments
TLV803 TI1-TLV803_17 Datasheet
1Mb / 22P
[Old version datasheet]   3-Pin Voltage Supervisors with Active-Low, Open-Drain Reset
TLV803M TI1-TLV803M Datasheet
607Kb / 16P
[Old version datasheet]   3-Pin Voltage Supervisors with Active-Low, Open-Drain Reset
TLV803 TI1-TLV803_15 Datasheet
913Kb / 20P
[Old version datasheet]   3Pin Voltage Supervisors with Active-Low, Open-Drain Reset
TLV810M TI1-TLV810M_13 Datasheet
794Kb / 14P
[Old version datasheet]   3-Pin Voltage Supervisors with Active-High, Push-Pull Reset
TLV810M TI1-TLV810M Datasheet
416Kb / 14P
[Old version datasheet]   3-Pin Voltage Supervisors with Active-High, Push-Pull Reset
logo
ON Semiconductor
ASM1233D ONSEMI-ASM1233D Datasheet
142Kb / 10P
   Reset Active LOW Open-Drain Output
August, 2011 ??Rev. 3
logo
Micrel Semiconductor
MIC803 MICREL-MIC803_15 Datasheet
612Kb / 12P
   3-Pin Microprocessor Supervisor Circuit with Open-Drain Reset Output
MIC803 MICREL-MIC803 Datasheet
258Kb / 10P
   3-Pin Microprocessor Supervisor Circuit with Open-Drain Reset Output
logo
Alliance Semiconductor ...
ASM1233A ALSC-ASM1233A Datasheet
209Kb / 9P
   Low Power, 3.3V, uP Reset, Active LOW, Open-Drain Output
ASM1811 ALSC-ASM1811 Datasheet
215Kb / 9P
   Low Power 5V uP Reset Active LOW, Open - Drain Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com