データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLV73310PDBVT データシート(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
部品番号 TLV73310PDBVT
部品情報  TLV733P Capacitor-Free, 300-mA, Low-Dropout Regulator
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TLV73310PDBVT データシート(HTML) 6 Page - Texas Instruments

Back Button TLV73310PDBVT Datasheet HTML 2Page - Texas Instruments TLV73310PDBVT Datasheet HTML 3Page - Texas Instruments TLV73310PDBVT Datasheet HTML 4Page - Texas Instruments TLV73310PDBVT Datasheet HTML 5Page - Texas Instruments TLV73310PDBVT Datasheet HTML 6Page - Texas Instruments TLV73310PDBVT Datasheet HTML 7Page - Texas Instruments TLV73310PDBVT Datasheet HTML 8Page - Texas Instruments TLV73310PDBVT Datasheet HTML 9Page - Texas Instruments TLV73310PDBVT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
Current (mA)
0
50
100
150
200
250
300
3.24
3.255
3.27
3.285
3.3
3.315
3.33
3.345
D003
TJ = -40 qC
TJ = 0 qC
TJ = 25 qC
TJ = 85 qC
TJ = 125 qC
Current (mA)
0
50
100
150
200
250
300
3.264
3.272
3.28
3.288
3.296
3.304
3.312
3.32
D007
TJ = -40 qC
TJ = 0 qC
TJ = 25 qC
TJ = 85 qC
TJ = 125 qC
Current (mA)
0
50
100
150
200
250
300
1.76
1.768
1.776
1.784
1.792
1.8
1.808
1.816
D002
TJ = -40 qC
TJ = 0 qC
TJ = 25 qC
TJ = 85 qC
TJ = 125 qC
Current (mA)
0
50
100
150
200
250
300
1.779
1.782
1.785
1.788
1.791
1.794
1.797
1.8
D006
TJ = -40 qC
TJ = 0 qC
TJ = 25 qC
TJ = 85 qC
TJ = 125 qC
Current (mA)
0
50
100
150
200
250
300
0.96
0.97
0.98
0.99
1
1.01
1.02
1.03
D001
TJ = -40 qC
TJ = 0 qC
TJ = 25 qC
TJ = 85 qC
TJ = 125 qC
Current (mA)
0
50
100
150
200
250
300
0.976
0.98
0.984
0.988
0.992
0.996
1
1.004
D005
TJ = -40 qC
TJ = 0 qC
TJ = 25 qC
TJ = 85 qC
TJ = 125 qC
6
TLV733P
SBVS235B – OCTOBER 2014 – REVISED NOVEMBER 2015
www.ti.com
Product Folder Links: TLV733P
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
6.6 Typical Characteristics
at operating temperature range (TJ = –40°C to +125°C), VIN = VOUT(nom) + 0.5 V or 2.0 V (whichever is greater), IOUT = 1 mA,
VEN = VIN, and CIN = COUT = 1 µF (unless otherwise noted)
TLV73310PDBV
Figure 1. 1.0-V Load Regulation vs IOUT and Temperature
TLV73310PDQN
Figure 2. 1.0-V Load Regulation vs IOUT and Temperature
TLV73318PDBV
Figure 3. 1.8-V Load Regulation vs IO and Temperature
TLV73318PDQN
Figure 4. 1.8-V Load Regulation vs IOUT and Temperature
TLV73333PDBV
Figure 5. 3.3-V Load Regulation vs IOUT and Temperature
TLV73333PDQN
Figure 6. 3.3-V Load Regulation vs IOUT and Temperature


同様の部品番号 - TLV73310PDBVT

メーカー部品番号データシート部品情報
logo
Texas Instruments
TLV73310PQDBVRQ1 TI1-TLV73310PQDBVRQ1 Datasheet
1Mb / 30P
[Old version datasheet]   Capacitor-Free, 300-mA, Low Dropout (LDO) Linear Regulator
TLV73310PQDRVRQ1 TI1-TLV73310PQDRVRQ1 Datasheet
1Mb / 27P
[Old version datasheet]   Capacitor-Free, 300-mA, Low Dropout (LDO) Linear Regulator
TLV73310PQDRVRQ1 TI1-TLV73310PQDRVRQ1 Datasheet
2Mb / 32P
[Old version datasheet]   Capacitor-Free, 300-mA, Low Dropout (LDO) Linear Regulator
TLV73310PQDRVRQ1 TI1-TLV73310PQDRVRQ1 Datasheet
1Mb / 30P
[Old version datasheet]   Capacitor-Free, 300-mA, Low Dropout (LDO) Linear Regulator
More results

同様の説明 - TLV73310PDBVT

メーカー部品番号データシート部品情報
logo
Texas Instruments
TLV733P-Q1_1812 TI1-TLV733P-Q1_1812 Datasheet
1Mb / 30P
[Old version datasheet]   Capacitor-Free, 300-mA, Low Dropout (LDO) Linear Regulator
TLV733P-Q1 TI1-TLV733P-Q1_18 Datasheet
2Mb / 32P
[Old version datasheet]   Capacitor-Free, 300-mA, Low Dropout (LDO) Linear Regulator
TLV733P-Q1 TI1-TLV733P-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   Capacitor-Free, 300-mA, Low Dropout (LDO) Linear Regulator
TLV733P TI-TLV733P Datasheet
1Mb / 34P
[Old version datasheet]   TLV733P Capacitor-Free, 300-mA, Low-Dropout Regulator in a 1-mm 횞 1-mm SON Package
TLV71330PDQNR TI1-TLV71330PDQNR Datasheet
1Mb / 26P
[Old version datasheet]   Capacitor-Free, 150-mA, Low-Dropout Regulator
TLV743P_018 TI1-TLV743P_018 Datasheet
1Mb / 31P
[Old version datasheet]   300-mA, Low-Dropout Regulator
TLV743P TI1-TLV743P Datasheet
1Mb / 26P
[Old version datasheet]   300-mA, Low-Dropout Regulator
logo
ON Semiconductor
NCP4683 ONSEMI-NCP4683 Datasheet
397Kb / 21P
   300 mA, Low Dropout Regulator
July, 2012 ??Rev. 2
logo
Texas Instruments
TLV743P TI1-TLV743P_18 Datasheet
874Kb / 29P
[Old version datasheet]   300-mA, Low-Dropout Regulator
logo
ON Semiconductor
NCP4683 ONSEMI-NCP4683_16 Datasheet
361Kb / 21P
   300 mA, Low Dropout Regulator
February, 2016 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com