データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLV73311PDBVT データシート(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
部品番号 TLV73311PDBVT
部品情報  TLV733P Capacitor-Free, 300-mA, Low-Dropout Regulator
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TLV73311PDBVT データシート(HTML) 3 Page - Texas Instruments

  TLV73311PDBVT Datasheet HTML 1Page - Texas Instruments TLV73311PDBVT Datasheet HTML 2Page - Texas Instruments TLV73311PDBVT Datasheet HTML 3Page - Texas Instruments TLV73311PDBVT Datasheet HTML 4Page - Texas Instruments TLV73311PDBVT Datasheet HTML 5Page - Texas Instruments TLV73311PDBVT Datasheet HTML 6Page - Texas Instruments TLV73311PDBVT Datasheet HTML 7Page - Texas Instruments TLV73311PDBVT Datasheet HTML 8Page - Texas Instruments TLV73311PDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
OUT
GND
IN
EN
1
2
4
3
1
2
3
5
4
OUT
NC
IN
GND
EN
3
TLV733P
www.ti.com
SBVS235B – OCTOBER 2014 – REVISED NOVEMBER 2015
Product Folder Links: TLV733P
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
5 Pin Configuration and Functions
DBV Package
5-Pin SOT-23
Top View
DQN Package
4-Pin 1-mm × 1-mm X2SON
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
DQN
DBV
EN
3
3
I
Enable pin. Drive EN greater than 0.9 V to turn on the regulator.
Drive EN less than 0.35 V to put the LDO into shutdown mode.
GND
2
2
Ground pin
IN
4
1
I
Input pin. A small capacitor is recommended from this pin to ground.
See the Input and Output Capacitor Selection section for more details.
NC
N/A
4
No internal connection
OUT
1
5
O
Regulated output voltage pin. For best transient response, use a small 1-
μF
ceramic capacitor from this pin to ground.
See the Input and Output Capacitor Selection section for more details.
Thermal pad
The thermal pad is electrically connected to the GND node.
Connect to the GND plane for improved thermal performance.


同様の部品番号 - TLV73311PDBVT

メーカー部品番号データシート部品情報
logo
Texas Instruments
TLV73311PQDBVRQ1 TI1-TLV73311PQDBVRQ1 Datasheet
1Mb / 30P
[Old version datasheet]   Capacitor-Free, 300-mA, Low Dropout (LDO) Linear Regulator
TLV73311PQDRVRQ1 TI1-TLV73311PQDRVRQ1 Datasheet
1Mb / 27P
[Old version datasheet]   Capacitor-Free, 300-mA, Low Dropout (LDO) Linear Regulator
TLV73311PQDRVRQ1 TI1-TLV73311PQDRVRQ1 Datasheet
2Mb / 32P
[Old version datasheet]   Capacitor-Free, 300-mA, Low Dropout (LDO) Linear Regulator
TLV73311PQDRVRQ1 TI1-TLV73311PQDRVRQ1 Datasheet
1Mb / 30P
[Old version datasheet]   Capacitor-Free, 300-mA, Low Dropout (LDO) Linear Regulator
More results

同様の説明 - TLV73311PDBVT

メーカー部品番号データシート部品情報
logo
Texas Instruments
TLV733P-Q1_1812 TI1-TLV733P-Q1_1812 Datasheet
1Mb / 30P
[Old version datasheet]   Capacitor-Free, 300-mA, Low Dropout (LDO) Linear Regulator
TLV733P-Q1 TI1-TLV733P-Q1_18 Datasheet
2Mb / 32P
[Old version datasheet]   Capacitor-Free, 300-mA, Low Dropout (LDO) Linear Regulator
TLV733P-Q1 TI1-TLV733P-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   Capacitor-Free, 300-mA, Low Dropout (LDO) Linear Regulator
TLV733P TI-TLV733P Datasheet
1Mb / 34P
[Old version datasheet]   TLV733P Capacitor-Free, 300-mA, Low-Dropout Regulator in a 1-mm 횞 1-mm SON Package
TLV71330PDQNR TI1-TLV71330PDQNR Datasheet
1Mb / 26P
[Old version datasheet]   Capacitor-Free, 150-mA, Low-Dropout Regulator
TLV743P_018 TI1-TLV743P_018 Datasheet
1Mb / 31P
[Old version datasheet]   300-mA, Low-Dropout Regulator
TLV743P TI1-TLV743P Datasheet
1Mb / 26P
[Old version datasheet]   300-mA, Low-Dropout Regulator
logo
ON Semiconductor
NCP4683 ONSEMI-NCP4683 Datasheet
397Kb / 21P
   300 mA, Low Dropout Regulator
July, 2012 ??Rev. 2
logo
Texas Instruments
TLV743P TI1-TLV743P_18 Datasheet
874Kb / 29P
[Old version datasheet]   300-mA, Low-Dropout Regulator
logo
ON Semiconductor
NCP4683 ONSEMI-NCP4683_16 Datasheet
361Kb / 21P
   300 mA, Low Dropout Regulator
February, 2016 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com