データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLV803RDBZT データシート(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
部品番号 TLV803RDBZT
部品情報  3-Pin Voltage Supervisors with Active-Low, Open-Drain Reset
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TLV803RDBZT データシート(HTML) 1 Page - Texas Instruments

  TLV803RDBZT Datasheet HTML 1Page - Texas Instruments TLV803RDBZT Datasheet HTML 2Page - Texas Instruments TLV803RDBZT Datasheet HTML 3Page - Texas Instruments TLV803RDBZT Datasheet HTML 4Page - Texas Instruments TLV803RDBZT Datasheet HTML 5Page - Texas Instruments TLV803RDBZT Datasheet HTML 6Page - Texas Instruments TLV803RDBZT Datasheet HTML 7Page - Texas Instruments TLV803RDBZT Datasheet HTML 8Page - Texas Instruments TLV803RDBZT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
2
3
1
RESET
V
DD
GND
TLV803
DBZPackage
(TopView)
3.3V
TLV803S
DSP/FPGA/ASIC
GND
GND
RESET
RESET
V
DD
3.3-VLDO
GND
OUT
IN
5V
V
DD
TLV803M, TLV803R
TLV803S, TLV803Z
www.ti.com
SBVS157A
– APRIL 2011 – REVISED JUNE 2011
3-Pin Voltage Supervisors
with Active-Low, Open-Drain Reset
Check for Samples: TLV803M, TLV803R, TLV803S, TLV803Z
1
FEATURES
DESCRIPTION
The TLV803 family of supervisory circuits provides
2
3-Pin SOT23 Package
circuit initialization and timing supervision, primarily
Supply Current: 9
µA (Typical)
for DSPs and processor-based systems.
Precision Supply Voltage Monitor:
During power-on, RESET asserts when the supply
2.5 V, 3 V, 3.3 V, 5 V
voltage
(VDD)
becomes
greater
than
1.1
V.
Power-On Reset Generator with
Thereafter, the supervisory circuit monitors VDD and
Fixed Delay Time of 200 ms
keeps RESET active as long as VDD remains below
Pin-for-Pin Compatible with MAX803
the threshold voltage VIT. An internal timer delays the
Temperature Range:
–40°C to +125°C
return of the output to the inactive state (high) to
ensure proper system reset. The delay time (td(typ) =
Open-Drain, RESET Output
200 ms) starts after VDD has risen above the
threshold voltage, VIT. When the supply voltage drops
APPLICATIONS
below the VIT threshold voltage, the output becomes
DSPs, Microcontrollers, and Microprocessors
active (low) again. All the devices in this family have
Wireless Communication Systems
a fixed sense-threshold voltage (VIT) set by an
internal voltage divider.
Portable/Battery-Powered Equipment
Programmable Controls
The product spectrum is designed for supply voltages
Intelligent Instruments
of 2.5 V, 3 V, 3.3 V, and 5 V. The circuits are
available in a 3-pin SOT-23 package. The TLV803
Industrial Equipment
devices are characterized for operation over a
Notebook and Desktop Computers
temperature range of
–40°C to +125°C.
Automotive Systems
DEVICE FAMILY COMPARISON
TYPICAL APPLICATION
DEVICE
FUNCTION
TLV803
Open-Drain, RESET Output
TLV809
Push-Pull, RESET Output
TLV810
Push-Pull, RESET Output
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


同様の部品番号 - TLV803RDBZT

メーカー部品番号データシート部品情報
logo
Texas Instruments
TLV803RDBZT TI1-TLV803RDBZT Datasheet
607Kb / 16P
[Old version datasheet]   3-Pin Voltage Supervisors with Active-Low, Open-Drain Reset
TLV803RDBZT TI1-TLV803RDBZT Datasheet
1Mb / 22P
[Old version datasheet]   3-Pin Voltage Supervisors with Active-Low, Open-Drain Reset
More results

同様の説明 - TLV803RDBZT

メーカー部品番号データシート部品情報
logo
Texas Instruments
TLV803 TI1-TLV803_17 Datasheet
1Mb / 22P
[Old version datasheet]   3-Pin Voltage Supervisors with Active-Low, Open-Drain Reset
TLV803M TI1-TLV803M Datasheet
607Kb / 16P
[Old version datasheet]   3-Pin Voltage Supervisors with Active-Low, Open-Drain Reset
TLV803 TI1-TLV803_15 Datasheet
913Kb / 20P
[Old version datasheet]   3Pin Voltage Supervisors with Active-Low, Open-Drain Reset
TLV810M TI1-TLV810M_13 Datasheet
794Kb / 14P
[Old version datasheet]   3-Pin Voltage Supervisors with Active-High, Push-Pull Reset
TLV810M TI1-TLV810M Datasheet
416Kb / 14P
[Old version datasheet]   3-Pin Voltage Supervisors with Active-High, Push-Pull Reset
logo
ON Semiconductor
ASM1233D ONSEMI-ASM1233D Datasheet
142Kb / 10P
   Reset Active LOW Open-Drain Output
August, 2011 ??Rev. 3
logo
Micrel Semiconductor
MIC803 MICREL-MIC803_15 Datasheet
612Kb / 12P
   3-Pin Microprocessor Supervisor Circuit with Open-Drain Reset Output
MIC803 MICREL-MIC803 Datasheet
258Kb / 10P
   3-Pin Microprocessor Supervisor Circuit with Open-Drain Reset Output
logo
Alliance Semiconductor ...
ASM1233A ALSC-ASM1233A Datasheet
209Kb / 9P
   Low Power, 3.3V, uP Reset, Active LOW, Open-Drain Output
ASM1811 ALSC-ASM1811 Datasheet
215Kb / 9P
   Low Power 5V uP Reset Active LOW, Open - Drain Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com