データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLV810MDBZR データシート(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
部品番号 TLV810MDBZR
部品情報  3-Pin Voltage Supervisors with Active-High, Push-Pull Reset
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TLV810MDBZR データシート(HTML) 3 Page - Texas Instruments

  TLV810MDBZR Datasheet HTML 1Page - Texas Instruments TLV810MDBZR Datasheet HTML 2Page - Texas Instruments TLV810MDBZR Datasheet HTML 3Page - Texas Instruments TLV810MDBZR Datasheet HTML 4Page - Texas Instruments TLV810MDBZR Datasheet HTML 5Page - Texas Instruments TLV810MDBZR Datasheet HTML 6Page - Texas Instruments TLV810MDBZR Datasheet HTML 7Page - Texas Instruments TLV810MDBZR Datasheet HTML 8Page - Texas Instruments TLV810MDBZR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
TLV810M, TLV810R
TLV810S, TLV810Z
www.ti.com
SBVS158A
– APRIL 2011 – REVISED JUNE 2011
RECOMMENDED OPERATING CONDITIONS
At specified temperature range (unless otherwise noted).
MIN
MAX
UNIT
VDD
Supply voltage
1.1
6
V
TA
Operating free-air temperature range
–40
+125
°C
ELECTRICAL CHARACTERISTICS
Over recommended operating free-air temperature range (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VDD = 2.0 V to 6 V, IOH = –500 µA
VDD – 0.2
VDD = 3.3 V, IOH = –2 mA
VDD – 0.4
V
VOH
High-level output voltage
VDD = 6 V, IOH = –4 mA, TA = –40°C to +85°C
VDD – 0.4
VDD = 6 V, IOH = –4 mA, TA = +85°C to +125°C
VDD – 0.5
VDD = 2.5 V to 6 V, IOL = 500 µA
0.2
VOL
Low-level output voltage
VDD = 3.3 V, IOL = 2 mA
0.4
V
VDD = 6 V, IOL = 4 mA
0.4
Power-up reset voltage(1)
VOH ≥ VDD – 0.2 V, IOH = –50 µA
1.1
V
TLV810Z
2.20
2.25
2.30
TLV810R
2.58
2.64
2.70
Negative-going input
VIT–
V
threshold voltage(2)
TLV810S
2.87
2.93
2.99
TLV810M
4.28
4.38
4.48
TLV810Z
30
TLV810R
35
Vhys
Hysteresis
IOH = –50 µA, TA = +25°C
mV
TLV810S
40
TLV810M
60
VDD = 2 V, output unconnected
9
15
IDD
Supply current
µA
VDD = 6 V, output unconnected
20
30
(1)
The lowest supply voltage at which RESET becomes valid. tr, VDD ≤ 66.7 ms/V.
(2)
To ensure best stability of the threshold voltage, a bypass capacitor ( 0.1-
µF ceramic) should be placed near the supply terminals.
Copyright
© 2011, Texas Instruments Incorporated
3


同様の部品番号 - TLV810MDBZR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TLV810MDBZR TI1-TLV810MDBZR Datasheet
416Kb / 14P
[Old version datasheet]   3-Pin Voltage Supervisors with Active-High, Push-Pull Reset
More results

同様の説明 - TLV810MDBZR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TLV810M TI1-TLV810M Datasheet
416Kb / 14P
[Old version datasheet]   3-Pin Voltage Supervisors with Active-High, Push-Pull Reset
TLV803M TI1-TLV803M_13 Datasheet
816Kb / 15P
[Old version datasheet]   3-Pin Voltage Supervisors with Active-Low, Open-Drain Reset
TLV803 TI1-TLV803_17 Datasheet
1Mb / 22P
[Old version datasheet]   3-Pin Voltage Supervisors with Active-Low, Open-Drain Reset
TLV803M TI1-TLV803M Datasheet
607Kb / 16P
[Old version datasheet]   3-Pin Voltage Supervisors with Active-Low, Open-Drain Reset
TLV803 TI1-TLV803_15 Datasheet
913Kb / 20P
[Old version datasheet]   3Pin Voltage Supervisors with Active-Low, Open-Drain Reset
logo
Alliance Semiconductor ...
ASM1812 ALSC-ASM1812 Datasheet
231Kb / 9P
   Low Power 5V uP Reset Active HIGH, Push-Pull Output
logo
Maxim Integrated Produc...
MAX16143 MAXIM-MAX16143 Datasheet
219Kb / 14P
   High-Voltage Supervisors with Manual Reset Input
2021
logo
Alliance Semiconductor ...
ASM1817 ALSC-ASM1817 Datasheet
232Kb / 9P
   Low Power, 3.3V/3.0V uP Reset, Active HIGH, Push-Pull Output
logo
Dallas Semiconductor
DS1812 DALLAS-DS1812 Datasheet
41Kb / 5P
   5V EconoReset with Active High Push-Pull Output
logo
Maxim Integrated Produc...
DS1812 MAXIM-DS1812 Datasheet
119Kb / 5P
   5V EconoReset with Active High Push-Pull Output
041002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com