データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLV73328PDBVR データシート(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
部品番号 TLV73328PDBVR
部品情報  TLV733P Capacitor-Free, 300-mA, Low-Dropout Regulator
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TLV73328PDBVR データシート(HTML) 8 Page - Texas Instruments

Back Button TLV73328PDBVR Datasheet HTML 4Page - Texas Instruments TLV73328PDBVR Datasheet HTML 5Page - Texas Instruments TLV73328PDBVR Datasheet HTML 6Page - Texas Instruments TLV73328PDBVR Datasheet HTML 7Page - Texas Instruments TLV73328PDBVR Datasheet HTML 8Page - Texas Instruments TLV73328PDBVR Datasheet HTML 9Page - Texas Instruments TLV73328PDBVR Datasheet HTML 10Page - Texas Instruments TLV73328PDBVR Datasheet HTML 11Page - Texas Instruments TLV73328PDBVR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
TJ (qC)
-40
-20
0
20
40
60
80
100
120
140
0.425
0.45
0.475
0.5
0.525
0.55
0.575
0.6
0.625
0.65
0.675
D014
VEN(LO)
VEN(HI)
Foldback Current Limit (mA)
150 200 250 300 350 400 450 500 550 600 650 700
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
D023
TJ = -40 qC
TJ = 0 qC
TJ = 25 qC
TJ = 85 qC
TJ = 125 qC
VIN (V)
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
0
8
16
24
32
40
D013
TJ = 25 qC
VIN (V)
0
1
2
3
4
5
6
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
20
50
100
D015
TJ = -40 qC
TJ = 0 qC
TJ = 25 qC
TJ = 85 qC
TJ = 125 qC
VIN (V)
2
2.5
3
3.5
4
4.5
5
5.5
1.796
1.798
1.8
1.802
1.804
1.806
1.808
1.81
1.812
1.814
1.816
D019
D010
TJ = -40 qC
TJ = 0 qC
TJ = 25 qC
TJ = 85 qC
TJ = 125 qC
IOUT (mA)
0
30
60
90
120
150
180
210
240
270
300
25
30
35
40
45
50
55
60
65
70
D012
TJ = -40 qC
TJ = 0 qC
TJ = 25 qC
TJ = 85 qC
TJ = 125 qC
8
TLV733P
SBVS235B – OCTOBER 2014 – REVISED NOVEMBER 2015
www.ti.com
Product Folder Links: TLV733P
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Typical Characteristics (continued)
at operating temperature range (TJ = –40°C to +125°C), VIN = VOUT(nom) + 0.5 V or 2.0 V (whichever is greater), IOUT = 1 mA,
VEN = VIN, and CIN = COUT = 1 µF (unless otherwise noted)
TLV73318PDBV
Figure 13. 1.8-V Regulation vs VIN (Line Regulation) and
Temperature
Figure 14. Ground Pin Current vs IOUT and Temperature
Figure 15. Ground Pin Current vs VIN
IOUT = 0 mA
Figure 16. Shutdown Current vs VIN and Temperature
Figure 17. Enable Threshold vs Temperature
TLV73310PDBV
Figure 18. 1.0-V Foldback Current Limit vs
IOUT and Temperature


同様の部品番号 - TLV73328PDBVR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TLV73328PQDBVRQ1 TI1-TLV73328PQDBVRQ1 Datasheet
1Mb / 30P
[Old version datasheet]   Capacitor-Free, 300-mA, Low Dropout (LDO) Linear Regulator
TLV73328PQDRVRQ1 TI1-TLV73328PQDRVRQ1 Datasheet
1Mb / 27P
[Old version datasheet]   Capacitor-Free, 300-mA, Low Dropout (LDO) Linear Regulator
TLV73328PQDRVRQ1 TI1-TLV73328PQDRVRQ1 Datasheet
2Mb / 32P
[Old version datasheet]   Capacitor-Free, 300-mA, Low Dropout (LDO) Linear Regulator
TLV73328PQDRVRQ1 TI1-TLV73328PQDRVRQ1 Datasheet
1Mb / 30P
[Old version datasheet]   Capacitor-Free, 300-mA, Low Dropout (LDO) Linear Regulator
More results

同様の説明 - TLV73328PDBVR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TLV733P-Q1_1812 TI1-TLV733P-Q1_1812 Datasheet
1Mb / 30P
[Old version datasheet]   Capacitor-Free, 300-mA, Low Dropout (LDO) Linear Regulator
TLV733P-Q1 TI1-TLV733P-Q1_18 Datasheet
2Mb / 32P
[Old version datasheet]   Capacitor-Free, 300-mA, Low Dropout (LDO) Linear Regulator
TLV733P-Q1 TI1-TLV733P-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   Capacitor-Free, 300-mA, Low Dropout (LDO) Linear Regulator
TLV733P TI-TLV733P Datasheet
1Mb / 34P
[Old version datasheet]   TLV733P Capacitor-Free, 300-mA, Low-Dropout Regulator in a 1-mm 횞 1-mm SON Package
TLV71330PDQNR TI1-TLV71330PDQNR Datasheet
1Mb / 26P
[Old version datasheet]   Capacitor-Free, 150-mA, Low-Dropout Regulator
TLV743P_018 TI1-TLV743P_018 Datasheet
1Mb / 31P
[Old version datasheet]   300-mA, Low-Dropout Regulator
TLV743P TI1-TLV743P Datasheet
1Mb / 26P
[Old version datasheet]   300-mA, Low-Dropout Regulator
logo
ON Semiconductor
NCP4683 ONSEMI-NCP4683 Datasheet
397Kb / 21P
   300 mA, Low Dropout Regulator
July, 2012 ??Rev. 2
logo
Texas Instruments
TLV743P TI1-TLV743P_18 Datasheet
874Kb / 29P
[Old version datasheet]   300-mA, Low-Dropout Regulator
logo
ON Semiconductor
NCP4683 ONSEMI-NCP4683_16 Datasheet
361Kb / 21P
   300 mA, Low Dropout Regulator
February, 2016 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com