データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLV73333PDQNR データシート(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
部品番号 TLV73333PDQNR
部品情報  TLV733P Capacitor-Free, 300-mA, Low-Dropout Regulator
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TLV73333PDQNR データシート(HTML) 1 Page - Texas Instruments

  TLV73333PDQNR Datasheet HTML 1Page - Texas Instruments TLV73333PDQNR Datasheet HTML 2Page - Texas Instruments TLV73333PDQNR Datasheet HTML 3Page - Texas Instruments TLV73333PDQNR Datasheet HTML 4Page - Texas Instruments TLV73333PDQNR Datasheet HTML 5Page - Texas Instruments TLV73333PDQNR Datasheet HTML 6Page - Texas Instruments TLV73333PDQNR Datasheet HTML 7Page - Texas Instruments TLV73333PDQNR Datasheet HTML 8Page - Texas Instruments TLV73333PDQNR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
IOUT (mA)
0
30
60
90
120
150
180
210
240
270
300
0
20
40
60
80
100
120
140
160
180
D020
VOUT = 3.3 V
VOUT = 1.8 V
TLV733
IN
EN
OUT
GND
COUT
CIN
Optional
Optional
ON
OFF
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TLV733P
SBVS235B – OCTOBER 2014 – REVISED NOVEMBER 2015
TLV733P Capacitor-Free, 300-mA, Low-Dropout Regulator
in 1-mm × 1-mm SON Package
1
1 Features
1
Input Voltage Range: 1.4 V to 5.5 V
Stable Operation With or Without Capacitors
Foldback Overcurrent Protection
Packages:
1.0-mm × 1.0-mm X2SON (4)
SOT-23 (5)
Very Low Dropout: 125 mV at 300 mA (3.3 VOUT)
Accuracy: 1% typical, 1.4% maximum
Low IQ: 34 µA
Available in Fixed-Output Voltages:
1.0 V to 3.3 V
High PSRR: 50 dB at 1 kHz
Active Output Discharge
2 Applications
Tablets
Smartphones
Notebook and Desktop Computers
Portable Industrial and Consumer Products
WLAN and Other PC Add-On Cards
Camera Modules
3 Description
The TLV733 series of low-dropout linear regulators
(LDOs) are ultra-small, low quiescent current LDOs
that can source 300 mA with good line and load
transient performance. These devices provide a
typical accuracy of 1%.
The TLV733 series is designed with a modern
capacitor-free architecture to ensure stability without
an input or output capacitor. The removal of the
output capacitor allows for a very small solution size,
and can eliminate inrush current at startup. However,
the TLV733 series is also stable with ceramic output
capacitors if an output capacitor is necessary. The
TLV733 also provides foldback current control during
device power-up and enabling if an output capacitor
is used. This functionality is especially important in
battery-operated devices.
The TLV733 provides an active pull-down circuit to
quickly discharge output loads when disabled.
The TLV733 series is available in standard DBV
(SOT-23) and DQN (X2SON) packages.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TLV733P
SOT-23 (5)
2.90 mm × 1.60 mm
X2SON (4)
1.00 mm × 1.00 mm
(1) For all available packages, see the package option addendum
at the end of the data sheet.
Typical Application Circuit
Dropout Voltage vs Output Current


同様の部品番号 - TLV73333PDQNR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TLV73333PQDBVRQ1 TI1-TLV73333PQDBVRQ1 Datasheet
1Mb / 30P
[Old version datasheet]   Capacitor-Free, 300-mA, Low Dropout (LDO) Linear Regulator
TLV73333PQDRVRQ1 TI1-TLV73333PQDRVRQ1 Datasheet
1Mb / 27P
[Old version datasheet]   Capacitor-Free, 300-mA, Low Dropout (LDO) Linear Regulator
TLV73333PQDRVRQ1 TI1-TLV73333PQDRVRQ1 Datasheet
2Mb / 32P
[Old version datasheet]   Capacitor-Free, 300-mA, Low Dropout (LDO) Linear Regulator
TLV73333PQDRVRQ1 TI1-TLV73333PQDRVRQ1 Datasheet
1Mb / 30P
[Old version datasheet]   Capacitor-Free, 300-mA, Low Dropout (LDO) Linear Regulator
More results

同様の説明 - TLV73333PDQNR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TLV733P-Q1_1812 TI1-TLV733P-Q1_1812 Datasheet
1Mb / 30P
[Old version datasheet]   Capacitor-Free, 300-mA, Low Dropout (LDO) Linear Regulator
TLV733P-Q1 TI1-TLV733P-Q1_18 Datasheet
2Mb / 32P
[Old version datasheet]   Capacitor-Free, 300-mA, Low Dropout (LDO) Linear Regulator
TLV733P-Q1 TI1-TLV733P-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   Capacitor-Free, 300-mA, Low Dropout (LDO) Linear Regulator
TLV733P TI-TLV733P Datasheet
1Mb / 34P
[Old version datasheet]   TLV733P Capacitor-Free, 300-mA, Low-Dropout Regulator in a 1-mm 횞 1-mm SON Package
TLV71330PDQNR TI1-TLV71330PDQNR Datasheet
1Mb / 26P
[Old version datasheet]   Capacitor-Free, 150-mA, Low-Dropout Regulator
TLV743P_018 TI1-TLV743P_018 Datasheet
1Mb / 31P
[Old version datasheet]   300-mA, Low-Dropout Regulator
TLV743P TI1-TLV743P Datasheet
1Mb / 26P
[Old version datasheet]   300-mA, Low-Dropout Regulator
logo
ON Semiconductor
NCP4683 ONSEMI-NCP4683 Datasheet
397Kb / 21P
   300 mA, Low Dropout Regulator
July, 2012 ??Rev. 2
logo
Texas Instruments
TLV743P TI1-TLV743P_18 Datasheet
874Kb / 29P
[Old version datasheet]   300-mA, Low-Dropout Regulator
logo
ON Semiconductor
NCP4683 ONSEMI-NCP4683_16 Datasheet
361Kb / 21P
   300 mA, Low Dropout Regulator
February, 2016 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com