データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLV733P-Q1 データシート(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
部品番号 TLV733P-Q1
部品情報  TLV733P Capacitor-Free, 300-mA, Low-Dropout Regulator
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TLV733P-Q1 データシート(HTML) 4 Page - Texas Instruments

  TLV733P-Q1 Datasheet HTML 1Page - Texas Instruments TLV733P-Q1 Datasheet HTML 2Page - Texas Instruments TLV733P-Q1 Datasheet HTML 3Page - Texas Instruments TLV733P-Q1 Datasheet HTML 4Page - Texas Instruments TLV733P-Q1 Datasheet HTML 5Page - Texas Instruments TLV733P-Q1 Datasheet HTML 6Page - Texas Instruments TLV733P-Q1 Datasheet HTML 7Page - Texas Instruments TLV733P-Q1 Datasheet HTML 8Page - Texas Instruments TLV733P-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
4
TLV733P
SBVS235B – OCTOBER 2014 – REVISED NOVEMBER 2015
www.ti.com
Product Folder Links: TLV733P
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
6 Specifications
6.1 Absolute Maximum Ratings
over operating junction temperature range (unless otherwise noted); all voltages are with respect to GND
(1)
MIN
MAX
UNIT
Voltage
VIN
–0.3
6.0
V
VEN
–0.3
VIN + 0.3
VOUT
–0.3
3.6
Current
IOUT
Internally limited
A
Output short-circuit duration
Indefinite
Temperature
Operating junction, TJ
–40
150
°C
Storage, Tstg
–65
160
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±500
6.3 Recommended Operating Conditions
over operating junction temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
Input range, VIN
1.4
5.5
V
Output range, VOUT
1.0
3.3
V
Output current, IOUT
0
300
mA
Enable range, VEN
0
VIN
V
Junction temperature, TJ
–40
125
°C
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
6.4 Thermal Information
THERMAL METRIC(1)
TLV733P
UNIT
DQN (X2SON)
DBV (SOT-23)
4 PINS
5 PINS
RθJA
Junction-to-ambient thermal resistance
218.6
228.4
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
164.8
151.5
°C/W
RθJB
Junction-to-board thermal resistance
164.9
55.8
°C/W
ψJT
Junction-to-top characterization parameter
5.6
31.4
°C/W
ψJB
Junction-to-board characterization parameter
163.9
54.8
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
131.4
N/A
°C/W


同様の部品番号 - TLV733P-Q1

メーカー部品番号データシート部品情報
logo
Texas Instruments
TLV733P-Q1 TI1-TLV733P-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   Capacitor-Free, 300-mA, Low Dropout (LDO) Linear Regulator
TLV733P-Q1 TI1-TLV733P-Q1 Datasheet
2Mb / 32P
[Old version datasheet]   Capacitor-Free, 300-mA, Low Dropout (LDO) Linear Regulator
TLV733P-Q1 TI1-TLV733P-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   Capacitor-Free, 300-mA, Low Dropout (LDO) Linear Regulator
TLV733P-Q1 TI1-TLV733P-Q1_18 Datasheet
2Mb / 32P
[Old version datasheet]   Capacitor-Free, 300-mA, Low Dropout (LDO) Linear Regulator
TLV733P-Q1_1812 TI1-TLV733P-Q1_1812 Datasheet
1Mb / 30P
[Old version datasheet]   Capacitor-Free, 300-mA, Low Dropout (LDO) Linear Regulator
More results

同様の説明 - TLV733P-Q1

メーカー部品番号データシート部品情報
logo
Texas Instruments
TLV733P-Q1_1812 TI1-TLV733P-Q1_1812 Datasheet
1Mb / 30P
[Old version datasheet]   Capacitor-Free, 300-mA, Low Dropout (LDO) Linear Regulator
TLV733P-Q1 TI1-TLV733P-Q1_18 Datasheet
2Mb / 32P
[Old version datasheet]   Capacitor-Free, 300-mA, Low Dropout (LDO) Linear Regulator
TLV733P-Q1 TI1-TLV733P-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   Capacitor-Free, 300-mA, Low Dropout (LDO) Linear Regulator
TLV733P TI-TLV733P Datasheet
1Mb / 34P
[Old version datasheet]   TLV733P Capacitor-Free, 300-mA, Low-Dropout Regulator in a 1-mm 횞 1-mm SON Package
TLV71330PDQNR TI1-TLV71330PDQNR Datasheet
1Mb / 26P
[Old version datasheet]   Capacitor-Free, 150-mA, Low-Dropout Regulator
TLV743P_018 TI1-TLV743P_018 Datasheet
1Mb / 31P
[Old version datasheet]   300-mA, Low-Dropout Regulator
TLV743P TI1-TLV743P Datasheet
1Mb / 26P
[Old version datasheet]   300-mA, Low-Dropout Regulator
logo
ON Semiconductor
NCP4683 ONSEMI-NCP4683 Datasheet
397Kb / 21P
   300 mA, Low Dropout Regulator
July, 2012 ??Rev. 2
logo
Texas Instruments
TLV743P TI1-TLV743P_18 Datasheet
874Kb / 29P
[Old version datasheet]   300-mA, Low-Dropout Regulator
logo
ON Semiconductor
NCP4683 ONSEMI-NCP4683_16 Datasheet
361Kb / 21P
   300 mA, Low Dropout Regulator
February, 2016 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com