データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L793ED データシート(PDF) 1 Page - Kingbright Corporation

部品番号 L793ED
部品情報  8MM SOLID STATE LAMPS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KINGBRIGHT [Kingbright Corporation]
ホームページ  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

L793ED データシート(HTML) 1 Page - Kingbright Corporation

  L793ED Datasheet HTML 1Page - Kingbright Corporation L793ED Datasheet HTML 2Page - Kingbright Corporation L793ED Datasheet HTML 3Page - Kingbright Corporation L793ED Datasheet HTML 4Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SPEC NO: CDA0711
REV NO: V.1
DATE: NOV/11/2001
PAGE: 1 OF 4
APPROVED : J. Lu
CHECKED :
DRAWN: R.X.Jin
L793ID HIGH EFFICIENCY RED
L793GD GREEN
L793ED ORANGE
L793YD YELLOW
8mm SOLID STATE LAMPS
Features
!
8mm DIAMETER BIG LAMP.
!
LOW POWER CONSUMPTION.
!
RELIABLE AND RUGGED.
!
LONG LIFE - SOLID STATE RELIABILITY.
Description
The High Efficiency Red and Orange source color devices
are made with Gallium Arsenide Phosphide on Gallium
Phosphide Orange Light Emitting Diode.
The Green source color devices are made with Gallium
Phosphide Green Light Emitting Diode.
The Yellow source color devices are made with Gallium
Arsenide Phosphide on Gallium Phosphide Yellow Light
Emitting Diode.
PackageDimensions
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25(0.01") unless otherwise noted.
3. Lead spacing is measured where the lead emerge package.
4. Specifications are subject to change without notice.
D
i
g
i
t
a
l
l
y
s
i
g
n
e
d
b
y
Y
A
N
G
S
H
O
U
F
E
N
c
n
=
Y
A
N
G
S
H
O
U
F
E
N
,
o
u
=
K
I
N
G
B
R
I
H
G
T
,
o
=
4
2
,
c
=
U
S
D
a
t
e
:
2
0
0
1
.
1
1
.
1
2
1
8
:
3
2
:
4
7
+
0
8
'
0
0
'
R
e
a
s
o
n
:
D
o
c
u
m
e
n
t
i
s
c
e
r
t
i
f
i
e
d


同様の部品番号 - L793ED

メーカー部品番号データシート部品情報
logo
Kingbright Corporation
L793SRC KINGBRIGHT-L793SRC Datasheet
91Kb / 3P
   8mm SUPER BRIGHT BIG LED LAMPS
L793SRC/C KINGBRIGHT-L793SRC/C Datasheet
91Kb / 3P
   8mm SUPER BRIGHT BIG LED LAMPS
L793SRC/D KINGBRIGHT-L793SRC/D Datasheet
91Kb / 3P
   8mm SUPER BRIGHT BIG LED LAMPS
L793SRC/E KINGBRIGHT-L793SRC/E Datasheet
91Kb / 3P
   8mm SUPER BRIGHT BIG LED LAMPS
L793SRC/F KINGBRIGHT-L793SRC/F Datasheet
91Kb / 3P
   8mm SUPER BRIGHT BIG LED LAMPS
More results

同様の説明 - L793ED

メーカー部品番号データシート部品情報
logo
Everlight Electronics C...
HLMP1790 EVERLIGHT-HLMP1790 Datasheet
258Kb / 4P
   SOLID STATE LAMPS
logo
Fairchild Semiconductor
MV5074C FAIRCHILD-MV5074C Datasheet
102Kb / 4P
   SOLID STATE LAMPS
logo
Kingbright Corporation
AM2520EJ KINGBRIGHT-AM2520EJ Datasheet
127Kb / 4P
   SUBMINIATURE SOLID STATE LAMPS
AM2520SRC09 KINGBRIGHT-AM2520SRC09 Datasheet
76Kb / 4P
   SUBMINIATURE SOLID STATE LAMPS
logo
Fairchild Semiconductor
MV53123 FAIRCHILD-MV53123 Datasheet
251Kb / 4P
   RECTANGULAR SOLID STATE LAMPS
logo
Kingbright Corporation
L-44HD KINGBRIGHT-L-44HD Datasheet
144Kb / 5P
   4mm SOLID STATE LAMPS
AM2520SRD03 KINGBRIGHT-AM2520SRD03 Datasheet
80Kb / 4P
   SUBMINIATURE SOLID STATE LAMPS
AM2520EH KINGBRIGHT-AM2520EH Datasheet
127Kb / 4P
   SUBMINIATURE SOLID STATE LAMPS
logo
Fairchild Semiconductor
MV53124A FAIRCHILD-MV53124A Datasheet
281Kb / 4P
   RECTANGULAR SOLID STATE LAMPS
logo
List of Unclassifed Man...
4302T ETC1-4302T Datasheet
44Kb / 1P
   SOLID STATE LED LAMPS
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com