データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SLC1480-321MLB データシート(PDF) 1 Page - Coilcraft lnc.

部品番号 SLC1480-321MLB
部品情報  Shielded Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  COILCRAFT [Coilcraft lnc.]
ホームページ  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

SLC1480-321MLB データシート(HTML) 1 Page - Coilcraft lnc.

  SLC1480-321MLB Datasheet HTML 1Page - Coilcraft lnc. SLC1480-321MLB Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2016
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
Shielded Power Inductors – SLC1480
Document 482-1
Document 482-1 Revised 09/14/15
• Requires a mere quarter square inch of board space
• Handles current as high as 130 A.
• Ideal for use in multi-phase VRM/VRD regulators
1. When ordering, please specify
packaging code:
SLC1480-321MLD
Packaging: D = 13
″ machine-ready reel. EIA-481 embossed plastic
tape (500 per full reel).
B = Less than full reel. In tape, but not machine ready.
To have a leader and trailer added ($25 charge), use
code letter C instead.
2. Inductance tested at 100 kHz, 0.1 Vrms using an Agilent/HP 4284.
3. DCR is measured between the two points indicated below.
Points used for measuring DCR
Inductance2
DCR (mOhms)3
SRF typ4
Isat (A)5
Irms (A)6
Part number1
±20% (nH)
min
max
(MHz)
10% drop 20% drop 30% drop
20°C rise 40°C rise
SLC1480-111ML_
110
0.15
0.21
130
110
128
130
39
55
SLC1480-131ML_
130
0.15
0.21
110
97
110
112
39
55
SLC1480-151ML_
150
0.15
0.21
108
88
95
97
39
55
SLC1480-171ML_
170
0.15
0.21
75
80
87
90
39
55
SLC1480-201ML_
200
0.15
0.21
68
65
72
76
39
55
SLC1480-231ML_
230
0.15
0.21
59
57
64
67
39
55
SLC1480-261ML_
260
0.15
0.21
50
50
57
61
39
55
SLC1480-301ML_
300
0.15
0.21
46
42
49
52
39
55
SLC1480-321ML_
320
0.15
0.21
42
38
44
48
39
55
SLC1480-441ML_
440
0.15
0.21
35
28
32
35
39
55
Designer’s Kit C467 contains 3 each of select values.
Core material Ferrite
Terminations RoHS compliant matte tin over nickel over copper.
Other terminations available at additional cost.
Weight 5.25 g
Ambient temperature –40°C to +85°C with (40°C rise)
Irms current.
Maximum part temperature +125°C (ambient + temp rise). Derating.
Storage temperature Component: –40°C to +125°C.
Tape and reel packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
38 per billion hours / 26,315,789 hours, calculated per Telcordia SR-332
Packaging 500/13
″ reel; Plastic tape: 24 mm wide, 0.4 mm thick,
16 mm pocket spacing, 8.1 mm pocket depth
PCB washing Tested to MIL-STD-202 Method 215 plus an additional
aqueous wash. See Doc787_PCB_Washing.pdf.
4. SRF measured using an Agilent/HP 8753ES network analyzer or equivalent.
5. DC current at 25°C that causes the specified inductance drop from its
value without current. Click for temperature derating information.
6. Current that causes the specified temperature rise from 25°C ambient.
This information is for reference only and does not represent absolute
maximum ratings. Click for temperature derating information.
7. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.


同様の部品番号 - SLC1480-321MLB

メーカー部品番号データシート部品情報
logo
Coilcraft lnc.
SLC1480-321MLB COILCRAFT-SLC1480-321MLB Datasheet
295Kb / 2P
   Shielded Power Inductors ??SLC1480
More results

同様の説明 - SLC1480-321MLB

メーカー部品番号データシート部品情報
logo
Central Technologies
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
   Power Inductors - Shielded
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
   Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
   Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
   Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
   Power Inductors - Shielded
CTDS5022 CT-CTDS5022 Datasheet
229Kb / 1P
   Power Inductors - Shielded
logo
Coilcraft lnc.
LPS3314 COILCRAFT-LPS3314 Datasheet
205Kb / 2P
   Shielded Power Inductors
LPS4012-331ML COILCRAFT-LPS4012-331ML Datasheet
212Kb / 2P
   Shielded Power Inductors
LPS5030-901ML COILCRAFT-LPS5030-901ML Datasheet
210Kb / 2P
   Shielded Power Inductors
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com