データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SD43-562ML データシート(PDF) 1 Page - Coilcraft lnc.

部品番号 SD43-562ML
部品情報  SMT Power Inductors ??SD43 Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  COILCRAFT [Coilcraft lnc.]
ホームページ  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

SD43-562ML データシート(HTML) 1 Page - Coilcraft lnc.

  SD43-562ML Datasheet HTML 1Page - Coilcraft lnc. SD43-562ML Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMT Power Inductors – SD43 Series
Document 356-1
Document 356-1 Revised 12/12/14
Part
Inductance2
DCR max
SRF typ3
Isat (A)4
Irms (A)5
number1
(µH)
(mOhm)
(MHz)
10% drop
20% drop
30% drop
20°C rise 40°C rise
SD43-102ML_
1.0 ±20%
33
100
5.5
6.1
6.5
3.4
5.8
SD43-142ML_
1.4 ±20%
38
90
4.8
5.5
5.9
3.1
5.8
SD43-182ML_
1.8 ±20%
42
80
4.1
4.6
5.1
2.7
4.6
SD43-222ML_
2.2 ±20%
47
65
3.6
4.1
4.4
2.3
3.8
SD43-272ML_
2.7 ±20%
52
60
3.4
3.8
4.1
2.2
3.7
SD43-332ML_
3.3 ±20%
58
50
2.9
3.3
3.5
2.1
3.3
SD43-392ML_
3.9 ±20%
76
47
2.6
3.0
3.2
1.9
3.0
SD43-472ML_
4.7 ±20%
94
45
2.4
2.8
3.0
1.9
2.9
SD43-562ML_
5.6 ±20%
101
40
2.2
2.5
2.7
1.6
2.8
SD43-682ML_
6.8 ±20%
110
35
2.0
2.3
2.5
1.5
2.5
SD43-822ML_
8.2 ±20%
132
30
1.83
2.1
2.2
1.4
2.2
SD43-103ML_
10.0 ±20%
182
28
1.70
1.95
2.1
1.3
2.2
SD43-123ML_
12.0 ±20%
210
24
1.53
1.75
1.90
1.1
1.8
SD43-153ML_
15.0 ±20%
235
22
1.33
1.58
1.73
1.0
1.7
SD43-183ML_
18.0 ±20%
338
19
1.25
1.43
1.58
0.89
1.5
SD43-223ML_
22.0 ±20%
378
17
1.15
1.32
1.43
0.85
1.4
SD43-273ML_
27.0 ±20%
522
16
1.00
1.14
1.26
0.73
1.1
SD43-333KL_
33.0 ±10%
540
14
0.90
1.05
1.14
0.62
0.90
SD43-393KL_
39.0 ±10%
587
13
0.84
0.97
1.07
0.61
0.90
SD43-473KL_
47.0 ±10%
844
12
0.77
0.87
0.93
0.53
0.86
SD43-563KL_
56.0 ±10%
937
11
0.72
0.80
0.86
0.51
0.70
SD43-683KL_
68.0 ±10%
1117
10
0.65
0.72
0.77
0.43
0.60
1. When ordering, please specify
packaging code:
SD43-683KLC
Packaging: C = 7
″ machine-ready reel. EIA-481 embossed plastic
tape (500 parts per full reel).
B = Less than full reel. In tape, but not machine ready.
To have a leader and trailer added ($25 charge),
use code letter C instead.
D = 13
″ machine-ready reel. EIA-481 embossed plastic
tape. Factory order only, not stocked (2000 parts
per full reel).
2. Inductance measured at 100 kHz, 0.1 Vrms, 0 Adc using an Agilent/
HP 4284A impedance analyzer.
3. SRF measured using Agilent/HP 8753D network analyzer and Coilcraft
SMD-D test fixture.
4 DC current at which the inductance drops the specified amount from its
value without current.
5. Current the causes the specified temperature rise from25°C ambient.
6. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
Core material Ferrite
Terminations RoHS compliant tin-silver over tin over nickel over silver.
Weight 0.17 – 0.20 mg
Ambient temperature –40°C to +85°C with
Irms current, +85°C to
+125°C with derated current
Storage temperature Component: –40°C to +85°C.
Tape and reel packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
38 per billion hours / 26,315,789 hours, calculated per Telcordia SR-332
Packaging 500/7
″ reel; 2000/13″ reel; Plastic tape: 12 mm wide,
0.35 mm thick, 8 mm pocket spacing, 3.4 mm pocket depth
PCB washing Tested to MIL-STD-202 Method 215 plus an additional
aqueous wash. See Doc787_PCB_Washing.pdf.
• Rugged, cost-effective power inductors
• Excellent current handling; low DCR
• Values greater than 27 µH are 10% tolerance


同様の部品番号 - SD43-562ML

メーカー部品番号データシート部品情報
logo
Cooper Bussmann, Inc.
SD4-S COOPER-SD4-S Datasheet
421Kb / 8P
   NH bases
SD4-S1600 COOPER-SD4-S1600 Datasheet
421Kb / 8P
   NH bases
logo
Calogic, LLC
SD400 CALOGIC-SD400 Datasheet
23Kb / 2P
   High-Speed Analog N-Channel/Enhancement-Mode DMOS FETS
logo
Sirectifier Semiconduct...
SD400 SIRECTIFIER-SD400 Datasheet
342Kb / 2P
   Discrete Diodes
SD400-01NFB SIRECTIFIER-SD400-01NFB Datasheet
342Kb / 2P
   Discrete Diodes
More results

同様の説明 - SD43-562ML

メーカー部品番号データシート部品情報
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
Coilcraft lnc.
DO5010H-105MLD COILCRAFT-DO5010H-105MLD Datasheet
379Kb / 2P
   SMT Power Inductors - DO5010H Series
DO1813H-331MLD COILCRAFT-DO1813H-331MLD Datasheet
227Kb / 2P
   SMT Power Inductors ??DO1813H Series
DS5022P-473MLD COILCRAFT-DS5022P-473MLD Datasheet
110Kb / 2P
   SMT Power Inductors ??DS5022P Series
DO1813H-331MLD COILCRAFT-DO1813H-331MLD Datasheet
227Kb / 2P
   SMT Power Inductors ??DO1813H Series
SD54 COILCRAFT-SD54_15 Datasheet
454Kb / 2P
   SMT Power Inductors ??SD54 Series
DAC7571IDBVTG4 COILCRAFT-DAC7571IDBVTG4 Datasheet
119Kb / 2P
   SMT Power Inductors ??DS5022P Series
DO5010H COILCRAFT-DO5010H_15 Datasheet
517Kb / 2P
   SMT Power Inductors - DO5010H Series
DO1813H-122MLD COILCRAFT-DO1813H-122MLD Datasheet
227Kb / 2P
   SMT Power Inductors ??DO1813H Series
DO1813H-122MLD COILCRAFT-DO1813H-122MLD Datasheet
240Kb / 2P
   SMT Power Inductors ??DO1813H Series
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com