データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TMP461 データシート(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
部品番号 TMP461
部品情報  High-Accuracy Remote and Local Temperature Sensor with Pin-Programmable Bus Address
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TMP461 データシート(HTML) 9 Page - Texas Instruments

Back Button TMP461 Datasheet HTML 5Page - Texas Instruments TMP461 Datasheet HTML 6Page - Texas Instruments TMP461 Datasheet HTML 7Page - Texas Instruments TMP461 Datasheet HTML 8Page - Texas Instruments TMP461 Datasheet HTML 9Page - Texas Instruments TMP461 Datasheet HTML 10Page - Texas Instruments TMP461 Datasheet HTML 11Page - Texas Instruments TMP461 Datasheet HTML 12Page - Texas Instruments TMP461 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
SCL
SDA
THERM
D+
D-
V+
GND
ALERT/THERM2
6 x I
16 x I
Internal
BJT
ADC
Control Logic
TMP461
Register Bank
Serial Interface
Oscillator
I
A0
A1
9
TMP461
www.ti.com
SBOS722B – JUNE 2015 – REVISED AUGUST 2016
Product Folder Links: TMP461
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The TMP461 device is a digital temperature sensor that combines a local temperature measurement channel
and a remote-junction temperature measurement channel in a single WQFN-10 package. The device is two-wire-
and SMBus-interface-compatible with nine pin-programmable bus address options, and is specified over a
temperature range of –40°C to 125°C. The TMP461 device also contains multiple registers for programming and
holding configuration settings, temperature limits, and temperature measurement results.
8.2 Functional Block Diagram


同様の部品番号 - TMP461

メーカー部品番号データシート部品情報
logo
Texas Instruments
TMP461 TI1-TMP461 Datasheet
115Kb / 5P
[Old version datasheet]   Radiation Hardened Remote and Local Digital Temperature Sensor
TMP461 TI1-TMP461 Datasheet
528Kb / 34P
[Old version datasheet]   Radiation Hardened Remote and Local Digital Temperature Sensor
TMP461 TI1-TMP461 Datasheet
1Mb / 35P
[Old version datasheet]   TMP461 High-Accuracy Remote and Local Temperature Sensor with Pin-Programmable Bus Address
TMP461-SP TI1-TMP461-SP Datasheet
115Kb / 5P
[Old version datasheet]   Radiation Hardened Remote and Local Digital Temperature Sensor
TMP461-SP TI1-TMP461-SP Datasheet
528Kb / 34P
[Old version datasheet]   Radiation Hardened Remote and Local Digital Temperature Sensor
More results

同様の説明 - TMP461

メーカー部品番号データシート部品情報
logo
Texas Instruments
TMP461 TI1-TMP461_V01 Datasheet
1Mb / 35P
[Old version datasheet]   TMP461 High-Accuracy Remote and Local Temperature Sensor with Pin-Programmable Bus Address
TMP461 TI-TMP461_15 Datasheet
430Kb / 33P
[Old version datasheet]   TMP461 High-Accuracy Remote and Local Temperature Sensor with Pin-Programmable Bus Address
TMP4718 TI-TMP4718 Datasheet
1Mb / 50P
[Old version datasheet]   TMP4718 High-Accuracy Remote and Local Temperature Sensor with Pin- Programmable Alert Thresholds
MAY 2023
TMP468 TI1-TMP468 Datasheet
743Kb / 40P
[Old version datasheet]   9-Channel (8-Remote and 1-Local), High-Accuracy Temperature Sensor
TMP421-Q1 TI1-TMP421-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   Remote and Local Temperature Sensor
TMP468 TI1-TMP468_17 Datasheet
905Kb / 43P
[Old version datasheet]   9-Channel (8-Remote and 1-Local), High-Accuracy Temperature Sensor
TMP464 TI1-TMP464 Datasheet
1Mb / 43P
[Old version datasheet]   High-Accuracy 5-Channel (4-Remote and 1-Local) Temperature Sensor
logo
uPI Group Inc.
US5004 UPI-US5004 Datasheet
876Kb / 15P
   Digital Remote and Local Temperature Sensor
logo
Texas Instruments
TMP421 TI1-TMP421_15 Datasheet
1Mb / 35P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR
TMP421 TI1-TMP421_12 Datasheet
904Kb / 34P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com