データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA8260 データシート(PDF) 6 Page - NXP Semiconductors

部品番号 TDA8260
部品情報  Satellite Zero-IF QPSK/8PSK downconverter with PLL synthesizer
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8260 データシート(HTML) 6 Page - NXP Semiconductors

Back Button TDA8260 Datasheet HTML 2Page - NXP Semiconductors TDA8260 Datasheet HTML 3Page - NXP Semiconductors TDA8260 Datasheet HTML 4Page - NXP Semiconductors TDA8260 Datasheet HTML 5Page - NXP Semiconductors TDA8260 Datasheet HTML 6Page - NXP Semiconductors TDA8260 Datasheet HTML 7Page - NXP Semiconductors TDA8260 Datasheet HTML 8Page - NXP Semiconductors TDA8260 Datasheet HTML 9Page - NXP Semiconductors TDA8260 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
2004 Sep 03
6
Philips Semiconductors
Product specification
Satellite Zero-IF QPSK/8PSK
downconverter with PLL synthesizer
TDA8260TW
FUNCTIONAL DESCRIPTION
The TDA8260TW contains the core of the RF analog part
of a digital satellite receiver. The signal coming from the
Low Noise Block (LNB) is coupled through a Low Noise
Amplifier (LNA) to the RF inputs. The internal circuitry
performs the Zero-IF quadrature frequency conversion
and the two in-phase (IBBOUT) and quadrature
(QBBOUT) output signals can be used directly to feed a
Satellite Demodulator and Decoder circuit (SDD).
The TDA8260TW has a gain-controlled amplifier in the
converter circuit. The gain is controlled by the AGCIN input
from the SDD.
An external VCO tank circuit is connected between pins
TKA and TKB. The main elements of the external tank
circuit are an SMD coil and a varactor diode. The tuning
voltage of 0 to 30 V covers the whole frequency range
from 237.5 to 543.75 MHz. The internal loop controls a
fully integrated VCO to cover the range 950 to 2175 MHz.
The VCO provides both in-phase and quadrature signals
to drive the two mixers.
Except for the 4 MHz crystal and the loop filter, all circuit
components necessary to control the varactor-tuned
oscillator are integrated in the TDA8260TW. The tuning
circuit includes a fast phase detector with a high
comparison frequency in order to achieve the lowest
possible level of phase noise in the local oscillator.
The fDIV output of the15-bit programmable divider passes
through the fast phase comparator where it is compared in
both phase and frequency with the comparison frequency
(fCOMP). The frequency fCOMP is derived from the signal
present at the XT1/XT2 pins (fXTAL) divided-down by the
reference divider. The buffered XTOUT signal can drive
the crystal frequency input of the SDD, thereby saving a
crystal in the application.
The output of the phase comparator drives the charge
pump and loop amplifier section. The loop amplifier
includes a high voltage transistor to handle the 30 V tuning
voltage at pin VT, this drives a variable capacitance diode
in the external circuit of the voltage controlled oscillator.
Pin CP is the output of the charge pump. The loop filter is
connected between pins CP and VT and the post-filter
section is connected between pin VT and the variable
capacitance diode.
For test and alignment purposes, it is possible to release
the tuning voltage output and apply an external voltage to
pin VT, also to select the charge pump function to sink
current, source current or to be switched off.
handbook, halfpage
TDA8260TW
MGU791
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
20
XTOUT
SDA
SCL
AS
CP
VT
BVS
VCC(VCO)
TKA
TKB
VCOGND
CAP1
CAP2
IOUT
BBGND2
IBBIN
n.c.
IBBOUT
IIN
XT1
XT2
VCC(PLL)
PLLGND
AGCIN
BIASN
RFGND1
VCC(RF)
RFA
RFB
RFGND2
LP1
LP2
QOUT
BBGND1
QBBIN
VCC(BB)
QBBOUT
QIN
Fig.2 Pin configuration.


同様の部品番号 - TDA8260

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA8261TW PHILIPS-TDA8261TW Datasheet
136Kb / 22P
   Satellite Zero-IF QPSK/8PSK downconverter with PLL synthesizer
2004 Dec 02
TDA8262HN NXP-TDA8262HN Datasheet
166Kb / 30P
   Fully integrated satellite tuner
Rev. 01-14 December 2004
TDA8263HN NXP-TDA8263HN Datasheet
159Kb / 28P
   Fully integrated satellite tuner
Rev. 01-14 December 2004
More results

同様の説明 - TDA8260

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA8261TW PHILIPS-TDA8261TW Datasheet
136Kb / 22P
   Satellite Zero-IF QPSK/8PSK downconverter with PLL synthesizer
2004 Dec 02
TDA8060TS PHILIPS-TDA8060TS Datasheet
539Kb / 16P
   Satellite ZERO-IF QPSK down-converter
1999 Aug 30
logo
Mitel Networks Corporat...
SL1925 MITEL-SL1925 Datasheet
524Kb / 20P
   Satellite Zero IF QPSK Tuner IC
logo
NXP Semiconductors
TDA8060ATS PHILIPS-TDA8060ATS Datasheet
87Kb / 16P
   Satellite ZERO-IF QPSK down-converter
2000 Nov 10
logo
STMicroelectronics
STV6110A STMICROELECTRONICS-STV6110A Datasheet
51Kb / 5P
   8PSK/QPSK low-power 3.3 V satellite tuner IC
STV6111 STMICROELECTRONICS-STV6111 Datasheet
56Kb / 4P
   8PSK/QPSK low-power 3.3-V satellite tuner IC
STV6120 STMICROELECTRONICS-STV6120 Datasheet
59Kb / 4P
   8PSK/QPSK low-power 3.3-V dual wide-band satellite tuner IC
STB6100 STMICROELECTRONICS-STB6100 Datasheet
87Kb / 2P
   8PSK/QPSK direct conversion tuner IC
STB6100 STMICROELECTRONICS-STB6100_09 Datasheet
57Kb / 5P
   8PSK/QPSK direct conversion tuner IC
logo
Fujitsu Component Limit...
MB15C100 FUJITSU-MB15C100 Datasheet
285Kb / 28P
   IF Band PLL Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com