データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BAT54C データシート(PDF) 2 Page - Bruckewell Technology LTD

部品番号 BAT54C
部品情報  Schottky Barrier Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BWTECH [Bruckewell Technology LTD]
ホームページ  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

BAT54C データシート(HTML) 2 Page - Bruckewell Technology LTD

  BAT54C Datasheet HTML 1Page - Bruckewell Technology LTD BAT54C Datasheet HTML 2Page - Bruckewell Technology LTD BAT54C Datasheet HTML 3Page - Bruckewell Technology LTD BAT54C Datasheet HTML 4Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BAT54
Schottky Barrier Diode
Publication Order Number: [BAT54]
© Bruckewell Technology Corporation Rev. A -2014
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Maximum Ratings & Thermal Characteristics (Tamb=25°C unless otherwise noted)
Symbol
Parameter
BAT54
BAT54A
BAT54C
BAT54S
Unit
Device marking code
L4
L42
L43
L44
VRRM
Repetitive peak reverse voltage
30
V
IF
Forward continuous current
200
mA
IFSM
Repetitive peak forward current
300
mA
IFSM
Surge forward current tp<1s,
600
mA
Ptot
Power dissipation TA=25°C
230
mW
RθJA
Thermal resistance junction to ambient air
430
°C/W
TJ,TSTG
Junction temperature
+120 to +150
°C
TS
Storage temperature range
-65 to +150
°C
Electrical Characteristics (TA=25°C unless otherwise noted)
Symbol
Parameter
MIN
TYP
MAX
UNIT
V(BR)
Reverse breakdown voltage IR=100uA (pulsed)
30
V
IR
Leakage current Pulse test tp<300us,
θ<2% at
VR=25V
2
uA
VF
Forward voltage IF=0.1 mA , tp<300us,
θ<2%
IF=1 mA , tp<300us,
θ<2%
IF=10 mA , tp<300us,
θ<2%
IF=30 mA , tp<300us,
θ<2%
IF=100 mA , tp<300us,
θ<2%
240
320
400
500
1000
mV
Ctot
Capacitance VR=1V , f=1MHz
10
pF
Trr
Reverse recovery time IF=10 mA , IR=10 mA to
Irr=1 mA , RL=100
Ω
5
ns


同様の部品番号 - BAT54C

メーカー部品番号データシート部品情報
logo
Pan Jit International I...
BAT54C PANJIT-BAT54C Datasheet
112Kb / 3P
   SURFACT MOUNT SCHOTTKY BARRIER
logo
Chip Integration Techno...
BAT54C CITC-BAT54C Datasheet
158Kb / 3P
   200mA Surface Mount Small Signal Diodes
logo
EIC discrete Semiconduc...
BAT54C EIC-BAT54C Datasheet
111Kb / 2P
   SMALL SIGNAL SCHOTTKY DIODE, SINGLE & DUAL
logo
Formosa MS
BAT54C FORMOSA-BAT54C Datasheet
86Kb / 2P
   Surface Mount Schottky Diode - Silicon epitaxial planar type
logo
Dongguan Pingjingsemi T...
BAT54C PJSEMI-BAT54C Datasheet
1Mb / 3P
   Schottky Barrier Diodes
More results

同様の説明 - BAT54C

メーカー部品番号データシート部品情報
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4