データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TMP320F28027PTA データシート(PDF) 7 Page - Texas Instruments

部品番号 TMP320F28027PTA
部品情報  Piccolo Microcontrollers
Download  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TMP320F28027PTA データシート(HTML) 7 Page - Texas Instruments

Back Button TMP320F28027PTA Datasheet HTML 3Page - Texas Instruments TMP320F28027PTA Datasheet HTML 4Page - Texas Instruments TMP320F28027PTA Datasheet HTML 5Page - Texas Instruments TMP320F28027PTA Datasheet HTML 6Page - Texas Instruments TMP320F28027PTA Datasheet HTML 7Page - Texas Instruments TMP320F28027PTA Datasheet HTML 8Page - Texas Instruments TMP320F28027PTA Datasheet HTML 9Page - Texas Instruments TMP320F28027PTA Datasheet HTML 10Page - Texas Instruments TMP320F28027PTA Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 138 page
background image
Copyright © 2008–2016, Texas Instruments Incorporated
Device Comparison
Submit Documentation Feedback
Product Folder Links: TMS320F28027 TMS320F28026 TMS320F28023 TMS320F28022 TMS320F28021
TMS320F28020 TMS320F280200
7
TMS320F28027, TMS320F28026, TMS320F28023, TMS320F28022
TMS320F28021, TMS320F28020, TMS320F280200
www.ti.com
SPRS523K – NOVEMBER 2008 – REVISED JUNE 2016
Table 3-1. Device Comparison (continued)
FEATURE
TYPE
(1)
28027
28027F
(2)
(60 MHz)
28026
28026F
(2)
(60 MHz)
28023
(50 MHz)
28022
(50 MHz)
28021
(40 MHz)
28020
(40 MHz)
280200
(40 MHz)
Package Type
38-Pin DA
TSSOP
48-Pin PT
LQFP
38-Pin DA
TSSOP
48-Pin PT
LQFP
38-Pin DA
TSSOP
48-Pin PT
LQFP
38-Pin DA
TSSOP
48-Pin PT
LQFP
38-Pin DA
TSSOP
48-Pin PT
LQFP
38-Pin DA
TSSOP
48-Pin PT
LQFP
38-Pin DA
TSSOP
48-Pin PT
LQFP
(3)
The letter Q refers to Q100 qualification for automotive applications.
Temperature
options
T: –40°C to 105°C
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
S: –40°C to 125°C
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Q: –40°C to 125°C
(3)
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes


同様の部品番号 - TMP320F28027PTA

メーカー部品番号データシート部品情報
logo
Texas Instruments
TMP320F28027PTA TI1-TMP320F28027PTA Datasheet
1Mb / 129P
[Old version datasheet]   Piccolo Microcontrollers
More results

同様の説明 - TMP320F28027PTA

メーカー部品番号データシート部品情報
logo
Texas Instruments
TMS320F28030 TI-TMS320F28030 Datasheet
1Mb / 157P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28069 TI1-TMS320F28069_14 Datasheet
1Mb / 175P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28069_1807 TI1-TMS320F28069_1807 Datasheet
2Mb / 182P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049_0018 TI1-TMS320F280049_0018 Datasheet
3Mb / 224P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049_1808 TI1-TMS320F280049_1808 Datasheet
3Mb / 224P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049 TI1-TMS320F280049_V01 Datasheet
3Mb / 227P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28027 TI1-TMS320F28027_14 Datasheet
1Mb / 132P
[Old version datasheet]   Piccolo??Microcontrollers
TMS320F28069_1107 TI1-TMS320F28069_1107 Datasheet
1Mb / 172P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049 TI1-TMS320F280049_18 Datasheet
2Mb / 217P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28027 TI1-TMS320F28027_17 Datasheet
1Mb / 138P
[Old version datasheet]   Piccolo Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com