データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC100EP105FAR2 データシート(PDF) 2 Page - ON Semiconductor

部品番号 MC100EP105FAR2
部品情報  3.3V / 5V ECL Quad 2-Input Differential AND/NAND
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EP105FAR2 データシート(HTML) 2 Page - ON Semiconductor

  MC100EP105FAR2 Datasheet HTML 1Page - ON Semiconductor MC100EP105FAR2 Datasheet HTML 2Page - ON Semiconductor MC100EP105FAR2 Datasheet HTML 3Page - ON Semiconductor MC100EP105FAR2 Datasheet HTML 4Page - ON Semiconductor MC100EP105FAR2 Datasheet HTML 5Page - ON Semiconductor MC100EP105FAR2 Datasheet HTML 6Page - ON Semiconductor MC100EP105FAR2 Datasheet HTML 7Page - ON Semiconductor MC100EP105FAR2 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MC10EP105, MC100EP105
http://onsemi.com
2
NC
25
26
27
28
29
30
31
32
15
14
13
12
11
10
9
12345
678
24
23
22
21
20
19
18
17
16
MC10EP105
MC100EP105
VEE
D3b
D3b
VCC
D3a
D3a
D2b
VCC
VCC
Q0
Q0
VEE
D0a
D0a
D0b
VCC
Q3
Q3
Q2
Q2
Q1
VCC
D2b
D2a
D2a
D1b
D1b
D1a
D0b D1a
Figure 1. 32–Lead LQFP Pinout (Top View)
Q1
Warning: All VCC and VEE pins must be externally connected
to Power Supply to guarantee proper operation.
PIN DESCRIPTION
PIN
Dna*, Dnb*, Dna*, Dnb*
Qn, Qn
ECL Data Outputs
FUNCTION
ECL Data Inputs
LL
H
H
L
H
LH
H
L
L
H
HL
L
H
L
H
HH
L
L
H
L
TRUTH TABLE
NC
VCC
Positive Supply
No Connect
VEE
Negative Supply
Figure 2. Logic Diagram
D0a
D0a
D0b
D0b
Q0
Q0
D1a
D1a
D1b
D1b
Q1
Q1
D2a
D2a
D2b
D2b
Q2
Q2
D3a
D3a
D3b
D3b
Q3
Q3
VEE
* Pins will default LOW when left open.
Dna
Dnb
Dna
Dnb
Qn
Qn
ATTRIBUTES
Characteristics
Value
Internal Input Pulldown Resistor
75 k
W
Internal Input Pullup Resistor
N/A
ESD Protection
Human Body Model
Machine Model
Charged Device Model
> 4 kV
> 100 V
> 2 kV
Moisture Sensitivity (Note 1)
Level 2
Flammability Rating
Oxygen Index: 28 to 34
UL–94 V–0 @ 0.125 in
Transistor Count
444 Devices
Meets or exceeds JEDEC Spec EIA/JESD78 IC Latchup Test
1. For additional information, see Application Note AND8003/D.


同様の部品番号 - MC100EP105FAR2

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC100EP105FAR2 ONSEMI-MC100EP105FAR2 Datasheet
160Kb / 11P
   3.3V / 5V ECL Quad 2?묲nput Differential AND/NAND
November, 2006 ??Rev. 11
MC100EP105FAR2G ONSEMI-MC100EP105FAR2G Datasheet
160Kb / 11P
   3.3V / 5V ECL Quad 2?묲nput Differential AND/NAND
November, 2006 ??Rev. 11
More results

同様の説明 - MC100EP105FAR2

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC100EP05 ONSEMI-MC100EP05 Datasheet
85Kb / 10P
   3.3V / 5V ECL 2-Input Differential AND/NAND
June, 2004 ??Rev. 6
MC10EP105 ONSEMI-MC10EP105_06 Datasheet
160Kb / 11P
   3.3V / 5V ECL Quad 2?묲nput Differential AND/NAND
November, 2006 ??Rev. 11
MC10EL05 ONSEMI-MC10EL05_06 Datasheet
153Kb / 9P
   5V ECL 2-Input Differential AND/NAND
December, 2006 ??Rev. 5
MC100LVEL05 ONSEMI-MC100LVEL05_06 Datasheet
140Kb / 8P
   3.3V ECL 2-Input Differential AND/NAND
December, 2006 ??Rev. 3
MC10EP05 ONSEMI-MC10EP05_06 Datasheet
108Kb / 11P
   3.3V / 5V ECL 2?묲nput Differential AND/NAND
November, 2006 ??Rev. 8
MC10E404 ONSEMI-MC10E404_16 Datasheet
162Kb / 7P
   5V ECL Quad Differential AND/NAND
July, 2016 ??Rev. 9
MC100LVEP05 ONSEMI-MC100LVEP05_09 Datasheet
161Kb / 10P
   2.5V / 3.3V ECL 2-Input Differential AND/NAND
October, 2009 ??Rev. 2
MC100LVEP05 ONSEMI-MC100LVEP05 Datasheet
104Kb / 9P
   2.5V / 3.3V ECL 2-Input Differential AND/NAND
May, 2007 - Rev. 0
MC10EL04 ONSEMI-MC10EL04_06 Datasheet
126Kb / 8P
   5V ECL 2-Input AND/NAND
November, 2006 ??Rev. 5
MC100LVEO05 ONSEMI-MC100LVEO05 Datasheet
110Kb / 9P
   ECL 2-Input Differential AND/NAND
May, 2007 - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com