データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TMP816 データシート(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
部品番号 TMP816
部品情報  TMP816 Variable-Speed Single-Phase Full-Wave Fan-Motor Predriver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TMP816 データシート(HTML) 11 Page - Texas Instruments

Back Button TMP816 Datasheet HTML 7Page - Texas Instruments TMP816 Datasheet HTML 8Page - Texas Instruments TMP816 Datasheet HTML 9Page - Texas Instruments TMP816 Datasheet HTML 10Page - Texas Instruments TMP816 Datasheet HTML 11Page - Texas Instruments TMP816 Datasheet HTML 12Page - Texas Instruments TMP816 Datasheet HTML 13Page - Texas Instruments TMP816 Datasheet HTML 14Page - Texas Instruments TMP816 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
SOP8901
RF
CB = ~0.022 µF
RB = 10 k
ROUT = 100
W
W
V
CC
SS
HB
IN–
IN+
RMI
VTH
CPWM
CT
SGND
OUT2N
OUT2P
OUT1N
OUT1P
ROFF
6VREG
VLIM
SENSE
FG
RD
R , R
= 10 k
to 100
FG
RD
W
W
CT = 0.47 µF
CP = 100 pF
25 kHz
R = 0 to 5 kW
H
6VREG
PWM-IN
6VREG
V = 18 V
Z
TMP816
www.ti.com
SLVS787A – MAY 2009 – REVISED JUNE 2015
8 Applications and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The TMP816 device needs few external components for the features described in Feature Description. The
device needs a 1-µF or more capacitor connected at VCC. The device generates 6-V regulated output, which
can be used for pullups in the circuit as well as the Hall sensor.
8.2 Typical Application
Figure 5. 12-V Sample Application Circuit
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TMP816


同様の部品番号 - TMP816

メーカー部品番号データシート部品情報
logo
Texas Instruments
TMP816 TI1-TMP816 Datasheet
531Kb / 12P
[Old version datasheet]   VARIABLE-SPEED SINGLE-PHASE FULL-WAVE FAN-MOTOR PRE-DRIVER
More results

同様の説明 - TMP816

メーカー部品番号データシート部品情報
logo
Texas Instruments
TMP814 TI1-TMP814_15 Datasheet
982Kb / 21P
[Old version datasheet]   Variable Speed Single-phase Full-wave Fan Motor Predriver
TMP815 TI1-TMP815_15 Datasheet
3Mb / 20P
[Old version datasheet]   Variable-Speed Single-Phase Full-Wave Fan-Motor Predriver
logo
Kersemi Electronic Co.,...
P0102BL KERSEMI-P0102BL Datasheet
421Kb / 5P
   Variable-Speed Single-Phase Full-Wave Fan-Motor Predriver
logo
Texas Instruments
TMP814 TI1-TMP814 Datasheet
534Kb / 12P
[Old version datasheet]   VARIABLE SPEED SINGLE-PHASE FULL-WAVE FAN MOTOR PRE-DRIVER
TMP815 TI1-TMP815 Datasheet
533Kb / 13P
[Old version datasheet]   VARIABLE-SPEED SINGLE-PHASE FULL-WAVE FAN-MOTOR PRE-DRIVER
TMP816 TI1-TMP816 Datasheet
531Kb / 12P
[Old version datasheet]   VARIABLE-SPEED SINGLE-PHASE FULL-WAVE FAN-MOTOR PRE-DRIVER
logo
Unisonic Technologies
F2967 UTC-F2967 Datasheet
226Kb / 9P
   FOR VARIABLE SPEED FAN MOTOR SINGLE-PHASE FULL-WAVE PRE-DRIVER
logo
ON Semiconductor
LB11967V-TLM-H ONSEMI-LB11967V-TLM-H Datasheet
105Kb / 9P
   For Variable Speed Fan Motor Single-Phase Full-Wave Pre-Driver
May, 2013
logo
Unisonic Technologies
F2967 UTC-F2967_15 Datasheet
226Kb / 9P
   FOR VARIABLE SPEED FAN MOTOR SINGLE-PHASE FULL-WAVE PRE-DRIVER
logo
Sanyo Semicon Device
LB11867RV SANYO-LB11867RV_11 Datasheet
370Kb / 9P
   For Fan Motor Variable Speed Single-phase Full-wave Pre-driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com