データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74HCT138NSR データシート(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
部品番号 SN74HCT138NSR
部品情報  3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HCT138NSR データシート(HTML) 1 Page - Texas Instruments

  SN74HCT138NSR Datasheet HTML 1Page - Texas Instruments SN74HCT138NSR Datasheet HTML 2Page - Texas Instruments SN74HCT138NSR Datasheet HTML 3Page - Texas Instruments SN74HCT138NSR Datasheet HTML 4Page - Texas Instruments SN74HCT138NSR Datasheet HTML 5Page - Texas Instruments SN74HCT138NSR Datasheet HTML 6Page - Texas Instruments SN74HCT138NSR Datasheet HTML 7Page - Texas Instruments SN74HCT138NSR Datasheet HTML 8Page - Texas Instruments SN74HCT138NSR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
SN54HCT138, SN74HCT138
3LINE TO 8LINE DECODERS/DEMULTIPLEXERS
SCLS171E − MARCH 1984 − REVISED SEPTEMBER 2003
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Operating Voltage Range of 4.5 V to 5.5 V
D Outputs Can Drive Up To 10 LSTTL Loads
D Low Power Consumption, 80-µA Max ICC
D Typical tpd = 17 ns
D ±4-mA Output Drive at 5 V
D Low Input Current of 1 µA Max
D Inputs Are TTL-Voltage Compatible
D Designed Specifically for High-Speed
Memory Decoders and Data Transmission
Systems
D Incorporate Three Enable Inputs to Simplify
Cascading and/or Data Reception
32 1 20 19
910 11 1213
4
5
6
7
8
18
17
16
15
14
Y1
Y2
NC
Y3
Y4
C
G2A
NC
G2B
G1
SN54HCT138 ...FK PACKAGE
(TOP VIEW)
NC − No internal connection
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
A
B
C
G2A
G2B
G1
Y7
GND
VCC
Y0
Y1
Y2
Y3
Y4
Y5
Y6
SN54HCT138 ...J OR W PACKAGE
SN74HCT138 . . . D, N, NS, OR PW PACKAGE
(TOP VIEW)
description/ordering information
The ’HCT138 devices are designed for high-performance memory-decoding or data-routing applications
requiring very short propagation delay times. In high-performance memory systems, these decoders can
minimize the effects of system decoding. When employed with high-speed memories utilizing a fast enable
circuit, the delay times of these decoders and the enable time of the memory usually are less than the typical
access time of the memory. This means that the effective system delay introduced by the decoders is negligible.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP − N
Tube of 25
SN74HCT138N
SN74HCT138N
Tube of 40
SN74HCT138D
SOIC − D
Reel of 2500
SN74HCT138DR
HCT138
−40
°C to 85°C
SOIC − D
Reel of 250
SN74HCT138DT
HCT138
−40
°C to 85°C
SOP − NS
Reel of 2000
SN74HCT138NSR
HCT138
Tube of 90
SN74HCT138PW
TSSOP − PW
Reel of 2000
SN74HCT138PWR
HT138
TSSOP − PW
Reel of 250
SN74HCT138PWT
HT138
CDIP − J
Tube of 25
SNJ54HCT138J
SNJ54HCT138J
−55
°C to 125°C
CFP − W
Tube of 150
SNJ54HCT138W
SNJ54HCT138W
−55 C to 125 C
LCCC − FK
Tube of 55
SNJ54HCT138FK
SNJ54HCT138FK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
Copyright
 2003, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
On products compliant to MILPRF38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


同様の部品番号 - SN74HCT138NSR

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74HCT138NSR TI1-SN74HCT138NSR Datasheet
1Mb / 21P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN74HCT138NSR TI1-SN74HCT138NSR Datasheet
1Mb / 21P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS DEMULTIPLEXERS
SN74HCT138NSRE4 TI1-SN74HCT138NSRE4 Datasheet
1Mb / 21P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS DEMULTIPLEXERS
SN74HCT138NSRG4 TI1-SN74HCT138NSRG4 Datasheet
1Mb / 21P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS DEMULTIPLEXERS
More results

同様の説明 - SN74HCT138NSR

メーカー部品番号データシート部品情報
logo
Texas Instruments
74ACT11238 TI-74ACT11238 Datasheet
96Kb / 7P
[Old version datasheet]   3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
SN74LV138AT TI1-SN74LV138AT_15 Datasheet
984Kb / 19P
[Old version datasheet]   3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
SN74LVC138A-Q1 TI1-SN74LVC138A-Q1_15 Datasheet
808Kb / 14P
[Old version datasheet]   3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
logo
Mitsubishi Electric Sem...
M74LS138P MITSUBISHI-M74LS138P Datasheet
215Kb / 4P
   3-LINE TO 8-LINE DECODER / DEMULTIPLEXER
logo
Texas Instruments
SN74LVC138A-EP TI1-SN74LVC138A-EP Datasheet
612Kb / 13P
[Old version datasheet]   3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
74AC11138 TI-74AC11138 Datasheet
127Kb / 8P
[Old version datasheet]   3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
REVISED APRIL 1996
SN74AHCT138Q-Q1 TI1-SN74AHCT138Q-Q1 Datasheet
275Kb / 12P
[Old version datasheet]   3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
SN74AHCT138-EP TI1-SN74AHCT138-EP Datasheet
463Kb / 11P
[Old version datasheet]   3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
SN74LV138AT TI1-SN74LV138AT Datasheet
867Kb / 20P
[Old version datasheet]   3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
74AC11138 TI1-74AC11138_15 Datasheet
985Kb / 18P
[Old version datasheet]   3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com