データシートサーチシステム |
|
FAN5611S7X データシート(PDF) 4 Page - Fairchild Semiconductor |
|
FAN5611S7X データシート(HTML) 4 Page - Fairchild Semiconductor |
4 / 12 page FAN5611/FAN5612/FAN5613/FAN5614 PRODUCT SPECIFICATION 4 REV. 1.0.4 6/4/04 DC Electrical Characteristics (VIN = 3.3V to 5.5V, ENABLE = VIN, TA = 25°C Unless otherwise noted) Notes: 3. ENABLE “ON” is VEN for which II1>20mA @ VI1=0.3V, while ENABLE “OFF” is VEN for which II1<1 µA @ VI1>0.3V Parameter Conditions Min. Typ. Max. Units Output Current Multiplication Ratio FAN5611/12/13 ISET = 100µA VSAT = 300mV 140 200 260 FAN5614 ISET = 100µA VSAT = 150mV LED Current (Per Diode) FAN5611/12/13 VSAT = 300mV ISET = 100µA 20 mA FAN5614 VSAT = 150mV ISET = 100µA LED to LED Current Matching FAN5611/12/13 VSAT = 300mV ISET = 100µA TA = -40°C to 85°C -3 3 % FAN5614 VSAT = 150mV ISET = 100µA TA = -40°C to 85°C Peak Efficiency VIN = 3V 90 % Current in OFF Mode (ISET and II) VEN = 0V 1 µA Min. ENABLE “ON Voltage” (Note3) (FAN5612, FAN5613, FAN5614) ISET = 150µA 3 V Max. ENABLE “OFF Voltage” (Note3) (FAN5612, FAN5613 FAN5614) 0.5 V |
同様の部品番号 - FAN5611S7X |
|
同様の説明 - FAN5611S7X |