データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FCBG110SD1CB5 データシート(PDF) 3 Page - Finisar Corporation.

部品番号 FCBG110SD1CB5
部品情報  RoHS-6 Compliant 10Gb/s SFPwire SFP Active Optical Cable
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FINISAR [Finisar Corporation.]
ホームページ  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FCBG110SD1CB5 データシート(HTML) 3 Page - Finisar Corporation.

  FCBG110SD1CB5 Datasheet HTML 1Page - Finisar Corporation. FCBG110SD1CB5 Datasheet HTML 2Page - Finisar Corporation. FCBG110SD1CB5 Datasheet HTML 3Page - Finisar Corporation. FCBG110SD1CB5 Datasheet HTML 4Page - Finisar Corporation. FCBG110SD1CB5 Datasheet HTML 5Page - Finisar Corporation. FCBG110SD1CB5 Datasheet HTML 6Page - Finisar Corporation. FCBG110SD1CB5 Datasheet HTML 7Page - Finisar Corporation. FCBG110SD1CB5 Datasheet HTML 8Page - Finisar Corporation. FCBG110SD1CB5 Datasheet HTML 9Page - Finisar Corporation.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
FCBG110SD1Cxx Product Specification
II.
Absolute Maximum Ratings
Exceeding the limits below may damage the active optical cable permanently.
Parameter
Symbol
Min
Typ
Max
Unit
Ref.
Maximum Supply Voltage
Vcc
-0.5
4.0
V
Storage Temperature
TS
-40
85
°C
1
Case Operating Temperature
TA
0
70
°C
Relative Humidity
RH
0
85
%
2
Notes:
1.
Assumes no mechanical load force on the unit. Ensuring no mechanical load force requires a cable
bend radius of >105 mm within 100 mm of either cable and SFP+ end and >60 mm on the rest of the
cable. Otherwise, the storage temperature range is -20 to 75°C.
Non-condensing.
III.
Electrical Characteristics (each cable end, TOP = 0 to 70 °C, VCC = 3.14 to 3.46 Volts)
Parameter
Symbol
Min
Typ
Max
Unit
Ref.
Supply Voltage
Vcc
3.14
3.46
V
Supply Current
Icc
250
mA
Transmitter
Input differential impedance
Rin
100
1
Differential data input swing
Vin,pp
180
700
mV
Transmit Disable Voltage
VD
2
Vcc
V
Transmit Enable Voltage
VEN
Vee
Vee+ 0.8
V
Receiver
Differential data output swing
Vout,pp
300
850
mV
2,6
Data output rise time, fall time
tr
28
ps
3
LOS Fault
VLOS fault
2
VccHOST
V
4
LOS Normal
VLOS norm
Vee
Vee+0.8
V
4
Power Supply Noise Tolerance
VccT/VccR
Per SFF-8431 Rev 4.1
mVpp
5
Notes:
1.
Connected directly to TX data input pins. AC coupling from pins into laser driver IC.
2.
Into 100
Ω differential termination.
3.
20 – 80% . Measured with Module Compliance Test Board and OMA test pattern. Use of four 1’s
and four 0’s in sequence in the PRBS^9 is an acceptable alternative. SFF-8431 Rev 4.1
4.
LOS is an open collector output. Should be pulled up with 4.7k
Ω – 10kΩ on the host board.
Normal operation is logic 0; loss of signal is logic 1. Maximum pull-up voltage is 5.5V.
5.
Testing methodology per SFF-8431. Rev 4.1
6.
The FCBG110SD1Cxx is SFI Limiting. Host board designers using an EDC PHY IC should
follow the IC manufacturer’s recommended settings for interoperating the host-board EDC PHY
with a limiting receiver.
 Finisar Corporation - July 2015
Rev. C1
Page 3


同様の部品番号 - FCBG110SD1CB5

メーカー部品番号データシート部品情報
logo
ATGBICS by Approved Tec...
FCBG110SD1C01B-C ATGBICS-FCBG110SD1C01B-C Datasheet
390Kb / 6P
   FCBG110SD1C01B Finisar Compatible Direct Attach Copper Twinax Cable 10G SFP Cu (1m, Passive)
FCBG110SD1C03-C ATGBICS-FCBG110SD1C03-C Datasheet
151Kb / 3P
   FCBG110SD1C03 Finisar Compatible Direct Attach Copper Twinax Cable 10G SFP Cu (3m, Passive)
FCBG110SD1C05-C ATGBICS-FCBG110SD1C05-C Datasheet
152Kb / 3P
   FCBG110SD1C05 Finisar Compatible Direct Attach Copper Twinax Cable 10G SFP Cu (5m, Passive)
FCBG110SD1C07-C ATGBICS-FCBG110SD1C07-C Datasheet
151Kb / 3P
   FCBG110SD1C07 Finisar Compatible Direct Attach Copper Twinax Cable 10G SFP Cu (7m, Passive)
More results

同様の説明 - FCBG110SD1CB5

メーカー部品番号データシート部品情報
logo
Finisar Corporation.
FTLX1412M3BCL FINISAR-FTLX1412M3BCL Datasheet
256Kb / 11P
   RoHS-6 Compliant 10Gb/s 10km XFP Optical Transceiver
FTLX1412D3BCL FINISAR-FTLX1412D3BCL Datasheet
254Kb / 11P
   RoHS-6 Compliant 10Gb/s 10km Datacom XFP Optical Transceiver
FTLX8571D3BCL FINISAR-FTLX8571D3BCL Datasheet
682Kb / 12P
   RoHS-6 Compliant 10Gb/s 850nm Multimode Datacom SFP Transceiver
FTLX8511D3 FINISAR-FTLX8511D3 Datasheet
311Kb / 11P
   RoHS-6 Compliant 10Gb/s 850nm Multimode Datacom XFP Optical Transceiver
FTRX1811M3 FINISAR-FTRX1811M3 Datasheet
184Kb / 11P
   RoHS-6 Compliant 10Gb/s 80km Multi-Rate XFP Optical Transceiver
FTLX1412M3BNL FINISAR-FTLX1412M3BNL Datasheet
179Kb / 11P
   RoHS-6 Compliant Extended Temperature 10Gb/s 10km XFP Optical Transceiver
FTLX1413M3BTL FINISAR-FTLX1413M3BTL Datasheet
484Kb / 11P
   RoHS-6 Compliant Industrial Temperature 10Gb/s 10km XFP Optical Transceiver
FTLX1412M3BTL FINISAR-FTLX1412M3BTL Datasheet
239Kb / 11P
   RoHS-6 Compliant Industrial Temperature 10Gb/s 10km XFP Optical Transceiver
FTLX3812S317 FINISAR-FTLX3812S317 Datasheet
298Kb / 12P
   RoHS-6 Compliant SONET/SDH 10Gb/s DWDM XFP Optical Transceiver
FTLX1412D3BTL FINISAR-FTLX1412D3BTL Datasheet
269Kb / 11P
   RoHS-6 Compliant Industrial Temperature 10Gb/s 10km XFP Optical Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com