データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FP-1310-4I-LCC データシート(PDF) 3 Page - Finisar Corporation.

部品番号 FP-1310-4I-LCC
部品情報  1310nm FABRY-PEROT (FP) LASER DIODE, LC TOSA
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FINISAR [Finisar Corporation.]
ホームページ  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FP-1310-4I-LCC データシート(HTML) 3 Page - Finisar Corporation.

  FP-1310-4I-LCC Datasheet HTML 1Page - Finisar Corporation. FP-1310-4I-LCC Datasheet HTML 2Page - Finisar Corporation. FP-1310-4I-LCC Datasheet HTML 3Page - Finisar Corporation. FP-1310-4I-LCC Datasheet HTML 4Page - Finisar Corporation. FP-1310-4I-LCC Datasheet HTML 5Page - Finisar Corporation. FP-1310-4I-LCC Datasheet HTML 6Page - Finisar Corporation. FP-1310-4I-LCC Datasheet HTML 7Page - Finisar Corporation.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
FP-1310-4I-LCX
Product Specification – Oct 2014
F i n i s a r
Confidential and Proprietary © 2014 Finisar Corporation. All rights reserved
Rev. B00
Page 3
II.
Electro-Optical Characteristics (TCASE =25°C unless otherwise stated)
Notes:
1.
Output power is measured into a 9/125um single mode fiber
2.
Slope Efficiency is measured between ITH+10mA and ITH+20mA
3.
Series resistance is measured between 15mA and 25mA
4.
.Slope Efficiency Ratio is defined as the ratio of SE85C/SE25C
5.
Spectral width is measured according to FOTP-127
6.
Tracking error is defined as the change in fiber coupled optical power when the monitor
current is held constant over the operating temperature range
Parameter
Test Condition
Symbo
l
Min.
Typ.
Max.
Units
Notes
Optical
Output
Power
FP-1310-4I-LCB
IF = IOP
P0
-4.0
-1.0
-0.5
dBm
1
FP-1310-4I-LCC
IF = IOP
-6.5
-4.3
-3
Slope
Efficiency
FP-1310-4I-LCB
Tc = 25
oC
SE
0.02
0.03
0.04
W/A
2
FP-1310-4I-LCC
Tc = 25
oC
0.009
0.016
0.024
Operating Current
Tc = 25
oC
IOP
32
mA
Threshold Current
CW, Tc = 25
oC
ITH
3
9
13
mA
CW, Tc = 85
oC
ITH,85
21
30
mA
Temperature dependence of
threshold current
T0
80
K
Operating Voltage
CW voltage at IF = IOP
VOP
1.15
1.4
V
Differential series resistance
(laser diode)
CW dV/dI at T=25°C
ROP
4
7
12
3
Slope efficiency ratio
SER
0.6
0.8
-
4
Lasing wavelength
λc
1290
1310
1330
nm
Spectral width under modulation
PRBS 2^7-1, ER =10
dB;
Ib = 1.8*Ith; RMS
(sigma)
λ
1.5
2.75
nm
5
Temperature dependence of
lasing wavelength
λc/ T
0.40
0.45
0.55
nm/C
Rise time
20% - 80% ; Tc = 85°C;
ER = 10 dB; Ib = 1.8*Ith
tr
140
ps
Fall time
20% - 80% ; Tc = 85°C;
ER = 10 dB; Ib = 1.8*Ith
tf
140
ps
Relaxation oscillation frequency
Tc = 85°C; I = Ith+36mA
fR
5.5
GHz
Monitor photodiode capacitance
Cd
5
pF
Tracking error
TRACK
-1.5
+1.5
dB
6
Monitor photodiode dark current
VR = 3V
Im0
0
0.1
µA
Monitor
photodiode
current
FP-1310-4I-LCB
IF = Iop
Im
30
130
800
µA
FP-1310-4I-LCC
IF = IOP
30
200
800


同様の部品番号 - FP-1310-4I-LCC

メーカー部品番号データシート部品情報
logo
Finisar Corporation.
FP-1310-10LRM-LCA FINISAR-FP-1310-10LRM-LCA Datasheet
360Kb / 8P
   1310nm SC TOSA with FP laser
FP-1310-10LRM-SCA FINISAR-FP-1310-10LRM-SCA Datasheet
360Kb / 8P
   1310nm SC TOSA with FP laser
FP-1310-5I-100SMF-SCAPC FINISAR-FP-1310-5I-100SMF-SCAPC Datasheet
377Kb / 7P
   1310 NM FABRY-PEROT LASER DIODE PIGTAILED PACKAGE
FP-1310-5I-100SMF-SCUPC FINISAR-FP-1310-5I-100SMF-SCUPC Datasheet
377Kb / 7P
   1310 NM FABRY-PEROT LASER DIODE PIGTAILED PACKAGE
FP-1310-5I-50SMF-FCAPC FINISAR-FP-1310-5I-50SMF-FCAPC Datasheet
377Kb / 7P
   1310 NM FABRY-PEROT LASER DIODE PIGTAILED PACKAGE
More results

同様の説明 - FP-1310-4I-LCC

メーカー部品番号データシート部品情報
logo
JDS Uniphase Corporatio...
21065427 JDSU-21065427 Datasheet
86Kb / 4P
   Uncooled 1310 nm Fabry-Perot (FP) Source Laser in LC Transmitter Optical Sub-assembly (TOSA)
logo
Finisar Corporation.
DFB-1310-10LR-LCA FINISAR-DFB-1310-10LR-LCA Datasheet
249Kb / 5P
   1310nm DFB Laser Diode LC TOSA
FP-1310-10LRM-SCA FINISAR-FP-1310-10LRM-SCA Datasheet
360Kb / 8P
   1310nm SC TOSA with FP laser
logo
Agilent(Hewlett-Packard...
81663A HP-81663A Datasheet
181Kb / 5P
   DFB Laser Fabry-Perot Lasers
logo
Finisar Corporation.
FP-1310-5I-XXX FINISAR-FP-1310-5I-XXX Datasheet
377Kb / 7P
   1310 NM FABRY-PEROT LASER DIODE PIGTAILED PACKAGE
logo
Emcore Corporation
G1033-201 EMCORE-G1033-201 Datasheet
423Kb / 3P
   10G 1310 nm Fabry-Perot Laser Chip
logo
Finisar Corporation.
DFB-1310-4I-LC FINISAR-DFB-1310-4I-LC Datasheet
189Kb / 5P
   DFB LASER DIODE LC TOSA
DFB-1310-10LR-LC FINISAR-DFB-1310-10LR-LC Datasheet
231Kb / 7P
   DFB LASER DIODE LC TOSA
logo
JDS Uniphase Corporatio...
WVL-2B1050110 JDSU-WVL-2B1050110 Datasheet
202Kb / 5P
   Broadband (Fabry-Perot) Wavelength Locker
logo
Zarlink Semiconductor I...
ZL60402 ZARLINK-ZL60402 Datasheet
308Kb / 9P
   2.5 Gbps, 1310 nm Uncooled Fabry-Perot Laser Diode Module with Monitor
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com