データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SD103AWS データシート(PDF) 1 Page - Bruckewell Technology LTD

部品番号 SD103AWS
部品情報  Small Signal Schottky Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BWTECH [Bruckewell Technology LTD]
ホームページ  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

SD103AWS データシート(HTML) 1 Page - Bruckewell Technology LTD

  SD103AWS Datasheet HTML 1Page - Bruckewell Technology LTD SD103AWS Datasheet HTML 2Page - Bruckewell Technology LTD SD103AWS Datasheet HTML 3Page - Bruckewell Technology LTD SD103AWS Datasheet HTML 4Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SD103AWS
Small Signal Schottky Diode
Publication Order Number: [SD103AWS]
© Bruckewell Technology Corporation Rev. A -2
014
Features
• Extremely Low VF
• Low Stored Charge, Majority Carrier Conduction
• Low Power Loss/High Efficiency
• Meet with RoHS compliance
• Lead free and Green device
• RoHS compliant package
Mechanical Data
• Case: Molded plastic
• Epoxy: UL94V-O rate flame retardant
• Polarity: Color band denotes cathode end
• Mounting position: Any
Packing & Order Information
3,000/Reel
Graphic symbol
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Maximum Ratings (Tc=25°C unless otherwise noted)
Parameter
Symbol
SD103AWS
Unit
Maximum repetitive peak reverse voltage
VRRM
40
V
Working peak reverse voltage
VRWM
40
V
Maximum DC blocking voltage
VDC
40
V
Maximum average forward rectified current
IF(AV)
0.35
A
Operating junction temperature range
TJ
-55 to +125
°C
Storage temperature range
TSTG
-55 to +150
°C


同様の部品番号 - SD103AWS

メーカー部品番号データシート部品情報
logo
Shunye Enterprise
SD103AWS SHUNYE-SD103AWS Datasheet
810Kb / 2P
   SCHOTTKY DIODES
logo
Pan Jit International I...
SD103AWS PANJIT-SD103AWS Datasheet
56Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER
logo
Galaxy Semi-Conductor H...
SD103AWS BILIN-SD103AWS Datasheet
274Kb / 4P
   Schottky Barrier Diode
logo
Dc Components
SD103AWS DCCOM-SD103AWS Datasheet
261Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
SMC Diode Solutions Co....
SD103AWS SMCDIODE-SD103AWS Datasheet
260Kb / 4P
   SD103AWS-SD103CWS SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER DIODE
Rev. B
More results

同様の説明 - SD103AWS

メーカー部品番号データシート部品情報
logo
STMicroelectronics
BAT46 STMICROELECTRONICS-BAT46 Datasheet
35Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODE
TMBYV10-60 STMICROELECTRONICS-TMBYV10-60 Datasheet
76Kb / 5P
   SMALL SIGNAL SCHOTTKY DIODE
BYV10-60 STMICROELECTRONICS-BYV10-60 Datasheet
82Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODE
BAT54J STMICROELECTRONICS-BAT54J Datasheet
52Kb / 5P
   SMALL SIGNAL SCHOTTKY DIODE
1N5711 STMICROELECTRONICS-1N5711 Datasheet
52Kb / 3P
   SMALL SIGNAL SCHOTTKY DIODE
August 1999 Ed: 1A
TMMBAT46 STMICROELECTRONICS-TMMBAT46 Datasheet
56Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODE
logo
Shenzhen Luguang Electr...
LL46 LUGUANG-LL46 Datasheet
183Kb / 3P
   Small Signal Schottky Diode
logo
STMicroelectronics
TMBAT49FILM STMICROELECTRONICS-TMBAT49FILM Datasheet
76Kb / 6P
   Small signal Schottky diode
logo
Vishay Siliconix
BAS385 VISHAY-BAS385_15 Datasheet
82Kb / 5P
   Small Signal Schottky Diode
Rev. 2.1, 09-May-12
BAT85S VISHAY-BAT85S_15 Datasheet
72Kb / 4P
   Small Signal Schottky Diode
Rev. 1.8, 06-May-13
BAS581-02V-V-G VISHAY-BAS581-02V-V-G_15 Datasheet
69Kb / 4P
   Small Signal Schottky Diode
Rev. 1.1, 24-Apr-12
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com