データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLV73315PQDRVRQ1 データシート(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
部品番号 TLV73315PQDRVRQ1
部品情報  Capacitor-Free, 300-mA, Low Dropout (LDO) Linear Regulator
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TLV73315PQDRVRQ1 データシート(HTML) 10 Page - Texas Instruments

Back Button TLV73315PQDRVRQ1 Datasheet HTML 6Page - Texas Instruments TLV73315PQDRVRQ1 Datasheet HTML 7Page - Texas Instruments TLV73315PQDRVRQ1 Datasheet HTML 8Page - Texas Instruments TLV73315PQDRVRQ1 Datasheet HTML 9Page - Texas Instruments TLV73315PQDRVRQ1 Datasheet HTML 10Page - Texas Instruments TLV73315PQDRVRQ1 Datasheet HTML 11Page - Texas Instruments TLV73315PQDRVRQ1 Datasheet HTML 12Page - Texas Instruments TLV73315PQDRVRQ1 Datasheet HTML 13Page - Texas Instruments TLV73315PQDRVRQ1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
Current
Limit
UVLO
IN
EN
OUT
Logic
GND
TLV733P-Q1
120 W
Thermal
Shutdown
Copyright © 2016, Texas Instruments Incorporated
Band Gap
10
TLV733P-Q1
SBVS283A – AUGUST 2016 – REVISED AUGUST 2016
www.ti.com
Product Folder Links: TLV733P-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The TLV733P-Q1 belongs to a family of low dropout (LDO) linear regulators. These devices consume low
quiescent current and deliver excellent line and load transient performance. These characteristics, combined with
low noise and good PSRR with low dropout voltage, make this family of devices ideal for portable consumer
applications.
This family of regulators offers foldback current limit, shutdown, and thermal protection. The operating junction
temperature for this family of devices is –40°C to +135°C.
7.2 Functional Block Diagram


同様の部品番号 - TLV73315PQDRVRQ1

メーカー部品番号データシート部品情報
logo
Texas Instruments
TLV73315PQDRVRQ1 TI1-TLV73315PQDRVRQ1 Datasheet
2Mb / 32P
[Old version datasheet]   Capacitor-Free, 300-mA, Low Dropout (LDO) Linear Regulator
TLV73315PQDRVRQ1 TI1-TLV73315PQDRVRQ1 Datasheet
1Mb / 30P
[Old version datasheet]   Capacitor-Free, 300-mA, Low Dropout (LDO) Linear Regulator
More results

同様の説明 - TLV73315PQDRVRQ1

メーカー部品番号データシート部品情報
logo
Texas Instruments
TLV733P-Q1 TI1-TLV733P-Q1_18 Datasheet
2Mb / 32P
[Old version datasheet]   Capacitor-Free, 300-mA, Low Dropout (LDO) Linear Regulator
TLV733P-Q1_1812 TI1-TLV733P-Q1_1812 Datasheet
1Mb / 30P
[Old version datasheet]   Capacitor-Free, 300-mA, Low Dropout (LDO) Linear Regulator
TLV733P TI1-TLV733P_16 Datasheet
1Mb / 34P
[Old version datasheet]   TLV733P Capacitor-Free, 300-mA, Low-Dropout Regulator
logo
Fortune Semiconductor C...
FS8853 FORTUNE-FS8853 Datasheet
889Kb / 15P
   300 mA LDO Linear Regulator
logo
Analog Devices
ADP1714 AD-ADP1714_15 Datasheet
491Kb / 16P
   300 mA, Low Dropout CMOS Linear Regulator
REV. A
ADP1714AUJZ-12-R7 AD-ADP1714AUJZ-12-R7 Datasheet
491Kb / 16P
   300 mA, Low Dropout CMOS Linear Regulator
REV. A
ADP1713AUJZ-09-R7 AD-ADP1713AUJZ-09-R7 Datasheet
491Kb / 16P
   300 mA, Low Dropout CMOS Linear Regulator
REV. A
ADP1712 AD-ADP1712_15 Datasheet
491Kb / 16P
   300 mA, Low Dropout CMOS Linear Regulator
REV. A
ADP1713 AD-ADP1713_15 Datasheet
491Kb / 16P
   300 mA, Low Dropout CMOS Linear Regulator
REV. A
logo
Texas Instruments
TPS72118-EP TI1-TPS72118-EP Datasheet
636Kb / 14P
[Old version datasheet]   LOW INPUT VOLTAGE, CAP FREE 150 mA LOW-DROPOUT (LDO) LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com