データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TP3404 データシート(PDF) 10 Page - Texas Instruments

部品番号 TP3404
部品情報  TP3404 Quad Digital Adapter for Subscriber Loops (QDASL)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TP3404 データシート(HTML) 10 Page - Texas Instruments

Back Button TP3404 Datasheet HTML 6Page - Texas Instruments TP3404 Datasheet HTML 7Page - Texas Instruments TP3404 Datasheet HTML 8Page - Texas Instruments TP3404 Datasheet HTML 9Page - Texas Instruments TP3404 Datasheet HTML 10Page - Texas Instruments TP3404 Datasheet HTML 11Page - Texas Instruments TP3404 Datasheet HTML 12Page - Texas Instruments TP3404 Datasheet HTML 13Page - Texas Instruments TP3404 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
NRND
TP3404
SNOS703 – DECEMBER 2004
www.ti.com
This loop will transfer all data (2B+D) received at BI/DI back to BO/DO. The data is also transmitted to the
line.
TIME-SLOT ASSIGNMENT
The digital interface of the QDASL uses time-division multiplexing, with data framed in up to 64 possible 8-bit
time-slots per 125
μs frame. Channels B1 and B2 for all 4 lines are clocked in (towards the line) at the BI pin and
clocked out (from the line) at the BO pin. A separate port is provided for the D channel data for all 4 lines, which
is clocked in on DI and out on DO. In addition to time-slot assignment, D channel data may be assigned into 2-bit
sub-slots within each time slot, with up to 256 sub-slots per frame (with BCLK = 4.096 MHz). Each frame starts
with the first positive edge of BCLK after the FS signal goes high, and counting of timeslots starts from zero at
the beginning of the frame. Figure 5 shows the timing, with some example time-slot assignments.
For each of the 4 QDASL lines there are 6 Time-Slot Assignment control registers, one each for transmit and
receive B1, B2 and D channels. Selection of time-slots for transmit data into the BI or DI pin is made by writing
the timeslot number (in Hex notation) into the appropriate TSX register. TSXB1 is the time-slot assignment for
the transmit B1, TSXB2 is the time-slot assignment register for the transmit B2 channel and TSXD is the sub-slot
assignment register for the transmit D channel.
Table 3. Byte 2 of Control Register (CTRLN)
Bit Number
Function
7
6
5
4
3
2
1
0
0
Deactivate Line
1
Activate Line
0
Disable Digital Loopback
1
Enable 2B+D Digital Loopback
0
Disable Line Loopback
1
Enable 2B+D Line Loopback
0
Disable B1 Line Loopback
1
Enable B1 Line Loopback
0
Disable B2 Line Loopback
1
Enable B2 Line Loopback
0
Disable Interrupt from this Line
1
Enable Interrupt from this Line
0
D Channel enabled from DO to Line
1
D Channel disabled from DO to Line
0
D Channel enabled from Line to DI
1
D Channel disabled from Line to DI
In the same manner the time-slot number should be written into the appropriate TSR registers for receive data at
the BO and DO pins. TSRB1 is the time-slot assignment for the receive B1 channel, TSRB2 is the time-slot
assignment register for the receive B2 channel and TSRD is the sub-slot assignment register for the receive D
channel.
Whenever any receive time-slot is active at BO, the TSB output is also pulled low.
REGISTERS TSXB1, TSXB2, TSRB1, TSRB2
The data format for all B channel time-slot assignment registers is shown in Table 4.
BIT 7 TRANSPARENCY CONTROL: EB
This bit enables or disables data transparency between the digital interface and the line interface for the selected
channel.
EB = 0 disables the channel.
EB = 1 enables the channel.
10
Submit Documentation Feedback
Copyright © 2004, Texas Instruments Incorporated
Product Folder Links: TP3404


同様の部品番号 - TP3404

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
TP3404 NSC-TP3404 Datasheet
212Kb / 14P
   Quad Digital Adapter for Subscriber Loops (QDASL)
TP3404V NSC-TP3404V Datasheet
212Kb / 14P
   Quad Digital Adapter for Subscriber Loops (QDASL)
More results

同様の説明 - TP3404

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
TP3404 NSC-TP3404 Datasheet
212Kb / 14P
   Quad Digital Adapter for Subscriber Loops (QDASL)
logo
Texas Instruments
TP3401 TI1-TP3401_12 Datasheet
233Kb / 17P
[Old version datasheet]   DASL Digital Adapter for Subscriber Loops
logo
National Semiconductor ...
TP3406 NSC-TP3406 Datasheet
234Kb / 16P
   DASL Digital Adapter for Subscriber Loops
TP3401 NSC-TP3401 Datasheet
249Kb / 16P
   DASL Digital Adapter for Subscriber Loops
logo
Agilent(Hewlett-Packard...
HDMP-0450 HP-HDMP-0450 Datasheet
269Kb / 10P
   Quad Port Bypass Circuit for Fibre Channel Arbitrated Loops
HDMP-0440 HP-HDMP-0440 Datasheet
271Kb / 10P
   Quad Port Bypass Circuit for Fibre Channel Arbitrated Loops
logo
List of Unclassifed Man...
CPF105C ETC1-CPF105C Datasheet
57Kb / 10P
   Asymmetric Digital Subscriber Line
logo
Advanced Micro Devices
AM79C30A AMD-AM79C30A Datasheet
1Mb / 101P
   Digital Subscriber Controller??(DSC?? Circuit
logo
Agilent(Hewlett-Packard...
HDMP-0452 HP-HDMP-0452 Datasheet
273Kb / 12P
   Quad Port Bypass Circuit with CDR for Fibre Channel Arbitrated Loops
logo
Zarlink Semiconductor I...
MT9171 ZARLINK-MT9171_06 Datasheet
553Kb / 28P
   Digital Subscriber Interface Circuit Digital Network Interface Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com