データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA005D02DCAR データシート(PDF) 1 Page - Texas Instruments

部品番号 TPA005D02DCAR
部品情報  2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPA005D02DCAR データシート(HTML) 1 Page - Texas Instruments

  TPA005D02DCAR Datasheet HTML 1Page - Texas Instruments TPA005D02DCAR Datasheet HTML 2Page - Texas Instruments TPA005D02DCAR Datasheet HTML 3Page - Texas Instruments TPA005D02DCAR Datasheet HTML 4Page - Texas Instruments TPA005D02DCAR Datasheet HTML 5Page - Texas Instruments TPA005D02DCAR Datasheet HTML 6Page - Texas Instruments TPA005D02DCAR Datasheet HTML 7Page - Texas Instruments TPA005D02DCAR Datasheet HTML 8Page - Texas Instruments TPA005D02DCAR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
TPA005D02
2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
SLOS227C – AUGUST 1998 – REVISED MARCH 2000
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
NOT RECOMMENDED FOR NEW DESIGNS
D Choose TPA2000D2 For Upgrade
D Extremely Efficient Class-D Stereo
Operation
D Drives L and R Channels
D 2-W BTL Output into 4 Ω
D 5-W Peak Music Power
D Fully Specified for 5-V Operation
D Low Quiescent Current
D Shutdown Control
D Thermally-Enhanced PowerPAD™ Surface-
Mount Packaging
D Thermal and Under-Voltage Protection
description
The TPA005D02 is a monolithic power IC stereo
audio amplifier. It operates in extremely efficient
Class-D operation, using the high switching speed
of power DMOS transistors. These transistors
replicate the analog signal through high-frequen-
cy switching of the output stage. This allows the
TPA005D02 to be configured as a bridge-tied load
(BTL) amplifier.
When configured as a BTL amplifier, the
TPA005D02 is capable of delivering up to 2 W of
continuous average power into a 4-
Ω load at 0.5%
THD+N from a 5-V power supply in the high fidelity
range (20 Hz to 20 kHz).
A BTL configuration eliminates the need for external coupling capacitors on the output. A chip-level shutdown
control limits total supply current to 400
µA. This makes the device ideal for battery-powered applications.
Protection circuitry increases device reliability: thermal and under-voltage shutdown, with two status feedback
terminals for use when any error condition is encountered.
The high switching frequency of the TPA005D02 allows the output filter to consist of three small capacitors and
two small inductors per channel. The high switching frequency also allows for good THD+N performance.
The TPA005D02 is offered in the thermally enhanced 48-pin PowerPAD TSSOP surface-mount package
(designator DCA).
Copyright
© 2000, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PowerPAD is a trademark of Texas Instruments Incorporated.
SHUTDOWN
MUTE
AGND
LINN
LINP
LCOMP
AGND
VDD
LPVDD
LOUTP
LOUTP
PGND
PGND
LOUTN
LOUTN
LPVDD
NC
NC
NC
AGND
PVDD
VCP
CP3
CP2
COSC
AGND
AGND
RINN
RINP
RCOMP
FAULT0
FAULT1
RPVDD
ROUTP
ROUTP
PGND
PGND
ROUTN
ROUTN
RPVDD
PVDD
NC
NC
V2P5
LSBIAS
PGND
CP4
CP1
NC – No internal connection
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
DCA PACKAGE
(TOP VIEW)


同様の部品番号 - TPA005D02DCAR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA005D02DCA TI-TPA005D02DCA Datasheet
381Kb / 25P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results

同様の説明 - TPA005D02DCAR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA005D02 TI-TPA005D02 Datasheet
381Kb / 25P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA005D14 TI-TPA005D14 Datasheet
420Kb / 29P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA0172 TI1-TPA0172_16 Datasheet
964Kb / 37P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA005D12 TI-TPA005D12 Datasheet
119Kb / 8P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA2000D2 TI-TPA2000D2_07 Datasheet
608Kb / 20P
[Old version datasheet]   2-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA2000D2 TI-TPA2000D2 Datasheet
256Kb / 17P
[Old version datasheet]   2-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA2000D4 TI-TPA2000D4 Datasheet
412Kb / 24P
[Old version datasheet]   STEREO 2-W CLASS-D AUDIO POWER AMPLIFIER WITH STEREO HP AMPLIFIER
TPA2000D4 TI-TPA2000D4_07 Datasheet
643Kb / 27P
[Old version datasheet]   STEREO 2-W CLASS-D AUDIO POWER AMPLIFIER WITH STEREO HP AMPLIFIER
logo
Analog Devices
SSM2304 AD-SSM2304_15 Datasheet
935Kb / 20P
   2 W Filterless Class-D Stereo Audio Amplifier
SSM2306 AD-SSM2306 Datasheet
503Kb / 16P
   2 W, Filterless, Class-D Stereo Audio Amplifier
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com