データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA0112 データシート(PDF) 1 Page - Texas Instruments

部品番号 TPA0112
部品情報  2.6-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPA0112 データシート(HTML) 1 Page - Texas Instruments

  TPA0112_16 Datasheet HTML 1Page - Texas Instruments TPA0112_16 Datasheet HTML 2Page - Texas Instruments TPA0112_16 Datasheet HTML 3Page - Texas Instruments TPA0112_16 Datasheet HTML 4Page - Texas Instruments TPA0112_16 Datasheet HTML 5Page - Texas Instruments TPA0112_16 Datasheet HTML 6Page - Texas Instruments TPA0112_16 Datasheet HTML 7Page - Texas Instruments TPA0112_16 Datasheet HTML 8Page - Texas Instruments TPA0112_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
www.ti.com
FEATURES
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
PWP PACKAGE
(TOP VIEW)
GND
GAIN0
GAIN1
LOUT+
LLINEIN
LHPIN
PVDD
RIN
LOUT–
LIN
BYPASS
GND
GND
RLINEIN
SHUTDOWN
ROUT+
RHPIN
VDD
PVDD
PCB ENABLE
ROUT–
SE/BTL
PC-BEEP
GND
DESCRIPTION
TPA0112
SLOS204C – MAY 1999 – REVISED SEPTEMBER 2004
2.6-W STEREO AUDIO POWER AMPLIFIER
WITH FOUR SELECTABLE GAIN SETTINGS
Compatible With PC 99 Desktop Line-Out Into
10-k
Ω Load
Internal Gain Control, Which Eliminates
External Gain-Setting Resistors
2.6-W/Ch Output Power Into 3-
Ω Load
PC-Beep Input
Depop Circuitry
Stereo Input MUX
Fully Differential Input
Low Supply Current and Shutdown Current
Surface-Mount Power Packaging 24-Pin
TSSOP PowerPAD™
The TPA0112 is a stereo audio power amplifier in a 24-pin TSSOP thermally enhanced package capable of
delivering 2.6 W of continuous RMS power per channel into 3-
Ω loads. This device minimizes the number of
external components needed, simplifying the design, and freeing up board space for other features. When driving
1 W into 8-
Ω speakers, the TPA0112 has less than 0.8% THD+N across its specified frequency range.
Included within this device is integrated depop circuitry that virtually eliminates transients that cause noise in the
speakers.
Amplifier gain is internally configured and controlled by way of two terminals (GAIN0 and GAIN1). BTL gain
settings of 2, 6, 12, and 24 V/V are provided, while SE gain is always configured as 1 V/V for headphone drive.
An internal input MUX allows two sets of stereo inputs to the amplifier. In notebook applications, where internal
speakers are driven as BTL and the line outputs (often headphone drive) are required to be SE, the TPA0112
automatically switches into SE mode when the SE/BTL input is activated, and this reduces the gain to 1 V/V.
The TPA0112 consumes only 6 mA of supply current during normal operation. A miserly shutdown mode
reduces the supply current to less than 150 µA.
The PowerPAD package (PWP) delivers a level of thermal performance that was previously achievable only in
TO-220-type packages. Thermal impedances of approximately 35
°C/W are readily realized in multilayer PCB
applications. This allows the TPA0112 to operate at full power into 8-
Ω loads at an ambient temperature of 85°C.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PowerPAD is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2004, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


同様の部品番号 - TPA0112_16

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA0112PWP TI-TPA0112PWP Datasheet
488Kb / 34P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
More results

同様の説明 - TPA0112_16

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA0122 TI1-TPA0122_16 Datasheet
1,004Kb / 37P
[Old version datasheet]   2.6-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
logo
Eutech Microelectronics...
EUA6412 EUTECH-EUA6412 Datasheet
676Kb / 18P
   2.6-W Stereo Audio Power Amplifier with Four Selectable Gain Settings
EUA6412A EUTECH-EUA6412A Datasheet
1Mb / 18P
   2.6-W Stereo Audio Power Amplifier with Four Selectable Gain Settings
logo
Texas Instruments
TPA0312 TI-TPA0312 Datasheet
499Kb / 32P
[Old version datasheet]   2.6-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL
TPA0212 TI-TPA0212_07 Datasheet
809Kb / 35P
[Old version datasheet]   STEREO 2.6-W AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL
TPA0212 TI-TPA0212_15 Datasheet
975Kb / 38P
[Old version datasheet]   STEREO 2.6-W AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL
TPA0312 TI1-TPA0312_16 Datasheet
894Kb / 37P
[Old version datasheet]   2.6-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL
logo
Eutech Microelectronics...
EUA5212 EUTECH-EUA5212 Datasheet
567Kb / 18P
   2-W Stereo Audio Power Amplifier with Four Selectable Gain Settings
logo
Texas Instruments
TPA6017A2 TI-TPA6017A2 Datasheet
350Kb / 26P
[Old version datasheet]   2 W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
TPA6017A2 TI-TPA6017A2_07 Datasheet
735Kb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com