データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA0112PWP データシート(PDF) 4 Page - Texas Instruments

部品番号 TPA0112PWP
部品情報  2.6-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPA0112PWP データシート(HTML) 4 Page - Texas Instruments

  TPA0112PWP Datasheet HTML 1Page - Texas Instruments TPA0112PWP Datasheet HTML 2Page - Texas Instruments TPA0112PWP Datasheet HTML 3Page - Texas Instruments TPA0112PWP Datasheet HTML 4Page - Texas Instruments TPA0112PWP Datasheet HTML 5Page - Texas Instruments TPA0112PWP Datasheet HTML 6Page - Texas Instruments TPA0112PWP Datasheet HTML 7Page - Texas Instruments TPA0112PWP Datasheet HTML 8Page - Texas Instruments TPA0112PWP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
www.ti.com
DISSIPATION RATING TABLE
RECOMMENDED OPERATING CONDITIONS
ELECTRICAL CHARACTERISTICS
OPERATING CHARACTERISTICS
TPA0112
SLOS204C – MAY 1999 – REVISED SEPTEMBER 2004
PACKAGE
TA≤ 25°C
DERATING FACTOR
TA = 70°C
TA = 85°C
PWP
2.7 W(1)
21.8 mW/
°C
1.7 W
1.4 W
(1)
Please see the Texas Instrumentsdocument, PowerPAD Thermally EnhancedPackage Application
Report (literature number SLMA002), for moreinformation on the PowerPAD package. The thermal
data was measured on a PCBlayout based on the information in the section entitledTexas
Instruments Recommended Board forPowerPAD of the before-mentioned document.
MIN
MAX
UNIT
VDD
Supply voltage
4.5
5.5
V
SE/BTL, GAIN0, GAIN1
0.8 x VDD
VIH
High-level input voltage
V
SHUTDOWN
2
SE/BTL
0.6 x VDD
VIL
Low-level input voltage
GAIN0, GAIN1
0.4 x VDD
V
SHUTDOWN
0.8
TA
Operating free-air temperature
–40
85
°C
at specified free-air temperature, V
DD = 5 V, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
|VOO|
Output offset voltage (measured differentially)
VI = 0, AV = 2 V/V
25
mV
PSRR
Power supply rejection ratio
VDD = 4.5 V to 5.5 V
77
dB
|IIH|
High-level input current
VDD = 5.5 V, VI = VDD
900
nA
|IIL|
Low-level input current
VDD = 5.5 V, VI = 0 V
900
nA
BTL mode
6
8
IDD
Supply current
mA
SE mode
3
4
IDD(SD)
Supply current, shutdown mode
150
300
µA
V
DD = 5 V, TA = 25°C, RL = 8 Ω , Gain = 2 V/V, BTL mode
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
THD+N = 10%
2.6
PO
Output power
RL = 3 Ω
W
THD+N = 1%
2.05
THD + N
Total harmonic distortion plus noise
PO = 1 W,
f = 20 Hz to 15 kHz
0.75%
BOM
Maximum output power bandwidth
THD = 5%
>15
kHz
f = 1 kHz,
Supply ripple rejection ratio
BTL mode
–72
dB
CB = 0.47 µF
SNR
Signal-to-noise ratio
105
dB
BTL mode
20
CB = 0.47 µF,
Vn
Noise output voltage
µVRMS
f = 20 Hz to 20 kHz
SE mode
18
ZI
Input impedance(1)
(1)
See Table 1 and itsassociated text.
4


同様の部品番号 - TPA0112PWP

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA0112PWP TI-TPA0112PWP Datasheet
488Kb / 34P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
More results

同様の説明 - TPA0112PWP

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA0122 TI1-TPA0122_16 Datasheet
1,004Kb / 37P
[Old version datasheet]   2.6-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
logo
Eutech Microelectronics...
EUA6412 EUTECH-EUA6412 Datasheet
676Kb / 18P
   2.6-W Stereo Audio Power Amplifier with Four Selectable Gain Settings
EUA6412A EUTECH-EUA6412A Datasheet
1Mb / 18P
   2.6-W Stereo Audio Power Amplifier with Four Selectable Gain Settings
logo
Texas Instruments
TPA0312 TI-TPA0312 Datasheet
499Kb / 32P
[Old version datasheet]   2.6-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL
TPA0212 TI-TPA0212_07 Datasheet
809Kb / 35P
[Old version datasheet]   STEREO 2.6-W AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL
TPA0212 TI-TPA0212_15 Datasheet
975Kb / 38P
[Old version datasheet]   STEREO 2.6-W AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL
TPA0312 TI1-TPA0312_16 Datasheet
894Kb / 37P
[Old version datasheet]   2.6-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL
logo
Eutech Microelectronics...
EUA5212 EUTECH-EUA5212 Datasheet
567Kb / 18P
   2-W Stereo Audio Power Amplifier with Four Selectable Gain Settings
logo
Texas Instruments
TPA6017A2 TI-TPA6017A2 Datasheet
350Kb / 26P
[Old version datasheet]   2 W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
TPA6017A2 TI-TPA6017A2_07 Datasheet
735Kb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com