データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA0132PWPR データシート(PDF) 4 Page - Texas Instruments

部品番号 TPA0132PWPR
部品情報  2.8-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPA0132PWPR データシート(HTML) 4 Page - Texas Instruments

  TPA0132PWPR Datasheet HTML 1Page - Texas Instruments TPA0132PWPR Datasheet HTML 2Page - Texas Instruments TPA0132PWPR Datasheet HTML 3Page - Texas Instruments TPA0132PWPR Datasheet HTML 4Page - Texas Instruments TPA0132PWPR Datasheet HTML 5Page - Texas Instruments TPA0132PWPR Datasheet HTML 6Page - Texas Instruments TPA0132PWPR Datasheet HTML 7Page - Texas Instruments TPA0132PWPR Datasheet HTML 8Page - Texas Instruments TPA0132PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
www.ti.com
DISSIPATION RATING TABLE
RECOMMENDED OPERATING CONDITIONS
ELECTRICAL CHARACTERISTICS
OPERATING CHARACTERISTICS
TPA0132
SLOS223E – MAY 1999 – REVISED SEPTEMBER 2004
PACKAGE
TA≤ 25°C
DERATING FACTOR
TA = 70°C
TA = 85°C
PWP
2.7 W(1)
21.8 mW/
°C
1.7 W
1.4 W
(1)
See the Texas Instruments document, PowerPAD Thermally Enhanced Package Application Report
(SLMA002), for more information on the PowerPAD™ package. The thermal data was measured on
a PCB layout based on the information in the section entitled Texas Instruments Recommended
Board for PowerPAD™ on page 33 of the before mentioned document.
MIN
MAX
UNIT
Supply voltage, VDD
4.5
5.5
V
SE/BTL
0.8
× V
DD
High-level input voltage, VIH
SHUTDOWN
2
V
PCB ENABLE
0.6
× V
DD
SE/BTL
0.6
× V
DD
Low-level input voltage, VIL
SHUTDOWN
0.8
V
PCB ENABLE
0.4
× V
DD
Operating free-air temperature, TA
-40
85
°C
at specified free-air temperature, V
DD = 5 V, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
|VOO|
Output offset voltage (measured differentially)
VI = 0 V, AV = 6 dB
35
mV
PSRR
Power supply rejection ratio
VDD = 4.9 V to 5.1 V
67
dB
High-level input current - SHUTDOWN, SE/BTL, VOLUME
VDD = 5.5 V, VI = VDD
900
nA
|IIH|
High-level input current - PCB ENABLE
VDD = 5.5 V, VI = VDD
125
µA
Low-level input current - SHUTDOWN, SE/BTL, VOLUME,
|IIL|
VDD = 5.5 V, VI = 0 V
900
nA
PCB ENABLE
BTL mode, SHUTDOWN = 2 V,
10
15
SE/BTL = 0.6
× V
DD
IDD
Supply current
mA
SE mode, SHUTDOWN = 2 V,
5
7.5
SE/BTL = 0.8
× V
DD
IDD(SD)
Supply current, shutdown mode
SHUTDOWN = 0 V, SE/BTL = 0 V
150
300
µA
V
DD = 5 V, TA = 25°C, RL = 4 Ω , Gain = 2 V/V, BTL mode (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
THD = 10%
2.8
W
PO
Output power
RL = 3 Ω, f = 1 kHz
THD = 1%
2.3
W
THD+N
Total harmonic distortion plus noise
PO = 1 W, f = 20 Hz to 15 kHz
0.4%
BOM
Maximum output power bandwidth
THD = 5%
>15
kHz
BTL mode
-65
f = 1 kHz,
Supply ripple rejection ratio
dB
C(BYP) = 0.47 µF
SE mode
-60
BTL mode
42
C(BYP) = 0.47 µF,
Vn
Noise output voltage
µVRMS
f = 20 Hz to 20 kHz
SE mode
44
4


同様の部品番号 - TPA0132PWPR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA0132PWP TI-TPA0132PWP Datasheet
449Kb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
More results

同様の説明 - TPA0132PWPR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA0142 TI1-TPA0142_16 Datasheet
492Kb / 32P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA0152 TI1-TPA0152_16 Datasheet
967Kb / 36P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0242 TI1-TPA0242_16 Datasheet
494Kb / 32P
[Old version datasheet]   STEREO 2.8-W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL AND MUX CONTROL
TPA0162 TI1-TPA0162_16 Datasheet
972Kb / 36P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0252 TI-TPA0252 Datasheet
493Kb / 29P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0252 TI-TPA0252_07 Datasheet
800Kb / 32P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0252 TI1-TPA0252_16 Datasheet
929Kb / 35P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0132 TI-TPA0132 Datasheet
449Kb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA0142 TI-TPA0142 Datasheet
455Kb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
logo
Eutech Microelectronics...
EUA6029 EUTECH-EUA6029 Datasheet
673Kb / 16P
   2.5-W Stereo Audio Power Amplifier with Advanced DC Volume Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com