データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA0242 データシート(PDF) 4 Page - Texas Instruments

部品番号 TPA0242
部品情報  STEREO 2.8-W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL AND MUX CONTROL
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPA0242 データシート(HTML) 4 Page - Texas Instruments

  TPA0242_16 Datasheet HTML 1Page - Texas Instruments TPA0242_16 Datasheet HTML 2Page - Texas Instruments TPA0242_16 Datasheet HTML 3Page - Texas Instruments TPA0242_16 Datasheet HTML 4Page - Texas Instruments TPA0242_16 Datasheet HTML 5Page - Texas Instruments TPA0242_16 Datasheet HTML 6Page - Texas Instruments TPA0242_16 Datasheet HTML 7Page - Texas Instruments TPA0242_16 Datasheet HTML 8Page - Texas Instruments TPA0242_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
www.ti.com
DISSIPATION RATING TABLE
RECOMMENDED OPERATING CONDITIONS
ELECTRICAL CHARACTERISTICS
OPERATING CHARACTERISTICS
TPA0242
SLOS287C – NOVEMBER 1999 – REVISED SEPTEMBER 2004
PACKAGE
TA≤ 25°C
DERATING FACTOR
TA = 70°C
TA = 85°C
PWP
2.7 W(1)
21.8 mW/
°C
1.7 W
1.4 W
(1)
Please see the Texas Instruments document, PowerPAD Thermally Enhanced Package Application
Report (literature number SLMA002), for more information on the PowerPAD package. The thermal
data was measured on a PCB layout based on the information in the section entitled Texas
Instruments Recommended Board for PowerPAD on page 33 of the before mentioned document.
MIN
MAX
UNIT
Supply voltage, VDD
4.5
5.5
V
SE/BTL, HP/LINE
0.8
×V
DD
High-level input voltage, VIH
V
SHUTDOWN
2
SE/BTL, HP/LINE
0.6
×V
DD
Low-level input voltage, VIL
V
SHUTDOWN
0.8
Operating free-air temperature, TA
-40
85
°C
at specified free-air temperature, V
DD = 5 V, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
|VOS|
Output offset voltage (measured differentially)
VI = 0, Av = 2 V/V
35
mV
Supply ripple rejection ratio
VDD = 4.9 V to 5.1 V
67
dB
High-level input current - SHUTDOWN,
|IIH|
VDD = 5.5 V, VI = VDD
900
nA
SE/BTL, HP/LINE, VOLUME
Low-level input current - SHUTDOWN,
|IIL|
VDD = 5.5 V, VI = 0 V
900
nA
SE/BTL, HP/LINE, VOLUME
BTL mode, SHUTDOWN = 2 V, SE/BTL,
20
25
HP/LINE = 0.6
× V
DD
IDD
Supply current
mA
SE mode, SHUTDOWN = 2 V, SE/BTL,
10
12.5
HP/LINE = 0.8
× V
DD
IDD(SD)
Supply current, shutdown mode
SHUTDOWN = 0 V, SE/BTL, HP/LINE = 0 V
150
300
µA
V
DD = 5 V, TA= 25°C, RL = 4Ω , Gain = 2 V/V, BTL mode (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
THD = 10%
2.8
PO
Output power
RL = 3 Ω, f = 1 kHz
W
THD = 1%
2.2
THD+N
Total harmonic distortion plus noise
PO = 1 W, f = 20 Hz to 15 kHz
0.22%
BOM
Maximum output power bandwidth
THD = 5%
>15
kHz
BTL mode
–65
f = 1 kHz,
Supply ripple rejection ratio
dB
C(BYP) = 0.47 µF
SE mode
–60
BTL mode
34
C(BYP) = 0.47 µF,
Vn
Noise output voltage
µVRMS
f = 20 Hz to 20 kHz
SE mode
44
4


同様の部品番号 - TPA0242_16

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA0242PWP TI-TPA0242PWP Datasheet
444Kb / 29P
[Old version datasheet]   STEREO 2-W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL AND MUX CONTROL
More results

同様の説明 - TPA0242_16

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA0132 TI1-TPA0132_15 Datasheet
476Kb / 30P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA0142 TI1-TPA0142_16 Datasheet
492Kb / 32P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA0232 TI-TPA0232 Datasheet
449Kb / 30P
[Old version datasheet]   STEREO 2-W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL AND MUX CONTROL
TPA0242 TI-TPA0242 Datasheet
444Kb / 29P
[Old version datasheet]   STEREO 2-W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL AND MUX CONTROL
TPA0152 TI1-TPA0152_16 Datasheet
967Kb / 36P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0162 TI1-TPA0162_16 Datasheet
972Kb / 36P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0252 TI-TPA0252 Datasheet
493Kb / 29P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0252 TI-TPA0252_07 Datasheet
800Kb / 32P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0252 TI1-TPA0252_16 Datasheet
929Kb / 35P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0132 TI-TPA0132 Datasheet
449Kb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com