データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA0242PWPRG4 データシート(PDF) 11 Page - Texas Instruments

部品番号 TPA0242PWPRG4
部品情報  STEREO 2.8-W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL AND MUX CONTROL
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPA0242PWPRG4 データシート(HTML) 11 Page - Texas Instruments

Back Button TPA0242PWPRG4 Datasheet HTML 7Page - Texas Instruments TPA0242PWPRG4 Datasheet HTML 8Page - Texas Instruments TPA0242PWPRG4 Datasheet HTML 9Page - Texas Instruments TPA0242PWPRG4 Datasheet HTML 10Page - Texas Instruments TPA0242PWPRG4 Datasheet HTML 11Page - Texas Instruments TPA0242PWPRG4 Datasheet HTML 12Page - Texas Instruments TPA0242PWPRG4 Datasheet HTML 13Page - Texas Instruments TPA0242PWPRG4 Datasheet HTML 14Page - Texas Instruments TPA0242PWPRG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
www.ti.com
2
1.5
0
0
8
16
24
32
40
2.5
3
3.5
48
56
64
RL − Load Resistance − Ω
AV = +20 to 0 dB
BTL
1% THD+N
10% THD+N
1
0.5
750
0
0
8
16
1000
1250
1500
24
32
RL − Load Resistance − Ω
AV = +14 to 0 dB
SE
1% THD+N
10% THD+N
500
250
40
48
56
64
0.6
0.4
0.2
0
0
1
1
1.2
1.4
1.5
2.5
0.8
PO − Output Power − W
4
8
f = 1 kHz
BTL
Each Channel
3
1.6
1.8
0.5
2
0.1
0.05
0
0
0.2
0.2
0.25
0.3
0.3
0.8
0.15
PO − Output Power − W
8
32
f = 1 kHz
BTL
Each Channel
4
0.35
0.4
0.1
0.7
0.4
0.5
0.6
TPA0242
SLOS287C – NOVEMBER 1999 – REVISED SEPTEMBER 2004
OUTPUT POWER
OUTPUT POWER
VS
VS
LOAD RESISTANCE
LOAD RESISTANCE
Figure 23.
Figure 24.
POWER DISSIPATION
POWER DISSIPATION
VS
VS
OUTPUT POWER
OUTPUT POWER
Figure 25.
Figure 26.
11


同様の部品番号 - TPA0242PWPRG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA0242PWP TI-TPA0242PWP Datasheet
444Kb / 29P
[Old version datasheet]   STEREO 2-W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL AND MUX CONTROL
More results

同様の説明 - TPA0242PWPRG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA0132 TI1-TPA0132_15 Datasheet
476Kb / 30P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA0142 TI1-TPA0142_16 Datasheet
492Kb / 32P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA0232 TI-TPA0232 Datasheet
449Kb / 30P
[Old version datasheet]   STEREO 2-W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL AND MUX CONTROL
TPA0242 TI-TPA0242 Datasheet
444Kb / 29P
[Old version datasheet]   STEREO 2-W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL AND MUX CONTROL
TPA0152 TI1-TPA0152_16 Datasheet
967Kb / 36P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0162 TI1-TPA0162_16 Datasheet
972Kb / 36P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0252 TI-TPA0252 Datasheet
493Kb / 29P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0252 TI-TPA0252_07 Datasheet
800Kb / 32P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0252 TI1-TPA0252_16 Datasheet
929Kb / 35P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0132 TI-TPA0132 Datasheet
449Kb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com