データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA2032D1YZFR データシート(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPA2032D1YZFR
部品情報  2.75-W FIXED GAIN MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPA2032D1YZFR データシート(HTML) 6 Page - Texas Instruments

Back Button TPA2032D1YZFR Datasheet HTML 2Page - Texas Instruments TPA2032D1YZFR Datasheet HTML 3Page - Texas Instruments TPA2032D1YZFR Datasheet HTML 4Page - Texas Instruments TPA2032D1YZFR Datasheet HTML 5Page - Texas Instruments TPA2032D1YZFR Datasheet HTML 6Page - Texas Instruments TPA2032D1YZFR Datasheet HTML 7Page - Texas Instruments TPA2032D1YZFR Datasheet HTML 8Page - Texas Instruments TPA2032D1YZFR Datasheet HTML 9Page - Texas Instruments TPA2032D1YZFR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
www.ti.com
0
0.2
0.4
0.6
0.8
1
1.2
1.4
0
0.5
1
1.5
2
2.5
3
P
-OutputPower-W
O
V
=5V,R =4
DD
L
W
Class AB4 W
Class AB8 W
V
=5V,R =8
DD
L
W
0
10
20
30
40
50
60
70
80
90
100
0
0.2
0.4
0.6
0.8
1
1.2
1.4
P
-OutputPower-W
O
R =8
L
W, 33
H
V
=5V
DD
V
=2.5V
DD
V
=3.6V
DD
Class AB
0
10
20
30
40
50
60
70
80
90
0
0.5
1
1.5
2
2.5
P
-OutputPower-W
O
V
=2.5V
DD
V
=3.6V
DD
V
=5V
DD
Class AB
R =4
L
W, 33
H
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
PO-OutputPower-W
V
=3.6V,R =4
DD
L
W
V
=3.6V,R =8
DD
L
W
Class AB,4 W
Class AB,8 W
650
600
550
500
450
400
350
300
250
200
150
100
0
V
=3.6V
DD
V
=2.5V
DD
V
=5V
DD
0
0.5
1
1.5
3
2.5
2
P
-OutputPower-W
O
R =4
,33 H
L
W
50
360
320
280
240
200
160
120
80
40
0
V
=3.6V
DD
V
=2.5V
DD
V
=5V
DD
P
-OutputPower-W
O
R =8
,33 H
L
W
0
0.25
0.5
0.75
1
1.25
1.5
1.75
3.6
3.2
2.8
2.4
2
1.6
1.2
0.4
0
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
V
=2.5V
DD
V
=5V
DD
V
=3.6V
DD
ShutdownVoltage-V
R =NoLoad
L
0.8
2
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
2.5
3
3.5
4
4.5
5
5.5
V
-SupplyVoltage-V
DD
R =8
,33 H
L
W
m
R =8
L
W
NoLoad
0
0.5
1
1.5
2
2.5
3
3.5
4
9
14
19
24
29
R -LoadResistance-
L
W
V
=3.6V,10%
DD
V
=2.5V,10%
DD
V
=5V,10%
DD
TPA2032D1
TPA2033D1
TPA2034D1
SLOS476 – JUNE 2006
EFFICIENCY
EFFICIENCY
POWER DISSIPATION
vs
vs
vs
OUTPUT POWER
OUTPUT POWER
OUTPUT POWER
Figure 1.
Figure 2.
Figure 3.
POWER DISSIPATION
SUPPLY CURRENT
SUPPLY CURRENT
vs
vs
vs
OUTPUT POWER
OUTPUT POWER
OUTPUT POWER
Figure 4.
Figure 5.
Figure 6.
SUPPLY CURRENT
SHUTDOWN CURRENT
OUTPUT POWER
vs
vs
vs
SUPPLY VOLTAGE
SHUTDOWN VOLTAGE
LOAD RESISTANCE
Figure 7.
Figure 8.
Figure 9.
6
Submit Documentation Feedback


同様の部品番号 - TPA2032D1YZFR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA2032D1YZF TI1-TPA2032D1YZF Datasheet
1Mb / 19P
[Old version datasheet]   2.75-W FIXED GAIN MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results

同様の説明 - TPA2032D1YZFR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA2032D1 TI-TPA2032D1 Datasheet
867Kb / 17P
[Old version datasheet]   2.75-W FIXED GAIN MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2034D1YZFR TI1-TPA2034D1YZFR Datasheet
1Mb / 19P
[Old version datasheet]   2.75-W FIXED GAIN MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2035D1 TI-TPA2035D1 Datasheet
993Kb / 20P
[Old version datasheet]   2.75-W FIXED GAIN MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA3000D1 TI-TPA3000D1 Datasheet
262Kb / 19P
[Old version datasheet]   17-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1 Datasheet
415Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2005D1-Q1 TI-TPA2005D1-Q1 Datasheet
867Kb / 24P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2005D1DRBRG4 TI1-TPA2005D1DRBRG4 Datasheet
1Mb / 32P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1_15 Datasheet
1,018Kb / 25P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2031D1 TI-TPA2031D1 Datasheet
785Kb / 24P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1_06 Datasheet
591Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com