データシートサーチシステム |
|
TPA2034D1YZFT データシート(PDF) 1 Page - Texas Instruments |
|
|
TPA2034D1YZFT データシート(HTML) 1 Page - Texas Instruments |
1 / 19 page www.ti.com FEATURES APPLICATIONS DESCRIPTION APPLICATION CIRCUIT _ + IN− IN+ PWM H− Bridge VO− VO+ Internal Oscillator ToBattery VDD GND Bias Circuitry Differential Input TPA2032D1 SHUTDOWN A1 A2 A3 B1 B2 B3 C1 C2 C3 IN+ GND VO− VDD PVDD PGND IN− SHUTDWN VO+ 1,4 mm 9-BALLWAFERCHIPSCALE,YZFPACKAGE, (TOPVIEWOFPCB) Note:PinA1ismarkedwitha “0” . 1,55mm 1,4mm 1,55mm TPA 203xD1 ~ 2,5 mm C S C S TPA2032D1 TPA2033D1 TPA2034D1 SLOS476 – JUNE 2006 2.75-W FIXED GAIN MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER • Wafer Chip Scale Packaging (WCSP) • Maximize Battery Life and Minimize Heat – NanoFree™ Lead-Free (Pb-Free: YZF) – 0.5- µA Shutdown Current – 3.0-mA Quiescent Current • Ideal for Wireless Handsets, PDAs, and other – High Efficiency Class-D mobile devices • 88% at 400mW at 8Ω • 80% at 100mW at 8Ω • Three Fixed Gain Versions The TPA2032D1 (2V/V gain), TPA2033D1 (3V/V gain), and TPA2034D1 (4V/V gain) are 2.75-W high – TPA2032D1 has a gain of 2 V/V (6dB) efficiency filter-free class-D audio power amplifiers, – TPA2033D1 has a gain of 3 V/V (9.5dB) each in an approximately 1.5-mm × 1.5-mm wafer – TPA2034D1 has a gain of 4 V/V (12dB) chip scale package (WCSP) that requires only one • Only One External Component Required external component. The pinout is the same as the TPA2010D1 except that the external gain setting – Internal Matched Input Gain and Feedback input resistors required by the TPA2010D1 are Resistors for Excellent PSRR and CMRR integrated into the fixed gain TPA203xD1 family. – Optimized PWM Output Stage Eliminates Features like –75dB PSRR and improved LC Output Filter RF-rectification immunity with a very small PCB – PSRR (–75 dB) and Wide Supply Voltage footprint (WCSP amplifier plus single decoupling (2.5 V to 5.5 V) Eliminates Need for a cap) make the TPA203xD1 family ideal for wireless Dedicated Voltage Regulator handsets. A fast start-up time of 3.2 ms with minimal pop makes the TPA203xD1 family ideal for PDA – Fully Differential Design Reduces RF applications. Rectification and Eliminates Bypass Capacitor In wireless handsets, the earpiece, speaker phone, – CMRR (–69 dB)Eliminates Two Input and melody ringer can each be driven by a TPA203xD1. The TPA203xD1 family has a low Coupling Capacitors 27- µV noise floor, A-weighted. • Thermal and Short-Circuit Protection • Pinout Very Similar to TPA2010D1 Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. NanoFree is a trademark of Texas Instruments. PRODUCTION DATA information is current as of publication date. Copyright © 2006, Texas Instruments Incorporated Products conform to specifications per the terms of the Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. |
同様の部品番号 - TPA2034D1YZFT |
|
同様の説明 - TPA2034D1YZFT |