データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA3121D2PWPR データシート(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPA3121D2PWPR
部品情報  15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3121D2PWPR データシート(HTML) 4 Page - Texas Instruments

  TPA3121D2PWPR Datasheet HTML 1Page - Texas Instruments TPA3121D2PWPR Datasheet HTML 2Page - Texas Instruments TPA3121D2PWPR Datasheet HTML 3Page - Texas Instruments TPA3121D2PWPR Datasheet HTML 4Page - Texas Instruments TPA3121D2PWPR Datasheet HTML 5Page - Texas Instruments TPA3121D2PWPR Datasheet HTML 6Page - Texas Instruments TPA3121D2PWPR Datasheet HTML 7Page - Texas Instruments TPA3121D2PWPR Datasheet HTML 8Page - Texas Instruments TPA3121D2PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
TPA3121D2
SLOS537B – MAY 2008 – REVISED JANUARY 2014
www.ti.com
DC CHARACTERISTICS
TA = 25°C, VCC = 24 V, RL =8Ω (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Class-D output offset voltage
| VOS |
(measured differentially in BTL
VI = 0 V, AV = 36 dB
7.5
50
mV
mode as shown in Figure 36)
V(BYPASS)
Bypass output voltage
No load
AVCC/8
V
ICC(q)
Quiescent supply current
SD = 2 V, MUTE = 0 V, no load
16
30
mA
ICC(q)
Quiescent supply current in
MUTE = 0.8 V, no load
16
mA
mute mode
ICC(q)
Quiescent supply current in
SD = 0.8 V, no load
0.39
1
mA
shutdown mode
rDS(on)
Drain-source on-state
450
210
m
resistance
GAIN0 = 0.8 V
18
20
22
GAIN1 = 0.8 V
GAIN0 = 2 V
24
26
28
G
Gain
dB
GAIN0 = 0.8 V
30
32
34
GAIN = 2 V
GAIN0 = 2 V
34
36
38
Mute attenuation
VI = 1 Vrms
-75
dB
AC CHARACTERISTICS
TA = 25°C, VCC = 24 V, RL = 8Ω (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC = 24, Vripple = 200 mVPP
100 Hz
–48
ksvr
Supply ripple rejection
dB
Gain = 20 dB
1 kHz
–52
Output power at 1% THD+N
VCC = 24 V, f = 1 kHz
8
PO
W
Output power at 10% THD+N
VCC = 24 V, f = 1 kHz
10
Total harmonic distortion +
f = 1 kHz, PO = 5 W
0.04%
THD+N
noise
125
μV
20 Hz to 22 kHz, A-weighted filter,
Vn
Output integrated noise floor
Gain = 20 dB
–78
dBV
Crosstalk
PO = 1 W, f = 1 kHz; gain = 20 dB
–70
dB
Max output at THD+N < 1%, f = 1 kHz,
SNR
Signal-to-noise ratio
92
dB
gain = 20 dB
Thermal trip point
150
°C
Thermal hysteresis
30
°C
fOSC
Oscillator frequency
250
300
350
kHz
Δt mute
Mute delay
Time from mute input switches high until
120
msec
outputs muted
Δt unmute
Unmute delay
Time from mute input switches low until
120
msec
outputs unmuted
4
Submit Documentation Feedback
Copyright © 2008–2014, Texas Instruments Incorporated
Product Folder Links: TPA3121D2


同様の部品番号 - TPA3121D2PWPR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA3121D2PWPR TI-TPA3121D2PWPR Datasheet
640Kb / 27P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results

同様の説明 - TPA3121D2PWPR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA3124D2 TI1-TPA3124D2_16 Datasheet
805Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3121D2 TI-TPA3121D2 Datasheet
875Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3122D2 TI1-TPA3122D2_14 Datasheet
492Kb / 22P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3107D2 TI1-TPA3107D2_16 Datasheet
1Mb / 33P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3122D2 TI-TPA3122D2_15 Datasheet
423Kb / 21P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3124D2 TI-TPA3124D2 Datasheet
874Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3107D2 TI-TPA3107D2 Datasheet
751Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3121D2 TI-TPA3121D2_15 Datasheet
1,013Kb / 32P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3107D2 TI-TPA3107D2_07 Datasheet
805Kb / 36P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3122D2 TI-TPA3122D2 Datasheet
416Kb / 20P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com