データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA3136D2 データシート(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPA3136D2
部品情報  TPA3136D2 10-W Inductor Free Stereo (BTL) Class-D Audio Amplifier with Ultra Low EMI
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3136D2 データシート(HTML) 7 Page - Texas Instruments

Back Button TPA3136D2 Datasheet HTML 3Page - Texas Instruments TPA3136D2 Datasheet HTML 4Page - Texas Instruments TPA3136D2 Datasheet HTML 5Page - Texas Instruments TPA3136D2 Datasheet HTML 6Page - Texas Instruments TPA3136D2 Datasheet HTML 7Page - Texas Instruments TPA3136D2 Datasheet HTML 8Page - Texas Instruments TPA3136D2 Datasheet HTML 9Page - Texas Instruments TPA3136D2 Datasheet HTML 10Page - Texas Instruments TPA3136D2 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
Frequency (Hz)
0.001
0.01
0.1
1
10
20
20k
100
1k
10k
50
200
500
2k
5k
D001
1W
2.5W
5W
Frequency (Hz)
0.001
0.01
0.1
1
10
20
20k
100
1k
10k
50
200
500
2k
5k
D002
1W
2.5W
5W
7
TPA3136D2
www.ti.com
SLOS938B – MAY 2016 – REVISED JUNE 2016
Product Folder Links: TPA3136D2
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
AC CHARACTERISTICS, TA = 25°C, AVCC = PVCC = 12 V, RL = 6 Ω, using the TPA3136D2 EVM which is available at ti.com. (unless otherwise noted)
PSRR
Power supply ripple rejection
200-mVPP ripple at 1 kHz,
Gain = 26 dB, Inputs ac-coupled to GND
–65
dB
PO
Continuous output power
THD+N = 10%, f = 1 kHz
10
W
PO
Continuous output power
THD+N = 10%, f = 1 kHz, PVCC = 13 V, RL = 8 Ω
10
W
PO
Continuous output power, PBTL (mono)
THD+N = 10%, f = 1 kHz, PVCC = 13 V, RL = 4 Ω
20
W
THD+N
Total harmonic distortion + noise
f = 1 kHz, PO = 5 W (half-power)
0.06%
Vn
Output integrated noise
20 Hz to 22 kHz, A-weighted filter, Gain = 26 dB
91
µV
–81
dBV
Crosstalk
VO = 1 Vrms, Gain = 26 dB, f = 1 kHz
–75
dB
SNR
Signal-to-noise ratio
Maximum output at THD+N < 1%, f = 1 kHz,
Gain = 26 dB, A-weighted
102
dB
OTE
Thermal trip point
150
°C
Thermal hysteresis
15
°C
7.6 Switching Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
MIN
NOM
MAX
UNIT
fOSC, SS
Oscillator frequency, Spread Spectrum ON
255
315
355
kHz
7.7 Typical Characteristics
All Measurements taken at 26dB closed loop gain, 1-kHz audio, T A= 25°C unless otherwise noted. Measurements were
made with AES17 filter using the TPA3136D2 EVM, which is available at ti.com.
AVCC=PVCC = 12 V, Load = 6
Ω + 47 µH, 1 W, 2.5 W, 5 W
Figure 1. Total Harmonic Distortion vs Frequency (BTL)
AVCC=PVCC = 13 V, Load = 8
Ω + 66 µH, 1 W, 2.5 W, 5 W
Figure 2. Total Harmonic Distortion vs Frequency (BTL)


同様の部品番号 - TPA3136D2

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA3136D2 TI1-TPA3136D2 Datasheet
1Mb / 35P
[Old version datasheet]   10-W Inductor Free Stereo (BTL) Class-D Audio Amplifier with Ultra Low EMI
TPA3136D2PWP TI1-TPA3136D2PWP Datasheet
1Mb / 35P
[Old version datasheet]   10-W Inductor Free Stereo (BTL) Class-D Audio Amplifier with Ultra Low EMI
TPA3136D2PWPR TI1-TPA3136D2PWPR Datasheet
1Mb / 35P
[Old version datasheet]   10-W Inductor Free Stereo (BTL) Class-D Audio Amplifier with Ultra Low EMI
TPA3136D2 TI1-TPA3136D2_17 Datasheet
1Mb / 35P
[Old version datasheet]   10-W Inductor Free Stereo (BTL) Class-D Audio Amplifier with Ultra Low EMI
More results

同様の説明 - TPA3136D2

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA3136D2 TI1-TPA3136D2_17 Datasheet
1Mb / 35P
[Old version datasheet]   10-W Inductor Free Stereo (BTL) Class-D Audio Amplifier with Ultra Low EMI
TPA3140D2 TI1-TPA3140D2 Datasheet
1Mb / 40P
[Old version datasheet]   10-W Inductor Free Stereo (BTL) Class-D Audio Amplifier
TPA3137D2 TI1-TPA3137D2 Datasheet
1Mb / 35P
[Old version datasheet]   TPA3137D2 6-W Inductor Free Stereo (BTL) Class-D Audio Amplifier with Ultra Low EMI
TPA3140D2 TI-TPA3140D2_15 Datasheet
1Mb / 40P
[Old version datasheet]   TPA3140D2 10-W Inductor Free Stereo (BTL) Class-D Audio Amplifier with Ultra Low EMI and AGL
TPA3144D2 TI-TPA3144D2_15 Datasheet
1Mb / 40P
[Old version datasheet]   TPA3144D2 6-W Inductor Free Stereo (BTL) Class-D Audio Amplifier with Ultra Low EMI and AGL
TPA3144D2 TI1-TPA3144D2 Datasheet
1Mb / 40P
[Old version datasheet]   6-W Inductor Free Stereo (BTL) Class-D Audio Amplifier
logo
Eutech Microelectronics...
EUA2380 EUTECH-EUA2380 Datasheet
98Kb / 1P
   10-W Inductor Free Stereo Audio Amplifier with Low EMI
logo
Texas Instruments
TPA3138D2 TI1-TPA3138D2 Datasheet
970Kb / 35P
[Old version datasheet]   10-W, 3.5-V to 14.4-V, Inductor Less, Analog Input, Stereo, Class-D Audio Amplifier with Ultra Low EMI
TPA032D02 TI-TPA032D02 Datasheet
329Kb / 23P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3008D2 TI-TPA3008D2_07 Datasheet
731Kb / 29P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com